Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GS6042 Datasheet(PDF) 5 Page - Gennum Corporation

No. de pieza GS6042
Descripción Electrónicos  Automatic cable equalization
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GENNUM [Gennum Corporation]
Página de inicio  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS6042 Datasheet(HTML) 5 Page - Gennum Corporation

  GS6042 Datasheet HTML 1Page - Gennum Corporation GS6042 Datasheet HTML 2Page - Gennum Corporation GS6042 Datasheet HTML 3Page - Gennum Corporation GS6042 Datasheet HTML 4Page - Gennum Corporation GS6042 Datasheet HTML 5Page - Gennum Corporation GS6042 Datasheet HTML 6Page - Gennum Corporation GS6042 Datasheet HTML 7Page - Gennum Corporation GS6042 Datasheet HTML 8Page - Gennum Corporation GS6042 Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
GS6042
Final Data Sheet
Rev. 3
PDS-060055
May 2014
5 of 21
Proprietary and Confidential
www.semtech.com
8SQ_ADJ
Input
Squelch Threshold Adjust.
Adjusts the input signal amplitude threshold of the carrier detect
function. The serial data output of the device can be muted when
the serial data input signal amplitude is too low by connecting the
CD and OP_CTL pins using a suitable resistor network (see
Figure 4-4 and Figure 4-5).
This pin has an internal pull-down resistor.
Note: The SQ_ADJ function is only available when the device is not
configured for auto-sleep mode. Reference Section 4.5 for more
detail.
9OP_CTL
Input
Output Swing, De-emphasis and Mute Control.
When this pin is connected to GND, the output swing is 850mVppd
with no de-emphasis applied to the output signal.
With this pin connected to +2.5V, the output is muted.
Intermediate voltages and functions are shown in Table 4-5. These
voltages can be achieved as shown in Figure 4-4 and Figure 4-5.
This pin has an internal pull-down resistor.
10, 11
DDO, DDO
Output
Serial digital differential output.
12
VEE_O
Power
Most negative power supply connection for the output buffer.
Connect to ground.
13
VCC_O
Power
Most positive power supply connection for the output buffer.
Connect to 1.2V - 3.3V DC.
14
SLEEP
Input
SLEEP Control.
Please refer to the DC Electrical Characteristics table for logic level
threshold and compatibility. This pin is a +2.5V input that is tolerant
to +3.3V levels.
When HIGH the part is powered-down except for the Carrier Detect
function.
This pin can be connected directly to the CD pin to automatically
put the device to sleep (low-power operation) on loss of carrier.
This pin has an internal pull-down resistor.
Note: When SLEEP is connected to CD for automatic power
reduction on loss of carrier, the SQ_ADJ pin will not modify the CD
threshold. The CD threshold will revert to the default value used
when SQ_ADJ is pulled LOW.
15
CD
Output
Carrier Detect Status Output.
Please refer to the DC Electrical Characteristics table for logic level
threshold and compatibility. This pin is a +2.5V output.
Indicates presence of an input signal. When the CD pin is LOW, a
signal has been detected at the input. When this pin is HIGH, this
indicates loss of input signal.
16
VCC_A
Power
Most positive power supply connection for the input buffer, core
and control circuits.
Connect to +3.3V DC.
Center Pad
Power
Internally bonded to VEE_A.
Connect to GND with at least 5 vias.
Table 1-1: GS6042 Pin Descriptions (Continued)
Pin Number
Name
Type
Description


Número de pieza similar - GS6042

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Semtech Corporation
GS6042 SEMTECH-GS6042 Datasheet
1,018Kb / 21P
   6G UHD-SDI/3G/HD/SD Adaptive Cable Equalizer
More results

Descripción similar - GS6042

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Gennum Corporation
GS9024 GENNUM-GS9024 Datasheet
148Kb / 8P
   Automatic Cable Equalizer
GS9024 GENNUM-GS9024_05 Datasheet
298Kb / 16P
   Automatic Cable Equalizer
GS9024C GENNUM-GS9024C Datasheet
496Kb / 8P
   Automatic Cable Equalizer
logo
Carl Kammerling Interna...
T1260 CARL-T1260 Datasheet
103Kb / 1P
   Automatic Cable & Wire Stripper
27 Jun 2019 10:25AM
logo
Pericom Semiconductor C...
PI3EQX8904 PERICOM-PI3EQX8904 Datasheet
604Kb / 1P
   Linear Equalization
PI3EQX8908A PERICOM-PI3EQX8908A Datasheet
2Mb / 1P
   Linear Equalization
PI3EQX10904 PERICOM-PI3EQX10904 Datasheet
606Kb / 1P
   Linear Equalization
PI3EQX12908A PERICOM-PI3EQX12908A Datasheet
785Kb / 1P
   Linear Equalization
PI3EQX10908A PERICOM-PI3EQX10908A Datasheet
2Mb / 1P
   Linear Equalization
PI3EQX12902B PERICOM-PI3EQX12902B Datasheet
965Kb / 1P
   Linear Equalization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com