Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS51231 Datasheet(PDF) 8 Page - Gennum Corporation

No. de pieza TS51231
Descripción Electrónicos  Wireless power systems up to 5W output
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GENNUM [Gennum Corporation]
Página de inicio  http://www.gennum.com
Logo GENNUM - Gennum Corporation

TS51231 Datasheet(HTML) 8 Page - Gennum Corporation

Back Button TS51231 Datasheet HTML 2Page - Gennum Corporation TS51231 Datasheet HTML 3Page - Gennum Corporation TS51231 Datasheet HTML 4Page - Gennum Corporation TS51231 Datasheet HTML 5Page - Gennum Corporation TS51231 Datasheet HTML 6Page - Gennum Corporation TS51231 Datasheet HTML 7Page - Gennum Corporation TS51231 Datasheet HTML 8Page - Gennum Corporation TS51231 Datasheet HTML 9Page - Gennum Corporation TS51231 Datasheet HTML 10Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
TS51231
Final Datasheet
Rev 1.0
March 27, 2015
www.semtech.com
8 of 10
Semtech
Proprietary & Confidential
Recommended PCB Land Pattern
Units
Millimeters
Dimensions Limits
MIN
NOM
MAX
Contact Pitch
E
0.50 BSC
Optional Center Pad Width
W2
-
-
1.70
Optional Center Pad Length
T2
-
-
1.70
Contact Pad Spacing
C1
-
3.00
-
Contact Pad Spacing
C2
-
3.00
-
Contact Pad Width (X16)
X1
-
-
0.35
Contact Pad Length (X16)
Y1
-
-
0.65
Distance Between Pads
G
0.15
-
-
RECOMMENDED
LAND PATTERN
Silk Screen
Notes:
Dimensions and tolerances per ASME Y14.5M.
BSC: Basic Dimension. Theoretically exact values shown without tolerances.
REF: Reference Dimension, usually without tolerance, for information only


Número de pieza similar - TS51231

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Semtech Corporation
TS51231 SEMTECH-TS51231 Datasheet
442Kb / 10P
   High Efficiency Transmitter Driver for Wireless Power Systems
TS51231-QFNR SEMTECH-TS51231-QFNR Datasheet
442Kb / 10P
   High Efficiency Transmitter Driver for Wireless Power Systems
More results

Descripción similar - TS51231

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Shenzhen Huazhimei Semi...
HM2007 HMSEMI-HM2007 Datasheet
830Kb / 9P
   Wireless Charger for 5W to 20W Systems
logo
Renesas Technology Corp
P9235A-RB RENESAS-P9235A-RB Datasheet
537Kb / 22P
   Wireless Power Transmitter for up to 5W Applications
November 9, 2021
logo
TT Electronics.
LRMA3920 TTELEC-LRMA3920 Datasheet
669Kb / 4P
   Standard power rating up to 5W
logo
Integrated Device Techn...
P9025AC IDT-P9025AC Datasheet
419Kb / 20P
   5W, Qi Wireless Power Receiver
logo
Linear Technology
LTC4125 LINER-LTC4125 Datasheet
454Kb / 28P
   5W AutoResonant Wireless Power Transmitter
logo
MicroPower Direct, LLC
MPM-05M MPD-MPM-05M Datasheet
929Kb / 4P
   5W Output Power
logo
Shenzhen Huazhimei Semi...
HM9305B HMSEMI-HM9305B Datasheet
296Kb / 3P
   5W output power
logo
MicroPower Direct, LLC
MPM-05S MPD-MPM-05S Datasheet
398Kb / 2P
   5W Output Power
MPM-05SMM MPD-MPM-05SMM Datasheet
547Kb / 2P
   5W Output Power
MPM-05SV MPD-MPM-05SV Datasheet
827Kb / 4P
   5W Output Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com