Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL23415UFRUZ-T7A Datasheet(PDF) 2 Page - Intersil Corporation

No. de pieza ISL23415UFRUZ-T7A
Descripción Electrónicos  Single, Low Voltage Digitally Controlled Potentiometer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL23415UFRUZ-T7A Datasheet(HTML) 2 Page - Intersil Corporation

  ISL23415UFRUZ-T7A Datasheet HTML 1Page - Intersil Corporation ISL23415UFRUZ-T7A Datasheet HTML 2Page - Intersil Corporation ISL23415UFRUZ-T7A Datasheet HTML 3Page - Intersil Corporation ISL23415UFRUZ-T7A Datasheet HTML 4Page - Intersil Corporation ISL23415UFRUZ-T7A Datasheet HTML 5Page - Intersil Corporation ISL23415UFRUZ-T7A Datasheet HTML 6Page - Intersil Corporation ISL23415UFRUZ-T7A Datasheet HTML 7Page - Intersil Corporation ISL23415UFRUZ-T7A Datasheet HTML 8Page - Intersil Corporation ISL23415UFRUZ-T7A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ISL23415
2
FN7780.2
September 14, 2015
Submit Document Feedback
Block Diagram
LEVEL
SHIFTER
VCC
RH
GND
RL
RW
SCK
SDI
SDO
CS
POWER-UP
INTERFACE,
CONTROL
AND
STATUS
LOGIC
WR
VOLATILE
REGISTER
AND
WIPER
CONTROL
CIRCUITRY
VLOGIC
I/O BLOCK
Pin Configurations
ISL23415
(10 LD MSOP)
TOP VIEW
ISL23415
(10 LD µTQFN)
TOP VIEW
1
2
3
4
5
6
10
9
8
7
SDO
VLOGIC
CS
SDI
GND
SCK
RL
RW
RH
VCC
O
9
8
7
6
1
2
3
4
CS
VCC
RH
GND
SCK
SDI
SDO
O
RW
Pin Descriptions
MSOP
µTQFN
SYMBOL
DESCRIPTION
110
VLOGIC
SPI bus/logic supply.
Range 1.2V to 5.5V
2
1
SCK
Logic Pin - Serial bus clock input
3
2
SDO
Logic Pin - Serial bus data output
(configurable)
4
3
SDI
Logic Pin - Serial bus data input
5
4
CS
Logic Pin - Active low Chip Select
65
RL
DCP “low” terminal
76
RW
DCP wiper terminal
8
7
RH
DCP “high” terminal
98
VCC
Analog power supply.
Range 1.7V to 5.5V
10
9
GND
Ground pin


Número de pieza similar - ISL23415UFRUZ-T7A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL23415UFRUZ-T7A INTERSIL-ISL23415UFRUZ-T7A Datasheet
941Kb / 19P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23415UFRUZ-T7A INTERSIL-ISL23415UFRUZ-T7A Datasheet
977Kb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
ISL23415UFRUZ-T7A RENESAS-ISL23415UFRUZ-T7A Datasheet
1Mb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
More results

Descripción similar - ISL23415UFRUZ-T7A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL23315 INTERSIL-ISL23315_11 Datasheet
980Kb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer
ISL23315 INTERSIL-ISL23315 Datasheet
834Kb / 19P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23415 INTERSIL-ISL23415 Datasheet
941Kb / 19P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23415 INTERSIL-ISL23415_11 Datasheet
977Kb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23315TFUZ INTERSIL-ISL23315TFUZ Datasheet
820Kb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer(XDCP??
August 12, 2015
logo
Renesas Technology Corp
ISL23315 RENESAS-ISL23315 Datasheet
1Mb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23415 RENESAS-ISL23415 Datasheet
1Mb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
X9428 INTERSIL-X9428 Datasheet
349Kb / 20P
   Single Digitally Controlled Potentiometer
logo
Xicor Inc.
X9111 XICOR-X9111 Datasheet
156Kb / 21P
   Single Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9428 INTERSIL-X9428_06 Datasheet
315Kb / 21P
   Single Digitally Controlled Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com