Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMP2021 Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza LMP2021
Descripción Electrónicos  LMP202x Zero-Drift, Low-Noise, EMI-Hardened Amplifiers
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LMP2021 Datasheet(HTML) 1 Page - Texas Instruments

  LMP2021_15 Datasheet HTML 1Page - Texas Instruments LMP2021_15 Datasheet HTML 2Page - Texas Instruments LMP2021_15 Datasheet HTML 3Page - Texas Instruments LMP2021_15 Datasheet HTML 4Page - Texas Instruments LMP2021_15 Datasheet HTML 5Page - Texas Instruments LMP2021_15 Datasheet HTML 6Page - Texas Instruments LMP2021_15 Datasheet HTML 7Page - Texas Instruments LMP2021_15 Datasheet HTML 8Page - Texas Instruments LMP2021_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
-
+
1/2
LMP2022
0.1 PF
-
+
1/2
LMP2022
0.1 PF
5.1 k:
0.1%
5.1 k:
0.1%
200:
200:
280:
VA
VA
+
-
VA
LMP2021
ADC161S626
+
VR = 1/2 VA
-
1 k:
1 k:
R3
R4
R1
R2
VA
EMI
180:
470 pF
VA = 5V
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LMP2021, LMP2022
SNOSAY9F – SEPTEMBER 2008 – REVISED DECEMBER 2014
LMP202x Zero-Drift, Low-Noise, EMI-Hardened Amplifiers
1 Features
3 Description
The LMP2021 and LMP2022 are single and dual
1
(Typical Values, TA = 25°C, VS = 5 V)
precision operational amplifiers offering ultra low input
Input Offset Voltage (Typical)
−0.4 µV
offset voltage, near zero input offset voltage drift, very
Input Offset Voltage (Max) ±5 µV
low input voltage noise and very high open loop gain.
They are part of the LMP™ precision family and are
Input Offset Voltage Drift (Typical) –0.004 µV/°C
ideal for instrumentation and sensor interfaces.
Input Offset Voltage Drift (Max) ±0.02 µV/°C
The LMP202x has only 0.004 µV/°C of input offset
Input Voltage Noise, AV = 1000 11 nV/√Hz
voltage drift, and 0.4 µV of input offset voltage. These
Open Loop Gain 160 dB
attributes provide great precision in high accuracy
CMRR 139 dB
applications.
PSRR 130 dB
The proprietary continuous auto zero correction
Supply Voltage Range 2.2 V to 5.5 V
circuitry ensures impressive CMRR and PSRR,
removes the 1/f noise component, and eliminates the
Supply Current (per Amplifier) 1.1 mA
need for calibration in many circuits.
Input Bias Current ±25 pA
With only 260 nVPP (0.1 Hz to 10 Hz) of input voltage
GBW 5 MHz
noise and no 1/f noise component, the LMP202x are
Slew Rate 2.6 V/µs
suitable for low frequency applications such as
Operating Temperature Range
−40°C to 125°C
industrial precision weigh scales. The extremely high
open loop gain of 160 dB drastically reduces gain
5-Pin SOT-23, 8-Pin VSSOP and 8-Pin SOIC
error in high gain applications. With ultra precision
Packages
DC specifications and very low noise, the LMP202x
are ideal for position sensors, bridge sensors,
2 Applications
pressure sensors, medical equipment and other high
Precision Instrumentation Amplifiers
accuracy applications with very low error budgets.
Battery Powered Instrumentation
The LMP2021 is offered in 5-Pin SOT-23 and 8-Pin
Thermocouple Amplifiers
SOIC packages. The LMP2022 is offered in 8-Pin
VSSOP and 8-Pin SOIC packages.
Bridge Amplifiers
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SOIC (8)
4.90 mm x 3.91 mm
LMP2021
SOT-23 (5)
2.90 mm x 1.60 mm
SOIC (8)
4.90 mm x 3.91 mm
LMP2022
VSSOP (8)
3.00 mm x 3.00 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Bridge Amplifier
The LMP202x support systems with up to 24 bits of accuracy.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Número de pieza similar - LMP2021_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMP2021 TI-LMP2021_15 Datasheet
1Mb / 37P
[Old version datasheet]   LMP202x Zero-Drift, Low-Noise, EMI-Hardened Amplifiers
More results

Descripción similar - LMP2021_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMP2021 TI-LMP2021_15 Datasheet
1Mb / 37P
[Old version datasheet]   LMP202x Zero-Drift, Low-Noise, EMI-Hardened Amplifiers
LMP2021 TI1-LMP2021 Datasheet
1Mb / 37P
[Old version datasheet]   Zero-Drift, Low-Noise, EMI-Hardened Amplifiers
logo
National Semiconductor ...
LMP2021 NSC-LMP2021 Datasheet
702Kb / 20P
   Zero Drift, Low Noise, EMI Hardened Amplifiers
logo
Texas Instruments
LMP2021MA TI-LMP2021MA Datasheet
1Mb / 31P
[Old version datasheet]   LMP2021/LMP2022 Zero Drift, Low Noise, EMI Hardened Amplifiers
LMP2021 TI1-LMP2021_14 Datasheet
1Mb / 31P
[Old version datasheet]   LMP2021/LMP2022 Zero Drift, Low Noise, EMI Hardened Amplifiers
logo
Linear Technology
LTC2054 LINER-LTC2054 Datasheet
199Kb / 12P
   Low Power Zero-Drift Operational Amplifiers
logo
Asahi Kasei Microsystem...
AK2929T AKM-AK2929T Datasheet
264Kb / 8P
   Zero Drift operational amplifiers
AK2921T AKM-AK2921T Datasheet
563Kb / 15P
   Zero Drift operational amplifiers
logo
Texas Instruments
OPA4188 TI1-OPA4188 Datasheet
1Mb / 35P
[Old version datasheet]   Zero-Drift Operational Amplifiers
logo
Asahi Kasei Microsystem...
AK2920T AKM-AK2920T Datasheet
345Kb / 15P
   Zero Drift operational amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com