Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

2SC5353G-TF3-T Datasheet(PDF) 1 Page - Unisonic Technologies

No. de Pieza. 2SC5353G-TF3-T
Descripción  HIGH VOLTAGE NPN TRANSISTOR
Descarga  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  UTC [Unisonic Technologies]
Página de inicio  http://www.utc-ic.com
Logo 

2SC5353G-TF3-T Datasheet(HTML) 1 Page - Unisonic Technologies

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
2SC5353
NPN SILICON TRANSISTOR
HIGH VOLTAGE NPN
TRANSISTOR
DESCRIPTION
Switching Regulator and High Voltage Switching Applications
High-Speed DC-DC Converter Applications
FEATURES
* Excellent switching times: tR = 0.7μs(MAX), tF = 0.5μs (MAX)
* High collectors breakdown voltage: VCEO = 700V
TO-126
TO-220
TO-126C
TO-220F
1
1
1
1
1
TO-220F1
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
2SC5353L-T60-K
2SC5353G-T60-K
TO-126
B
C
E
Bulk
2SC5353L-T6C-K
2SC5353G-T6C-K
TO-126C
B
C
E
Bulk
2SC5353L-TA3-T
2SC5353G-TA3-T
TO-220
B
C
E
Tube
2SC5353L-TF3-T
2SC5353G-TF3-T
TO-220F
B
C
E
Tube
2SC5353L-TF1-T
2SC5353G-TF1-T
TO-220F1
B
C
E
Tube
2SC5353L-T60-T
(1)Packing Type
(2)Package Type
(3)Lead Free
(1) K: Bulk, T: Tube
(2) T60: TO-126, T6C: TO-126C, TA3: TO-220,
TF3: TO-220F, TF1: TO-220F1
(3) L: Lead Free, G: Halogen Free
www.unisonic.com.tw
1 of 4
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R203-031,F


Html Pages

1  2  3  4 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn