Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SY10E016JITR Datasheet(PDF) 2 Page - Micrel Semiconductor

No. de pieza SY10E016JITR
Descripción Electrónicos  8-BIT SYNCHRONOUS BINARY UP COUNTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICREL [Micrel Semiconductor]
Página de inicio  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10E016JITR Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY10E016JITR Datasheet HTML 1Page - Micrel Semiconductor SY10E016JITR Datasheet HTML 2Page - Micrel Semiconductor SY10E016JITR Datasheet HTML 3Page - Micrel Semiconductor SY10E016JITR Datasheet HTML 4Page - Micrel Semiconductor SY10E016JITR Datasheet HTML 5Page - Micrel Semiconductor SY10E016JITR Datasheet HTML 6Page - Micrel Semiconductor SY10E016JITR Datasheet HTML 7Page - Micrel Semiconductor SY10E016JITR Datasheet HTML 8Page - Micrel Semiconductor SY10E016JITR Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
SY10E016
SY100E016
Micrel, Inc.
M9999-032006
hbwhelp@micrel.com or (408) 955-1690
PACKAGE/ORDERING INFORMATION
Ordering Information(1)
Package
Operating
Package
Lead
Part Number
Type
Range
Marking
Finish
SY10E016JI
J28-1
Industrial
SY10E016JI
Sn-Pb
SY10E016JITR(2)
J28-1
Industrial
SY10E016JI
Sn-Pb
SY100E016JI
J28-1
Industrial
SY100E016JI
Sn-Pb
SY100E016JITR(2)
J28-1
Industrial
SY100E016JI
Sn-Pb
SY10E016JC
J28-1
Commercial
SY10E016JC
Sn-Pb
SY10E016JCTR(2)
J28-1
Commercial
SY10E016JC
Sn-Pb
SY100E016JC
J28-1
Commercial
SY100E016JC
Sn-Pb
SY100E016JCTR(2)
J28-1
Commercial
SY100E016JC
Sn-Pb
SY10E016JY(3)
J28-1
Industrial
SY10E016JY with
Matte-Sn
Pb-Free bar-line indicator
SY10E016JYTR(2, 3)
J28-1
Industrial
SY10E016JYwith
Matte-Sn
Pb-Free bar-line indicator
SY100E016JY(3)
J28-1
Industrial
SY100E016JY with
Matte-Sn
Pb-Free bar-line indicator
SY100E016JYTR(2, 3)
J28-1
Industrial
SY100E016JY with
Matte-Sn
Pb-Free bar-line indicator
Notes:
1. Contact factory for die availability. Dice are guaranteed at T
A = 25°C, DC Electricals only.
2. Tape and Reel.
3. Pb-Free package is recommended for new designs.
28-Pin PLCC (J28-1)
VEE
MR
CLK
P0
NC
26
27
28
1
2
3
4
18
17
16
15
14
13
12
25 24 23 22 21 20 19
56789
10 11
P1
TCLD
Q7
PLCC
TOP VIEW
J28-1
Q6
VCC
Q5
VCCO
Q4
Q3


Número de pieza similar - SY10E016JITR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micrel Semiconductor
SY10E101 MICREL-SY10E101 Datasheet
66Kb / 3P
   QUAD 4-INPUT OR/NOR GATE
SY10E101 MICREL-SY10E101 Datasheet
64Kb / 4P
   QUAD 4-INPUT OR/NOR GATE
SY10E101JC MICREL-SY10E101JC Datasheet
66Kb / 3P
   QUAD 4-INPUT OR/NOR GATE
SY10E101JC MICREL-SY10E101JC Datasheet
64Kb / 4P
   QUAD 4-INPUT OR/NOR GATE
SY10E101JCTR MICREL-SY10E101JCTR Datasheet
66Kb / 3P
   QUAD 4-INPUT OR/NOR GATE
More results

Descripción similar - SY10E016JITR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC10E016 ONSEMI-MC10E016 Datasheet
161Kb / 8P
   8-BIT SYNCHRONOUS BINARY UP COUNTER
1996 REV 2
logo
SEMTECH ELECTRONICS LTD...
100E016 SEMTECH_ELEC-100E016 Datasheet
180Kb / 9P
   8-Bit Synchronous Binary Up Counter
logo
ON Semiconductor
MC10EP016 ONSEMI-MC10EP016_16 Datasheet
195Kb / 15P
   ECL 8-Bit Synchronous Binary Up Counter
August, 2007 - Rev. 12
MC10EP016 ONSEMI-MC10EP016 Datasheet
110Kb / 12P
   3.3V / 5VECL 8-Bit Synchronous Binary Up Counter
September, 2002 ??Rev. 10
MC100EP016AMNG ONSEMI-MC100EP016AMNG Datasheet
137Kb / 13P
   3.3 V ECL 8-Bit Synchronous Binary Up Counter
March, 2008 - Rev. 9
MC10E016 ONSEMI-MC10E016_08 Datasheet
181Kb / 12P
   5.0 VECL 8.Bit Synchronous Binary Up Counter
February, 2006 ??Rev. 7
logo
Integrated Circuit Syst...
74HCT40103 ICST-74HCT40103 Datasheet
136Kb / 17P
   8-bit synchronous binary down counter
logo
NXP Semiconductors
74HC40103 PHILIPS-74HC40103 Datasheet
136Kb / 17P
   8-bit synchronous binary down counter
1998 Jul 08
logo
ON Semiconductor
MC100EP016A ONSEMI-MC100EP016A Datasheet
98Kb / 12P
   3.3 V ECL 8-Bit Synchronous Binary Up Counter
May 2004 ??Rev. 4
logo
NXP Semiconductors
74HC40103DB PHILIPS-74HC40103DB Datasheet
144Kb / 25P
   8-bit synchronous binary down counter
Rev. 03-12 November 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com