Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM4890 Datasheet(PDF) 5 Page - Texas Instruments

No. de pieza LM4890
Descripción Electrónicos  1 Watt Audio Power Amplifier
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM4890 Datasheet(HTML) 5 Page - Texas Instruments

  LM4890_15 Datasheet HTML 1Page - Texas Instruments LM4890_15 Datasheet HTML 2Page - Texas Instruments LM4890_15 Datasheet HTML 3Page - Texas Instruments LM4890_15 Datasheet HTML 4Page - Texas Instruments LM4890_15 Datasheet HTML 5Page - Texas Instruments LM4890_15 Datasheet HTML 6Page - Texas Instruments LM4890_15 Datasheet HTML 7Page - Texas Instruments LM4890_15 Datasheet HTML 8Page - Texas Instruments LM4890_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
LM4890
www.ti.com
SNAS138L – SEPTEMBER 2001 – REVISED MAY 2013
Electrical Characteristics VDD = 5V
(1) (2) (3)
The following specifications apply for the circuit shown in Figure 7 unless otherwise specified. Limits apply for TA = 25°C.
LM4890
Units
Parameter
Test Conditions
(Limits)
Typical(4)
Limit(5) (6)
IDD
Quiescent Power Supply Current
VIN = 0V, Io = 0A, No Load
4
8
mA (max)
VIN = 0V, Io = 0A, 8Ω Load
5
10
mA (max)
ISD
Shutdown Current
VSHUTDOWN = 0V
0.1
2.0
µA (max)
VSDIH
Shutdown Voltage Input High
1.2
V (min)
VSDIL
Shutdown Voltage Input Low
0.4
V (max)
VOS
Output Offset Voltage
7
50
mV (max)
ROUT-GND
Resistor Output to GND(7)
9.7
k
Ω (max)
8.5
7.0
k
Ω (min)
Po
Output Power (8
Ω)
THD = 2% (max); f = 1 kHz
1.0
0.8
W
TWU
Wake-up time
170
220
ms (max)
TSD
Thermal Shutdown Temperature
150
°C (min)
170
190
°C (max)
THD+N
Total Harmonic Distortion + Noise
Po = 0.4 Wrms; f = 1kHz
0.1
%
PSRR
Power Supply Rejection Ratio(8)
Vripple = 200mV sine p-p
62 (f = 217Hz)
55
dB (min)
Input Terminated with 10 ohms to
66 (f = 1kHz)
ground
TSDT
Shut Down Time
8
Ω load
1.0
ms (max)
(1)
All voltages are measured with respect to the ground pin, unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which ensure specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not ensured for parameters where no limit is given, however, the typical value is a good indication
of device performance.
(3)
For DSBGA only, shutdown current is measured in a Normal Room Environment. Exposure to direct sunlight will increase ISD by a
maximum of 2µA.
(4)
Typicals are measured at 25°C and represent the parametric norm.
(5)
Limits are specified to TI's AOQL (Average Outgoing Quality Level).
(6)
Datasheet min/max specification limits are specified by design, test, or statistical analysis.
(7)
ROUT is measured from each of the output pins to ground. This value represents the parallel combination of the 10k ohm output
resistors and the two 20k ohm resistors.
(8)
PSRR is a function of system gain. Specifications apply to the circuit in Figure 7 where AV = 2. Higher system gains will reduce PSRR
value by the amount of gain increase. A system gain of 10 represents a gain increase of 14dB. PSRR will be reduced by 14dB and
applies to all operating voltages.
Electrical Characteristics VDD = 3V
(1) (2) (3)
The following specifications apply for the circuit shown in Figure 7 unless otherwise specified. Limits apply for TA = 25°C.
LM4890
Units
Parameter
Test Conditions
(Limits)
Typical(4)
Limit(5) (6)
IDD
Quiescent Power Supply Current
VIN = 0V, Io = 0A, No Load
3.5
7
mA (max)
VIN = 0V, Io = 0A, 8Ω Load
4.5
9
mA (max)
ISD
Shutdown Current
VSHUTDOWN = 0V
0.1
2.0
µA (max)
VSDIH
Shutdown Voltage Input High
1.2
V(min)
VSDIL
Shutdown Voltage Input Low
0.4
V(max)
(1)
All voltages are measured with respect to the ground pin, unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which ensure specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not ensured for parameters where no limit is given, however, the typical value is a good indication
of device performance.
(3)
For DSBGA only, shutdown current is measured in a Normal Room Environment. Exposure to direct sunlight will increase ISD by a
maximum of 2µA.
(4)
Typicals are measured at 25°C and represent the parametric norm.
(5)
Limits are specified to TI's AOQL (Average Outgoing Quality Level).
(6)
Datasheet min/max specification limits are specified by design, test, or statistical analysis.
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM4890


Número de pieza similar - LM4890_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM48901 TI-LM48901 Datasheet
821Kb / 51P
[Old version datasheet]   Audio Power Amplifier Series
LM48901RL TI-LM48901RL Datasheet
821Kb / 51P
[Old version datasheet]   Audio Power Amplifier Series
LM48901RLX TI-LM48901RLX Datasheet
821Kb / 51P
[Old version datasheet]   Audio Power Amplifier Series
LM48901SQ TI-LM48901SQ Datasheet
821Kb / 51P
[Old version datasheet]   Audio Power Amplifier Series
LM48901SQE TI-LM48901SQE Datasheet
821Kb / 51P
[Old version datasheet]   Audio Power Amplifier Series
More results

Descripción similar - LM4890_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Eutech Microelectronics...
EUA4890 EUTECH-EUA4890 Datasheet
406Kb / 14P
   1 Watt Audio Power Amplifier
logo
List of Unclassifed Man...
HWD2190 ETC1-HWD2190 Datasheet
1Mb / 32P
   1 Watt Audio Power Amplifier
logo
National Semiconductor ...
LM4904 NSC-LM4904 Datasheet
670Kb / 18P
   1 Watt Audio Power Amplifier
LM4907 NSC-LM4907 Datasheet
1Mb / 17P
   1 Watt Audio Power Amplifier
LM4905 NSC-LM4905 Datasheet
686Kb / 17P
   1 Watt Audio Power Amplifier
LM4890 NSC-LM4890 Datasheet
1Mb / 31P
   1 Watt Audio Power Amplifier
LM4903 NSC-LM4903 Datasheet
650Kb / 17P
   1 Watt Audio Power Amplifier
LM4891 NSC-LM4891 Datasheet
733Kb / 20P
   1 Watt Audio Power Amplifier
logo
Texas Instruments
LM4889 TI-LM4889 Datasheet
1Mb / 27P
[Old version datasheet]   1 Watt Audio Power Amplifier
logo
Princeton Technology Co...
PT2301 PTC-PT2301 Datasheet
202Kb / 5P
   1 Watt Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com