Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SY10E016JY Datasheet(PDF) 1 Page - Micrel Semiconductor

No. de pieza SY10E016JY
Descripción Electrónicos  8-BIT SYNCHRONOUS BINARY UP COUNTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICREL [Micrel Semiconductor]
Página de inicio  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10E016JY Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY10E016JY Datasheet HTML 1Page - Micrel Semiconductor SY10E016JY Datasheet HTML 2Page - Micrel Semiconductor SY10E016JY Datasheet HTML 3Page - Micrel Semiconductor SY10E016JY Datasheet HTML 4Page - Micrel Semiconductor SY10E016JY Datasheet HTML 5Page - Micrel Semiconductor SY10E016JY Datasheet HTML 6Page - Micrel Semiconductor SY10E016JY Datasheet HTML 7Page - Micrel Semiconductor SY10E016JY Datasheet HTML 8Page - Micrel Semiconductor SY10E016JY Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
SY10E016
SY100E016
Micrel, Inc.
M9999-032006
hbwhelp@micrel.com or (408) 955-1690
Pin
Function
P0-P7
Parallel Data (Preset) Inputs
Q0-Q7
Data outputs
CE
Count Enable Control Input
PE
Parallel Load Enable Control Input
MR
Master Reset
CLK
Clock
TC
Terminal Count Output
TCLD
TC-Load Control Input
VCCO
VCC to Output
s 700MHz min. count frequency
s Extended 100E VEE range of –4.2V to –5.5V
s 1000ps CLK to Q, TC
s Internal, gated TC feedback
s 8 bits wide
s Fully synchronous counting and TC generation
s Asynchronous Master Reset
s Fully compatible with industry standard 10KH,
100K I/O levels
s Internal 75K
input pulldown resistors
s Fully compatible with Motorola MC10E/100E016
s Available in 28-pin PLCC package
The SY10/100E016 are high-speed synchronous,
presettable and cascadable 8-bit binary counters designed
for use in new, high-performance ECL systems. Architecture
and operation are the same as the Motorola MC10H016 in
the MECL 10KH family, extended to 8 bits, as shown in the
logic diagram.
The counters feature internal feedback of TC, gated by
the TCLD (terminal count load) pin. When TCLD is LOW,
the TC feedback is disabled and counting proceeds
continuously, with TC going LOW to indicate an all-HlGH
state. When TCLD is HIGH, the TC feedback causes the
counter to automatically reload upon TC = LOW, thus
functioning as a programmable counter.
8-BIT SYNCHRONOUS
BINARY UP COUNTER
SY10E016
SY100E016
FEATURES
DESCRIPTION
PIN NAMES
Rev.: G
Amendment: /0
Issue Date:
March 2006


Número de pieza similar - SY10E016JY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micrel Semiconductor
SY10E101 MICREL-SY10E101 Datasheet
66Kb / 3P
   QUAD 4-INPUT OR/NOR GATE
SY10E101 MICREL-SY10E101 Datasheet
64Kb / 4P
   QUAD 4-INPUT OR/NOR GATE
SY10E101JC MICREL-SY10E101JC Datasheet
66Kb / 3P
   QUAD 4-INPUT OR/NOR GATE
SY10E101JC MICREL-SY10E101JC Datasheet
64Kb / 4P
   QUAD 4-INPUT OR/NOR GATE
SY10E101JCTR MICREL-SY10E101JCTR Datasheet
66Kb / 3P
   QUAD 4-INPUT OR/NOR GATE
More results

Descripción similar - SY10E016JY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC10E016 ONSEMI-MC10E016 Datasheet
161Kb / 8P
   8-BIT SYNCHRONOUS BINARY UP COUNTER
1996 REV 2
logo
SEMTECH ELECTRONICS LTD...
100E016 SEMTECH_ELEC-100E016 Datasheet
180Kb / 9P
   8-Bit Synchronous Binary Up Counter
logo
ON Semiconductor
MC10EP016 ONSEMI-MC10EP016_16 Datasheet
195Kb / 15P
   ECL 8-Bit Synchronous Binary Up Counter
August, 2007 - Rev. 12
MC10EP016 ONSEMI-MC10EP016 Datasheet
110Kb / 12P
   3.3V / 5VECL 8-Bit Synchronous Binary Up Counter
September, 2002 ??Rev. 10
MC100EP016AMNG ONSEMI-MC100EP016AMNG Datasheet
137Kb / 13P
   3.3 V ECL 8-Bit Synchronous Binary Up Counter
March, 2008 - Rev. 9
MC10E016 ONSEMI-MC10E016_08 Datasheet
181Kb / 12P
   5.0 VECL 8.Bit Synchronous Binary Up Counter
February, 2006 ??Rev. 7
logo
Integrated Circuit Syst...
74HCT40103 ICST-74HCT40103 Datasheet
136Kb / 17P
   8-bit synchronous binary down counter
logo
NXP Semiconductors
74HC40103 PHILIPS-74HC40103 Datasheet
136Kb / 17P
   8-bit synchronous binary down counter
1998 Jul 08
logo
ON Semiconductor
MC100EP016A ONSEMI-MC100EP016A Datasheet
98Kb / 12P
   3.3 V ECL 8-Bit Synchronous Binary Up Counter
May 2004 ??Rev. 4
logo
NXP Semiconductors
74HC40103DB PHILIPS-74HC40103DB Datasheet
144Kb / 25P
   8-bit synchronous binary down counter
Rev. 03-12 November 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com