Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUK9Y19-75B Datasheet(PDF) 6 Page - NXP Semiconductors

No. de pieza BUK9Y19-75B
Descripción Electrónicos  N-channel TrenchMOS logic level FET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK9Y19-75B Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BUK9Y19-75B_15 Datasheet HTML 2Page - NXP Semiconductors BUK9Y19-75B_15 Datasheet HTML 3Page - NXP Semiconductors BUK9Y19-75B_15 Datasheet HTML 4Page - NXP Semiconductors BUK9Y19-75B_15 Datasheet HTML 5Page - NXP Semiconductors BUK9Y19-75B_15 Datasheet HTML 6Page - NXP Semiconductors BUK9Y19-75B_15 Datasheet HTML 7Page - NXP Semiconductors BUK9Y19-75B_15 Datasheet HTML 8Page - NXP Semiconductors BUK9Y19-75B_15 Datasheet HTML 9Page - NXP Semiconductors BUK9Y19-75B_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
BUK9Y19-75B
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 13 April 2010
6 of 14
NXP Semiconductors
BUK9Y19-75B
N-channel TrenchMOS logic level FET
6.
Characteristics
Table 6.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
V(BR)DSS
drain-source
breakdown voltage
ID =0.25mA; VGS =0V; Tj = 25 °C
75
--V
ID =0.25mA; VGS =0V; Tj = -55 °C
70
-
-
V
VGS(th)
gate-source threshold
voltage
ID =1mA; VDS =VGS; Tj = 175 °C;
see Figure 10; see Figure 11
0.5
--V
ID =1mA; VDS =VGS; Tj =25°C;
see Figure 10; see Figure 11
1.25
1.65
2.15
V
ID =1mA; VDS =VGS; Tj =-55 °C;
see Figure 10; see Figure 11
--2.45
V
IDSS
drain leakage current
VDS =75V; VGS =0V; Tj = 175 °C
-
-
500
µA
VDS =75V; VGS =0V; Tj = 25 °C
-
0.02
1
µA
IGSS
gate leakage current
VDS =0V; VGS =+15 V; Tj = 25 °C
-
2
100
nA
VDS =0V; VGS =-15 V; Tj = 25 °C
-
2
100
nA
RDSon
drain-source on-state
resistance
VGS =4.5 V; ID =20A; Tj = 25 °C
--21
m
VGS =5V; ID =20A; Tj = 175 °C;
see Figure 12
--48
m
VGS =5V; ID =20A; Tj =25 °C;
see Figure 13
-
15.9
19
m
VGS =10V; ID =20A; Tj = 25 °C
-
14.7
18
m
Dynamic characteristics
QG(tot)
total gate charge
ID =20A; VDS =60V; VGS =5V;
Tj =25°C; see Figure 14
-30
-
nC
QGS
gate-source charge
-
4.9
-
nC
QGD
gate-drain charge
-
12
-
nC
Ciss
input capacitance
VGS =0V; VDS =25V; f=1MHz;
Tj =25°C; see Figure 15
-
2322
3096
pF
Coss
output capacitance
-
258
309
pF
Crss
reverse transfer
capacitance
-
107
146
pF
td(on)
turn-on delay time
VDS =30V; RL =1.5 Ω; VGS =5V;
RG(ext) =10 Ω; Tj =25 °C
-13
-
ns
tr
rise time
-
11
-
ns
td(off)
turn-off delay time
-
77
-
ns
tf
fall time
-
21
-
ns
Source-drain diode
VSD
source-drain voltage
IS =20A; VGS =0V; Tj =25°C;
see Figure 16
-
0.85
1.2
V
trr
reverse recovery time
IS =20A; dIS/dt = -100 A/µs;
VGS =-10 V; VDS =30 V; Tj =25°C
-57
-
ns
Qr
recovered charge
-
145
-
nC


Número de pieza similar - BUK9Y19-75B_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUK9Y19-75B NXP-BUK9Y19-75B Datasheet
201Kb / 14P
   N-channel TrenchMOS logic level FET
Rev. 04-13 April 2010
logo
Nexperia B.V. All right...
BUK9Y19-75B NEXPERIA-BUK9Y19-75B Datasheet
754Kb / 14P
   N-channel TrenchMOS logic level FET
Rev. 04 - 13 April 2010
More results

Descripción similar - BUK9Y19-75B_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
PHP152NQ03LTA PHILIPS-PHP152NQ03LTA Datasheet
83Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-05 March 2004
PHB32N06LT NXP-PHB32N06LT Datasheet
376Kb / 11P
   N-channel TrenchMOS logic level FET
Rev. 02-30 November 2009
PHD97NQ03LT NXP-PHD97NQ03LT Datasheet
178Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 01-24 March 2009
PHU78NQ03LT NXP-PHU78NQ03LT Datasheet
184Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 06-15 June 2009
BUK9E2R4-40C NXP-BUK9E2R4-40C Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-11 April 2008
BUK964R2-80E PHILIPS-BUK964R2-80E Datasheet
271Kb / 13P
   N-channel TrenchMOS logic level FET
13 March 2014
BUK961R5-30E NXP-BUK961R5-30E Datasheet
216Kb / 14P
   N-channel TrenchMOS logic level FET
5 October 2012
BUK962R2-40C NXP-BUK962R2-40C Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-17 April 2008
PHP110NQ06LT PHILIPS-PHP110NQ06LT Datasheet
94Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-04 May 2004
PSMN7R0-30YL NXP-PSMN7R0-30YL Datasheet
192Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-15 October 2008
PH3330L NXP-PH3330L Datasheet
194Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-22 October 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com