Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUK7907-55AIE Datasheet(PDF) 3 Page - NXP Semiconductors

No. de pieza BUK7907-55AIE
Descripción Electrónicos  N-channel TrenchPLUS standard level FET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK7907-55AIE Datasheet(HTML) 3 Page - NXP Semiconductors

  BUK7907-55AIE_15 Datasheet HTML 1Page - NXP Semiconductors BUK7907-55AIE_15 Datasheet HTML 2Page - NXP Semiconductors BUK7907-55AIE_15 Datasheet HTML 3Page - NXP Semiconductors BUK7907-55AIE_15 Datasheet HTML 4Page - NXP Semiconductors BUK7907-55AIE_15 Datasheet HTML 5Page - NXP Semiconductors BUK7907-55AIE_15 Datasheet HTML 6Page - NXP Semiconductors BUK7907-55AIE_15 Datasheet HTML 7Page - NXP Semiconductors BUK7907-55AIE_15 Datasheet HTML 8Page - NXP Semiconductors BUK7907-55AIE_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
BUK7907-55AIE_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 9 February 2009
3 of 14
NXP Semiconductors
BUK7907-55AIE
N-channel TrenchPLUS standard level FET
4.
Limiting values
[1]
Current is limited by power dissipation chip rating.
[2]
Continuous current is limited by package.
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDS
drain-source voltage
Tj ≥ 25 °C; Tj ≤ 175 °C
-
55
V
VGS
gate-source voltage
-20
20
V
ID
drain current
Tmb =25°C; VGS =10V; see Figure 2;
see Figure 3;
[1]
-140
A
[2]
-75
A
Tmb =100 °C; VGS = 10 V; see Figure 2
[2]
-75
A
IDM
peak drain current
Tmb =25°C; tp ≤ 10 µs; pulsed; see Figure 3
-560
A
Ptot
total power dissipation
Tmb =25°C; see Figure 1
-272
W
IGS(CL)
gate-source clamping
current
continuous
-
10
mA
pulsed; tp =5ms; δ =0.01
-
50
mA
Tstg
storage temperature
-55
175
°C
Tj
junction temperature
-55
175
°C
VDGS
drain-gate voltage
IDG = 250 µA
-
55
V
Source-drain diode
IS
source current
Tmb =25°C;
[1]
-140
A
Tmb =25°C;
[2]
-75
A
ISM
peak source current
tp ≤ 10 µs; pulsed; Tmb =25°C
-
560
A
Avalanche ruggedness
EDS(AL)S
non-repetitive
drain-source avalanche
energy
ID =68A; Vsup ≤ 55 V; RGS =50 Ω; VGS =10V;
Tj(init) = 25 °C; unclamped
-460
mJ
Electrostatic Discharge
Vesd
electrostatic discharge
voltage
HBM; C = 100 pF; R = 1.5 k
-6
kV


Número de pieza similar - BUK7907-55AIE_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUK7907-55AIE PHILIPS-BUK7907-55AIE Datasheet
143Kb / 15P
   TrenchPLUS standard level FET
Rev. 01-12 August 2002
BUK7907-55AIE NXP-BUK7907-55AIE Datasheet
217Kb / 14P
   N-channel TrenchPLUS standard level FET
Rev. 02-9 February 2009
logo
Nexperia B.V. All right...
BUK7907-55AIE NEXPERIA-BUK7907-55AIE Datasheet
716Kb / 14P
   N-channel TrenchPLUS standard level FET
Rev. 02 - 9 February 2009
More results

Descripción similar - BUK7907-55AIE_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUK7108-40AIE PHILIPS-BUK7108-40AIE_15 Datasheet
209Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 03-19 February 2009
BUK7909-75ATE PHILIPS-BUK7909-75ATE_15 Datasheet
235Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 02-16 February 2009
BUK7907-40ATC NXP-BUK7907-40ATC Datasheet
240Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 02-10 February 2009
logo
Nexperia B.V. All right...
BUK7905-40AIE NEXPERIA-BUK7905-40AIE Datasheet
721Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 05 - 10 February 2009
BUK7907-40ATC NEXPERIA-BUK7907-40ATC Datasheet
738Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 02 - 10 February 2009
BUK7908-40AIE NEXPERIA-BUK7908-40AIE Datasheet
707Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 03 - 17 February 2009
BUK7107-55ATE NEXPERIA-BUK7107-55ATE Datasheet
345Kb / 16P
   N-channel TrenchPLUS standard level FET
Rev. 02 - 19 February 2009
BUK7109-75AIE NEXPERIA-BUK7109-75AIE Datasheet
339Kb / 14P
   N-channel TrenchPLUS standard level FET
Rev. 02 - 10 February 2009
BUK7107-55AIE NEXPERIA-BUK7107-55AIE Datasheet
338Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 02 - 10 February 2009
BUK7C10-75AITE NEXPERIA-BUK7C10-75AITE Datasheet
738Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 03 - 17 February 2009
logo
NXP Semiconductors
BUK7105-40ATE NXP-BUK7105-40ATE Datasheet
223Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 02-10 February 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com