Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SY10EPT20V Datasheet(PDF) 1 Page - Micrel Semiconductor

No. de pieza SY10EPT20V
Descripción Electrónicos  3.3V/5V LVTTL/LVCMOS-to- DIFFERENTIAL LVPECL TRANSLATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICREL [Micrel Semiconductor]
Página de inicio  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10EPT20V Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY10EPT20V Datasheet HTML 1Page - Micrel Semiconductor SY10EPT20V Datasheet HTML 2Page - Micrel Semiconductor SY10EPT20V Datasheet HTML 3Page - Micrel Semiconductor SY10EPT20V Datasheet HTML 4Page - Micrel Semiconductor SY10EPT20V Datasheet HTML 5Page - Micrel Semiconductor SY10EPT20V Datasheet HTML 6Page - Micrel Semiconductor SY10EPT20V Datasheet HTML 7Page - Micrel Semiconductor SY10EPT20V Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Pin
Function
Q, /Q
Differential LVPECL Output
D
LVTTL Input
V
CC
Positive Supply
GND
Ground
DESCRIPTION
s 3.3V and 5V power supply options
s 300ps typical propagation delay
s Differential LVPECL output
s I
CC Max 20mA
s PNP LVTTL input for minimal loading
s Q output will default HIGH with inputs open
s High bandwidth to 800MHz typical
s Available in 8-pin MSOP and SOIC package
The SY10/100EPT20V is a TTL/CMOS to differential
PECL translator. Capable of running from a 3.3 or 5V
supply, the part can be used in either LVTTL/LVCMOS/
LVPECL or TTL/CMOS/PECL systems.
The device only requires a single positive supply of
3.3V or 5V - no negative supply is required.
The tiny 8-pin MSOP package and the low skew, dual
gate design of the EPT20V makes it ideal for those
applications where space, performance, and low power
are at a premium.
FEATURES
3.3V/5V LVTTL/LVCMOS-to-
DIFFERENTIAL LVPECL
TRANSLATOR
PIN NAMES
PIN CONFIGURATION/BLOCK DIAGRAM
(Available in 8-pin SOIC or 8-pin MSOP)
SY10EPT20V
SY100EPT20V
1
NC
Q
/Q
NC
8VCC
D
NC
GND
7
6
5
2
3
4
LVPECL
LVTTL
1
Rev.: A
Amendment: /1
Issue Date: July 2000


Número de pieza similar - SY10EPT20V

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micrel Semiconductor
SY10EPT20V MICREL-SY10EPT20V Datasheet
487Kb / 6P
   5V/3.3V LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
SY10EPT20V MICREL-SY10EPT20V Datasheet
74Kb / 6P
   5V/3.3V LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
SY10EPT20VKC MICREL-SY10EPT20VKC Datasheet
487Kb / 6P
   5V/3.3V LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
SY10EPT20VKC MICREL-SY10EPT20VKC Datasheet
74Kb / 6P
   5V/3.3V LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
SY10EPT20VKCTR MICREL-SY10EPT20VKCTR Datasheet
487Kb / 6P
   5V/3.3V LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
More results

Descripción similar - SY10EPT20V

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micrel Semiconductor
SY10EPT20V MICREL-SY10EPT20V_10 Datasheet
74Kb / 6P
   5V/3.3V LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
SY10EPT20V MICREL-SY10EPT20V_05 Datasheet
487Kb / 6P
   5V/3.3V LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
SY100EPT22V MICREL-SY100EPT22V Datasheet
88Kb / 8P
   3.3V/5V DUAL LVTTL/LVCMOS-to- DIFFERENTIAL LVPECL TRANSLATOR
SY89322V MICREL-SY89322V_06 Datasheet
468Kb / 5P
   3.3V/5V DUAL LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
SY89329V MICREL-SY89329V Datasheet
50Kb / 6P
   3.3V/5V 800MHz LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
logo
ON Semiconductor
MC100LVELT20 ONSEMI-MC100LVELT20 Datasheet
49Kb / 6P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
September, 2004 ??Rev. P1
MC100EPT20 ONSEMI-MC100EPT20 Datasheet
65Kb / 8P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
September, 2004 ??Rev. 7
MC10EPT20 ONSEMI-MC10EPT20_06 Datasheet
140Kb / 10P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
December, 2006 ??Rev. 9
MC100LVELT20 ONSEMI-MC100LVELT20_06 Datasheet
106Kb / 7P
   3.3VLVTTL/LVCMOS to Differential LVPECL Translator
November, 2006 ??Rev. P3
logo
List of Unclassifed Man...
T73LVP20 ETC1-T73LVP20 Datasheet
418Kb / 5P
   3.3V LVTTL/LVCMOS-to-Differential LVPECL Translator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com