Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL3332IAZ Datasheet(PDF) 7 Page - Intersil Corporation

No. de pieza ISL3332IAZ
Descripción Electrónicos  3.3V, ±15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3332IAZ Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL3332IAZ Datasheet HTML 3Page - Intersil Corporation ISL3332IAZ Datasheet HTML 4Page - Intersil Corporation ISL3332IAZ Datasheet HTML 5Page - Intersil Corporation ISL3332IAZ Datasheet HTML 6Page - Intersil Corporation ISL3332IAZ Datasheet HTML 7Page - Intersil Corporation ISL3332IAZ Datasheet HTML 8Page - Intersil Corporation ISL3332IAZ Datasheet HTML 9Page - Intersil Corporation ISL3332IAZ Datasheet HTML 10Page - Intersil Corporation ISL3332IAZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
7
FN6362.0
May 27, 2008
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
VCC to Ground. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7V
VL (QFN Only) . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to VCC + 0.5V
Input Voltages
All Except A,B. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to 7V
Input/Output Voltages
A, B (Any Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . -25V to +25V
Y, Z (Any Mode, Note 3) . . . . . . . . . . . . . . . . . . . -12.5V to +12.5V
RA, RB (non-QFN Package). . . . . . . . . . . . -0.5V to (VCC + 0.5V)
RA, RB (QFN Package) . . . . . . . . . . . . . . . . -0.5V to (VL + 0.5V)
Output Short Circuit Duration
Y, Z, RA, RB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Indefinite
ESD Rating . . . . . . . . . . . . . . . . . . . . . . . . . See Specification Table
Thermal Resistance (Typical)
θ
JA (°C/W)
θ
JC (°C/W)
28 Ld SSOP Package (Note 5) . . . . . .
60
N/A
40 Ld QFN Package (Notes 4, 6). . . . .
31
2.5
Maximum Junction Temperature (Plastic Package) . . . . . . . +150°C
Maximum Storage Temperature Range . . . . . . . . . . -65°C to +150°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
3. One output at a time, IOUT ≤ 100mA for ≤ 10 mins.
4.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
5.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
6. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications
Test Conditions: VCC = 3.15V to 3.45V, C1 - C4 = 0.1µF, VL = VCC (for QFN only); Unless Otherwise Specified.
Typicals are at VCC = 3.3V, TA =+25°C (Note 7)
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP
(°C)
MIN
(Note 11)
TYP
MAX
(Note 11) UNITS
DC CHARACTERISTICS - RS-485 DRIVER (SEL = VCC)
Driver Differential VOUT (no load)
VOD1
Full
-
-
VCC
V
Driver Differential VOUT (with load)
VOD2
R = 50
Ω (RS-422) (Figure 1)
Full
2
2.3
-
V
R = 27
Ω (RS-485) (Figure 1)
Full
1.5
2
5
V
VOD3
RD = 60Ω, R = 375Ω, VCM = -7V to 12V
(Figure 1)
Full
1.5
-
5
V
Change in Magnitude of Driver
Differential VOUT for
Complementary Output States
ΔVOD
R = 27
Ω or 50Ω (Figure 1)
Full
-
0.01
0.2
V
Driver Common-Mode VOUT
VOC
R = 27
Ω or 50Ω (Figure 1)
Full
-
-
3.0
V
Change in Magnitude of Driver
Common-Mode VOUT for
Complementary Output States
ΔV
OC
R = 27
Ω or 50Ω (Figure 1)
Full
-
0.01
0.2
V
Driver Short-Circuit Current,
VOUT = High or Low
IOS
-7V
≤ (V
Y or VZ) ≤ 12V (Note 8)
Full
35
-
250
mA
Driver Three-State Output
Leakage Current (Y, Z)
IOZ
Outputs Disabled,
VCC = 0V or 3.6V
VOUT = 12V
Full
-
-
200
µA
VOUT = -7V
Full
-200
-
-
µA
DC CHARACTERISTICS - RS-232 DRIVER (SEL = GND)
Driver Output Voltage Swing
VO
All TOUTS Loaded with 3kΩ to Ground
Full
±5.0
-
-
V
Driver Output Short-Circuit Current
IOS
VOUT = 0V
Full
-60
-
60
mA
DC CHARACTERISTICS - LOGIC PINS (i.e., DRIVER AND CONTROL INPUT PINS)
Input High Voltage
VIH1
VL = VCC if QFN
Full
2.2
-
-
V
VIH2
2.7V
≤ VL < 3.0V (QFN Only)
Full
2
-
-
V
VIH3
2.3V
≤ V
L < 2.7V (QFN Only)
Full
1.6
-
-
V
VIH4
1.6V
≤ VL < 2.3V (QFN Only)
Full
0.7*VL
--
V
VIH5
1.2V
≤ VL < 1.6V (QFN Only)
25
-
0.7*VL
-V
ISL3332, ISL3333


Número de pieza similar - ISL3332IAZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL3332IAZ INTERSIL-ISL3332IAZ Datasheet
951Kb / 26P
   3.3V, 짹15kV ESD Protected, Two Port, Dua Protocol RS-232/RS-485 Transceivers
logo
Renesas Technology Corp
ISL3332IAZ RENESAS-ISL3332IAZ Datasheet
1Mb / 26P
   3.3V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
More results

Descripción similar - ISL3332IAZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL3330IAZ INTERSIL-ISL3330IAZ Datasheet
947Kb / 25P
   3.3V, ±15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
May 20, 2008
ISL81334IAZ INTERSIL-ISL81334IAZ Datasheet
1,008Kb / 28P
   ±15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
November 21, 2007
logo
Renesas Technology Corp
ISL33334E RENESAS-ISL33334E Datasheet
1Mb / 23P
   3.3V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
ISL3332 RENESAS-ISL3332 Datasheet
1Mb / 26P
   3.3V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL81387IAZ INTERSIL-ISL81387IAZ Datasheet
1Mb / 27P
   ±15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
June 9, 2014
ISL3332 INTERSIL-ISL3332 Datasheet
951Kb / 26P
   3.3V, 짹15kV ESD Protected, Two Port, Dua Protocol RS-232/RS-485 Transceivers
ISL3330 INTERSIL-ISL3330 Datasheet
950Kb / 25P
   3.3V, 짹15kV ESD Protected, Dual Protocol RS-232/RS-485 Transceivers
logo
Renesas Technology Corp
ISL3330 RENESAS-ISL3330 Datasheet
1Mb / 25P
   3.3V, 짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
ISL33354E RENESAS-ISL33354E Datasheet
1Mb / 23P
   5V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL81334 INTERSIL-ISL81334_07 Datasheet
1,006Kb / 28P
   짹15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com