Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL3332IAZ Datasheet(PDF) 8 Page - Intersil Corporation

No. de pieza ISL3332IAZ
Descripción Electrónicos  3.3V, ±15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3332IAZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL3332IAZ Datasheet HTML 4Page - Intersil Corporation ISL3332IAZ Datasheet HTML 5Page - Intersil Corporation ISL3332IAZ Datasheet HTML 6Page - Intersil Corporation ISL3332IAZ Datasheet HTML 7Page - Intersil Corporation ISL3332IAZ Datasheet HTML 8Page - Intersil Corporation ISL3332IAZ Datasheet HTML 9Page - Intersil Corporation ISL3332IAZ Datasheet HTML 10Page - Intersil Corporation ISL3332IAZ Datasheet HTML 11Page - Intersil Corporation ISL3332IAZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
8
FN6362.0
May 27, 2008
Input Low Voltage
VIL1
VL = VCC if QFN
Full
-
-
0.8
V
VIL2
VL ≥ 2.7V (QFN Only)
Full
-
-
0.8
V
VIL3
2.3V
≤ VL < 2.7V (QFN Only)
Full
-
-
0.7
V
VIL4
1.6V
≤ V
L < 2.3V (QFN Only)
Full
-
-
0.35*VL
V
VIL5
1.3V
≤ VL < 1.6V (QFN Only)
25
-
0.35*VL
-V
VIL6
1.2V
≤ VL < 1.3V (QFN Only)
25
-
0.25*VL
-V
Input Current
IIN1
Pins Without Pull-ups or Pull-downs
Full
-2
-
2
µA
IIN2
LB, ON/OFF, DE (SP, RXEN, DEN, if QFN)
Full
-25
-
25
µA
DC CHARACTERISTICS - RS-485 RECEIVER INPUTS (SEL = VCC)
Receiver Differential Threshold
Voltage
VTH
-7V
≤ V
CM ≤ 12V, Full Failsafe
Full
-0.2
-
-0.04
V
Receiver Input Hysteresis
ΔVTH
VCM = 0V
25
-
35
-
mV
Receiver Input Current (A, B)
IIN
VCC = 0V or 3.0 to 3.6V
VIN = 12V
Full
-
-
0.8
mA
VIN = -7V
Full
-0.64
-
-
mA
Receiver Input Resistance
RIN
-7V
≤ VCM ≤ 12V, VCC = 0 (Note 9) or
3.0V
≤ V
CC ≤ 3.6V
Full
15
-
-
k
Ω
DC CHARACTERISTICS - RS-232 RECEIVER INPUTS (SEL = GND)
Receiver Input Voltage Range
VIN
Full
-25
-
25
V
Receiver Input Threshold
VIL
Full
-
1.1
0.8
V
VIH
Full
2.4
1.6
-
V
Receiver Input Hysteresis
ΔVTH
25
-
0.5
-
V
Receiver Input Resistance
RIN
VIN = ±15V, VCC Powered Up (Note 9)
Full
3
5
7
k
Ω
DC CHARACTERISTICS - RECEIVER OUTPUTS (485 OR 232 MODE)
Receiver Output High Voltage
VOH1
IO = -1.5mA (VL = VCC if QFN)
Full
VCC-0.4
-
-
V
VOH2
IO = -100µA, VL ≥ 1.2V (QFN Only)
Full
VL-0.1
-
-
V
VOH3
IO = -500µA, VL = 1.5V (QFN Only)
Full
1.2
-
-
V
VOH4
IO = -150µA, VL = 1.2V (QFN Only)
Full
1.0
-
-
V
Receiver Output Low Voltage
VOL
IO = 5mA
Full
-
0.2
0.4
V
Receiver Short-Circuit Current
IOSR
0V
≤ VO ≤ VCC
Full
7
-
85
mA
Receiver Three-State Output
Current
IOZR
Output Disabled, 0V
≤ VO ≤ VCC (or VL for
QFN)
Full
-
-
±10
µA
Unused Receiver (RB) Pull-Up
Resistance
ROBZ
ON/OFF = VCC, SELX = VCC (RS-485 Mode)
25
-
40
-
k
Ω
POWER SUPPLY CHARACTERISTICS
No-Load Supply Current, (Note 7)
ICC232
SEL1 or SEL2 = GND, LB = ON/OFF = VCC
Full
-
3.7
7
mA
ICC485
SEL 1 & 2 = LB = DE = ON/OFF = VCC
Full
-
1.6
5
mA
Shutdown Supply Current
ISHDN232 ON/OFF = SELX = GND, LB = VCC,
(SPX = VL, DENX = GND if QFN)
Full
-
45
100
µA
ISHDN485 ON/OFF = DEX = GND, SELX
= LB = VCC, (SPX = GND,
DENX = VL if QFN)
SSOP
Full
-
35
80
µA
QFN
Full
-
60
160
µA
ESD CHARACTERISTICS
Bus Pins (A, B, Y, Z) Any Mode
Human Body Model
25
-
±15
-
kV
All Other Pins
Human Body Model
25
-
±2.5
-
kV
Machine Model
25
-
±200
-
V
Electrical Specifications
Test Conditions: VCC = 3.15V to 3.45V, C1 - C4 = 0.1µF, VL = VCC (for QFN only); Unless Otherwise Specified.
Typicals are at VCC = 3.3V, TA =+25°C (Note 7) (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP
(°C)
MIN
(Note 11)
TYP
MAX
(Note 11) UNITS
ISL3332, ISL3333


Número de pieza similar - ISL3332IAZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL3332IAZ INTERSIL-ISL3332IAZ Datasheet
951Kb / 26P
   3.3V, 짹15kV ESD Protected, Two Port, Dua Protocol RS-232/RS-485 Transceivers
logo
Renesas Technology Corp
ISL3332IAZ RENESAS-ISL3332IAZ Datasheet
1Mb / 26P
   3.3V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
More results

Descripción similar - ISL3332IAZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL3330IAZ INTERSIL-ISL3330IAZ Datasheet
947Kb / 25P
   3.3V, ±15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
May 20, 2008
ISL81334IAZ INTERSIL-ISL81334IAZ Datasheet
1,008Kb / 28P
   ±15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
November 21, 2007
logo
Renesas Technology Corp
ISL33334E RENESAS-ISL33334E Datasheet
1Mb / 23P
   3.3V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
ISL3332 RENESAS-ISL3332 Datasheet
1Mb / 26P
   3.3V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL81387IAZ INTERSIL-ISL81387IAZ Datasheet
1Mb / 27P
   ±15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
June 9, 2014
ISL3332 INTERSIL-ISL3332 Datasheet
951Kb / 26P
   3.3V, 짹15kV ESD Protected, Two Port, Dua Protocol RS-232/RS-485 Transceivers
ISL3330 INTERSIL-ISL3330 Datasheet
950Kb / 25P
   3.3V, 짹15kV ESD Protected, Dual Protocol RS-232/RS-485 Transceivers
logo
Renesas Technology Corp
ISL3330 RENESAS-ISL3330 Datasheet
1Mb / 25P
   3.3V, 짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
ISL33354E RENESAS-ISL33354E Datasheet
1Mb / 23P
   5V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL81334 INTERSIL-ISL81334_07 Datasheet
1,006Kb / 28P
   짹15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com