Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL21080CIH325Z-TK Datasheet(PDF) 8 Page - Intersil Corporation

No. de pieza ISL21080CIH325Z-TK
Descripción Electrónicos  300nA NanoPower Voltage References
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21080CIH325Z-TK Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL21080CIH325Z-TK Datasheet HTML 4Page - Intersil Corporation ISL21080CIH325Z-TK Datasheet HTML 5Page - Intersil Corporation ISL21080CIH325Z-TK Datasheet HTML 6Page - Intersil Corporation ISL21080CIH325Z-TK Datasheet HTML 7Page - Intersil Corporation ISL21080CIH325Z-TK Datasheet HTML 8Page - Intersil Corporation ISL21080CIH325Z-TK Datasheet HTML 9Page - Intersil Corporation ISL21080CIH325Z-TK Datasheet HTML 10Page - Intersil Corporation ISL21080CIH325Z-TK Datasheet HTML 11Page - Intersil Corporation ISL21080CIH325Z-TK Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ISL21080
8
FN6934.5
June 23, 2014
Submit Document Feedback
Electrical Specifications (ISL21080-50 VOUT = 5.0V) VIN = 6.5V, TA = -40°C to +85°C, IOUT = 0, unless otherwise
specified. Boldface limits apply over the operating temperature range, -40°C to +85°C.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 13)
TYP
MAX
(Note 13)
UNIT
VOUT
Output Voltage
5.0
V
VOA
VOUT Accuracy @ TA = +25°C(Notes 8, 9)
-0.2
+0.2
%
TC VOUT
Output Voltage Temperature Coefficient
(Note 10)
50
ppm/°C
VIN
Input Voltage Range
5.5
8.0
V
IIN
Supply Current
0.5
1.5
µA
VOUT /VIN
Line Regulation
5.5 V < VIN < 8.0V
80
350
µV/V
VOUT/IOUT
Load Regulation
Sourcing: 0mA
 IOUT  10mA
10
100
µV/mA
Sinking: -10mA
 IOUT 0mA
20
350
µV/mA
ISC
Short Circuit Current
TA = +25°C, VOUT tied to GND
80
mA
tR
Turn-on Settling Time
VOUT = ±0.1% with no load
4
ms
Ripple Rejection
f = 120Hz
-40
dB
eN
Output Voltage Noise
0.1Hz
 f 10Hz
30
µVP-P
VN
Broadband Voltage Noise
10Hz
 f 1kHz
52
µVRMS
Noise Density
f = 1kHz
1.1
µV/
Hz
VOUT/TA
Thermal Hysteresis (Note 11)
TA = +165°C
100
ppm
VOUT/t
Long Term Stability (Note 12)
TA = +25°C
50
ppm
NOTES:
10. Over the specified temperature range. Temperature coefficient is measured by the box method whereby the change in VOUT is divided by the
temperature range; in this case, -40°C to +85°C = +125°C.
11. Thermal Hysteresis is the change of VOUT measured @ TA = +25°C after temperature cycling over a specified range, TA. VOUT is read initially at TA
= +25°C for the device under test. The device is temperature cycled and a second VOUT measurement is taken at +25°C. The difference between
the initial VOUT reading and the second VOUT reading is then expressed in ppm. For  TA = +125°C, the device under test is cycled from +25°C to
+85°C to -40°C to +25°C.
12. Long term drift is logarithmic in nature and diminishes over time. Drift after the first 1000 hours will be approximately 10ppm/
1khrs.
13. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested.
Typical Performance Characteristics Curves V
OUT = 0.9V, VIN = 3.0V, IOUT = 0mA, TA = +25°C
unless otherwise specified.
FIGURE 2. IIN vs VIN, 3 UNITS
FIGURE 3. IIN vs VIN OVER-TEMPERATURE
0
0.1
0.2
0.3
0.4
0.5
0.6
2.0
2.4
2.8
3.2
3.6
4.0
4.4
4.8
5.2
VIN (V)
TYP
LOW
HIGH
VIN (V)
0
0.1
0.2
0.3
0.4
0.5
0.6
2.0
2.4
2.8
3.2
3.6
4.0
4.4
4.8
5.2
+85°C
-40°C
+25°C


Número de pieza similar - ISL21080CIH325Z-TK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL21080CIH325Z-TK INTERSIL-ISL21080CIH325Z-TK Datasheet
474Kb / 10P
   300nA NanoPower Voltage References
ISL21080CIH325Z-TK INTERSIL-ISL21080CIH325Z-TK Datasheet
658Kb / 17P
   300nA NanoPower Voltage References
ISL21080CIH325Z-TK INTERSIL-ISL21080CIH325Z-TK Datasheet
995Kb / 21P
   300nA NanoPower Voltage References
logo
Renesas Technology Corp
ISL21080CIH325Z-TK RENESAS-ISL21080CIH325Z-TK Datasheet
1Mb / 21P
   300nA NanoPower Voltage References
More results

Descripción similar - ISL21080CIH325Z-TK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL21080 INTERSIL-ISL21080_10 Datasheet
995Kb / 21P
   300nA NanoPower Voltage References
logo
Renesas Technology Corp
ISL21080 RENESAS-ISL21080 Datasheet
1Mb / 21P
   300nA NanoPower Voltage References
logo
Intersil Corporation
ISL21080 INTERSIL-ISL21080_09 Datasheet
658Kb / 17P
   300nA NanoPower Voltage References
ISL21080 INTERSIL-ISL21080 Datasheet
474Kb / 10P
   300nA NanoPower Voltage References
logo
3PEAK INC.
TP2111 3PEAK-TP2111 Datasheet
801Kb / 18P
   Nanopower 300nA, 1.8V, Rail-to-Rail Input/Output Op-amps
logo
Touchstone Semiconducto...
TSM9117 TOUCHSTONE-TSM9117 Datasheet
913Kb / 17P
   1.6V Nanopower Comparators with/without Internal References
logo
Silicon Laboratories
TSM9117 SILABS-TSM9117 Datasheet
1Mb / 18P
   1.6V Nanopower Comparators with/without Internal References
logo
Advanced Monolithic Sys...
AMS04 ADMOS-AMS04 Datasheet
40Kb / 4P
   VOLTAGE REFERENCES
logo
Texas Instruments
REF1925 TI1-REF1925 Datasheet
2Mb / 31P
[Old version datasheet]   Voltage References
logo
Maxim Integrated Produc...
MAXM17225 MAXIM-MAXM17225 Datasheet
879Kb / 14P
   Tiny, 0.4V to 5.5V Input, 300nA IQ, nanoPower Boost Module with True Shutdown
19-101160; Rev 1; 8/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com