Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL21080CIH330Z-TK Datasheet(PDF) 1 Page - Intersil Corporation

No. de pieza ISL21080CIH330Z-TK
Descripción Electrónicos  300nA NanoPower Voltage References
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21080CIH330Z-TK Datasheet(HTML) 1 Page - Intersil Corporation

  ISL21080CIH330Z-TK Datasheet HTML 1Page - Intersil Corporation ISL21080CIH330Z-TK Datasheet HTML 2Page - Intersil Corporation ISL21080CIH330Z-TK Datasheet HTML 3Page - Intersil Corporation ISL21080CIH330Z-TK Datasheet HTML 4Page - Intersil Corporation ISL21080CIH330Z-TK Datasheet HTML 5Page - Intersil Corporation ISL21080CIH330Z-TK Datasheet HTML 6Page - Intersil Corporation ISL21080CIH330Z-TK Datasheet HTML 7Page - Intersil Corporation ISL21080CIH330Z-TK Datasheet HTML 8Page - Intersil Corporation ISL21080CIH330Z-TK Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
300nA NanoPower Voltage References
ISL21080
The ISL21080 analog voltage references feature low supply
voltage operation at ultra-low 310nA typ, 1.5µA max operating
current. Additionally, the ISL21080 family features guaranteed
initial accuracy as low as ±0.2% and 50ppm/°C temperature
coefficient.
These references are ideal for general purpose portable
applications to extend battery life at lower cost. The ISL21080 is
provided in the industry standard 3 Ld SOT-23 pinout.
The ISL21080 output voltages can be used as precision voltage
sources for voltage monitors, control loops, standby voltages for
low power states for DSP, FPGA, Datapath Controllers,
microcontrollers and other core voltages: 0.9V, 1.024V, 1.25V,
1.5V, 2.048V, 2.5V, 3.0V, 3.3V, 4.096V and 5.0V.
Special Note: Post-assembly x-ray inspection may lead to permanent
changes in device output voltage and should be minimized or avoided.
For further information, please see “Applications Information” on
page 14 and AN1533, “X-Ray Effects on Intersil FGA References”.
Applications
• Energy harvesting applications
• Wireless sensor network applications
• Low power voltage sources for controllers, FPGA, ASICs or logic
devices
• Battery management/monitoring
• Low power standby voltages
•Portable Instrumentation
• Consumer/medical electronics
• Wearable electronics
• Lower cost industrial and instrumentation
• Power regulation circuits
• Control loops and compensation networks
• LED/diode supply
Features
• Reference output voltage . . . . . . . . 0.900V, 1.024V, 1.250V,
1.500V, 2.048V, 2.500V, 3.000V, 3.300V, 4.096V, 5.000V
• Initial accuracy:
- ISL21080-09 and -10 . . . . . . . . . . . . . . . . . . . . . . . . . ±0.7%
- ISL21080-12 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±0.6%
- ISL21080-15. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±0.5%
- ISL21080-20 and -25 . . . . . . . . . . . . . . . . . . . . . . . . . ±0.3%
- ISL21080-30, -33, -41, and -50 . . . . . . . . . . . . . . . . . ±0.2%
• Input voltage range:
- ISL21080-09. . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.0V to 5.5V
- ISL21080-10, -12, -15, -20 and -25. . . . . . . . . 2.7V to 5.5V
- ISL21080-30. . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.2V to 5.5V
- ISL21080-33. . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.5V to 5.5V
- ISL21080-41. . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.5V to 8.0V
- ISL21080-50. . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.5V to 8.0V
• Output voltage noise . . . . . . . . . . . . .30µVP-P (0.1Hz to 10Hz)
• Supply current . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.5µA (max)
• Tempco . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50ppm/°C
• Output current capability. . . . . . . . . . . . . . . . . . . . . . . . . ±7mA
• Operating temperature range. . . . . . . . . . . . . -40°C to +85°C
• Package. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Ld SOT-23
• Pb-Free (RoHS compliant)
Related Literature
• See AN1494, “Reflow and PC Board Assembly Effects on
Intersil FGA References”
• See AN1533, “X-Ray Effects on Intersil FGA References”
• See AN1761, “ISL21080XXEV1Z User’s Guide”
FIGURE 1. IIN vs VIN, 3 UNITS
0
100
200
300
400
500
VIN (V)
UNIT 1
UNIT 3
2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3 4.5 4.7 4.9 5.1 5.3 5.5
UNIT 2
June 23, 2014
FN6934.5
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Copyright Intersil Americas LLC 2009, 2010, 2014. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.


Número de pieza similar - ISL21080CIH330Z-TK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL21080CIH330Z-TK INTERSIL-ISL21080CIH330Z-TK Datasheet
658Kb / 17P
   300nA NanoPower Voltage References
ISL21080CIH330Z-TK INTERSIL-ISL21080CIH330Z-TK Datasheet
995Kb / 21P
   300nA NanoPower Voltage References
logo
Renesas Technology Corp
ISL21080CIH330Z-TK RENESAS-ISL21080CIH330Z-TK Datasheet
1Mb / 21P
   300nA NanoPower Voltage References
More results

Descripción similar - ISL21080CIH330Z-TK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL21080 INTERSIL-ISL21080_10 Datasheet
995Kb / 21P
   300nA NanoPower Voltage References
logo
Renesas Technology Corp
ISL21080 RENESAS-ISL21080 Datasheet
1Mb / 21P
   300nA NanoPower Voltage References
logo
Intersil Corporation
ISL21080 INTERSIL-ISL21080_09 Datasheet
658Kb / 17P
   300nA NanoPower Voltage References
ISL21080 INTERSIL-ISL21080 Datasheet
474Kb / 10P
   300nA NanoPower Voltage References
logo
3PEAK INC.
TP2111 3PEAK-TP2111 Datasheet
801Kb / 18P
   Nanopower 300nA, 1.8V, Rail-to-Rail Input/Output Op-amps
logo
Touchstone Semiconducto...
TSM9117 TOUCHSTONE-TSM9117 Datasheet
913Kb / 17P
   1.6V Nanopower Comparators with/without Internal References
logo
Silicon Laboratories
TSM9117 SILABS-TSM9117 Datasheet
1Mb / 18P
   1.6V Nanopower Comparators with/without Internal References
logo
Advanced Monolithic Sys...
AMS04 ADMOS-AMS04 Datasheet
40Kb / 4P
   VOLTAGE REFERENCES
logo
Texas Instruments
REF1925 TI1-REF1925 Datasheet
2Mb / 31P
[Old version datasheet]   Voltage References
logo
Maxim Integrated Produc...
MAXM17225 MAXIM-MAXM17225 Datasheet
879Kb / 14P
   Tiny, 0.4V to 5.5V Input, 300nA IQ, nanoPower Boost Module with True Shutdown
19-101160; Rev 1; 8/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com