Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL33001IUZ Datasheet(PDF) 10 Page - Intersil Corporation

No. de pieza ISL33001IUZ
Descripción Electrónicos  I2C Bus Buffer with Rise Time Accelerators and Hot Swap Capability
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL33001IUZ Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL33001IUZ Datasheet HTML 6Page - Intersil Corporation ISL33001IUZ Datasheet HTML 7Page - Intersil Corporation ISL33001IUZ Datasheet HTML 8Page - Intersil Corporation ISL33001IUZ Datasheet HTML 9Page - Intersil Corporation ISL33001IUZ Datasheet HTML 10Page - Intersil Corporation ISL33001IUZ Datasheet HTML 11Page - Intersil Corporation ISL33001IUZ Datasheet HTML 12Page - Intersil Corporation ISL33001IUZ Datasheet HTML 13Page - Intersil Corporation ISL33001IUZ Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
ISL33001, ISL33002, ISL33003
10
FN7560.6
July 11, 2014
Submit Document Feedback
Because the signals on each side of the buffer rise
independently, the propagation delay can be positive or negative.
If the input side rises slowly relative to the output (i.e., heavy
capacitive loading on the input and light load on the output) then
the propagation delay tPLH is negative. If the output side rises
slowly relative to the input, tPLH is positive.
For high-to-low transitions, there is a finite propagation delay
through the buffer from the time an external low on the input
drives the NMOS output low. This propagation delay will always
be positive because the buffer connect threshold on the falling
edge is below the measurement points of the delay. In addition
to the propagation delay of the buffer, there will be additional
delay from the different capacitive loading of the buffer.
Figures 23 and 24 show how the propagation delay from high-to-
low, tPHL, is affected by VCC and capacitive loading.
The buffer’s propagation delay times for rising and falling edge
signals must be taken into consideration for the timing
requirements of the system. SETUP and HOLD times may need to
be adjusted to take into account excessively long propagation
delay times caused by heavy bus capacitances.
Pull-Up Resistor Selection
While the ISL33001, ISL33002, ISL33003 2-Channel buffers are
designed to improve the rise time of the bus in passive pull-up
systems, proper selection of the pull-up resistor is critical for
system operation when a buffer is used. For a bus that is
operating normally without active rise time circuitry, using the
ISL33001, ISL33002, ISL33003 buffer allows larger pull-up
resistor values to reduce sink currents when the bus is driving
low. However, choose a pull-up resistor value of no larger than
20kΩ regardless of the bus capacitance seen on the SDA/SCL
lines. The Bus Idle or Stop Bit condition requires valid logic high
voltages to give a valid connection state. Pull-up resistor values
20kΩ or smaller are recommended to overcome the typical
150kΩ impedance of the pre-charge circuitry, delivering valid
high levels.


Número de pieza similar - ISL33001IUZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL33001IUZ INTERSIL-ISL33001IUZ Datasheet
619Kb / 19P
   I2C Bus Buffer with Rise Time Accelerators and Hot Swap Capability
logo
Renesas Technology Corp
ISL33001IUZ RENESAS-ISL33001IUZ Datasheet
1Mb / 18P
   I2C Bus Buffer with Rise Time Accelerators and Hot Swap Capability
More results

Descripción similar - ISL33001IUZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL33001 RENESAS-ISL33001 Datasheet
1Mb / 18P
   I2C Bus Buffer with Rise Time Accelerators and Hot Swap Capability
logo
Intersil Corporation
ISL33001 INTERSIL-ISL33001 Datasheet
619Kb / 19P
   I2C Bus Buffer with Rise Time Accelerators and Hot Swap Capability
logo
Texas Instruments
TCA9416 TI-TCA9416_V02 Datasheet
1Mb / 30P
[Old version datasheet]   TCA9416 Ultra-Low-Voltage I2C Translator with Rise Time Accelerators
REVISED AUGUST 2021
TCA9416 TI-TCA9416_V03 Datasheet
1Mb / 30P
[Old version datasheet]   TCA9416 Ultra-Low-Voltage I2C Translator with Rise Time Accelerators
logo
NXP Semiconductors
PCA9510A PHILIPS-PCA9510A Datasheet
140Kb / 23P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-8 September 2005
PCA9511A NXP-PCA9511A Datasheet
156Kb / 24P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-19 August 2009
PCA9513A NXP-PCA9513A Datasheet
172Kb / 26P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-18 August 2009
PCA9510A NXP-PCA9510A Datasheet
153Kb / 24P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-18 August 2009
PCA9511A PHILIPS-PCA9511A Datasheet
144Kb / 23P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-15 August 2005
PCA9514A PHILIPS-PCA9514A Datasheet
154Kb / 25P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-11 October 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com