Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TPA0233 Datasheet(PDF) 8 Page - Texas Instruments

No. de Pieza. TPA0233
Descripción  2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
Descarga  27 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

TPA0233 Datasheet(HTML) 8 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
TPA0233
2W MONO AUDIO POWER AMPLIFIER
WITH HEADPHONE DRIVE
SLOS278D − JANUARY 2000 − REVISED NOVEMBER 2002
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
1
0.1
0.01
0.001
AV = 2 dB
AV = 14 dB
20
100
1k
f − Frequency − Hz
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
FREQUENCY
10k 20k
VDD = 3 V
PO = 25 mW
RL = 32 Ω
Mode = Stereo
Figure 10
1
0.1
0.01
0.001
AV = 2 dB
AV = 14 dB
20
100
1k
f − Frequency − Hz
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
FREQUENCY
10k 20k
VDD = 5 V
PO = 75 mW
RL = 32 Ω
Mode = Stereo
Figure 11
Figure 12
0.01
0.1
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
OUTPUT POWER
10
1
1
0.1
0.01
PO − Output Power − W
20 kHz
20 Hz
1 kHz
15 kHz
VDD = 3 V
RL = 4 Ω
Mode = Mono
AV = 2.5 dB
0.01
0.1
10
1
1
0.1
0.01
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
OUTPUT POWER
PO − Output Power − W
20 kHz
20 Hz
1 kHz
15 kHz
VDD = 3 V
RL = 8 Ω
Mode = Mono
AV = 2.5 dB
Figure 13


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn