Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPA3112D1-Q1 Datasheet(PDF) 8 Page - Texas Instruments

No. de pieza TPA3112D1-Q1
Descripción Electrónicos  TPA3112D1-Q1 25-W Filter-Free Mono Class-D Audio Power Amplifier With SpeakerGuard?
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPA3112D1-Q1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPA3112D1-Q1_15 Datasheet HTML 4Page - Texas Instruments TPA3112D1-Q1_15 Datasheet HTML 5Page - Texas Instruments TPA3112D1-Q1_15 Datasheet HTML 6Page - Texas Instruments TPA3112D1-Q1_15 Datasheet HTML 7Page - Texas Instruments TPA3112D1-Q1_15 Datasheet HTML 8Page - Texas Instruments TPA3112D1-Q1_15 Datasheet HTML 9Page - Texas Instruments TPA3112D1-Q1_15 Datasheet HTML 10Page - Texas Instruments TPA3112D1-Q1_15 Datasheet HTML 11Page - Texas Instruments TPA3112D1-Q1_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
PO − Output Power − W
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
25
30
G013
Gain = 20 dB
ZL = 4 W+ 33 mH
VCC = 24 V
VCC = 12 V
PO(Tot) − Total Output Power − W
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
5
10
15
20
25
30
G014
VCC = 12 V
VCC = 24 V
Gain = 20 dB
ZL = 8 W+ 66 mH
f − Frequency − Hz
100
50
0
−300
0
5
10
15
20
25
30
35
40
−50
−100
−150
10
100
10k
100k
1k
G009
Phase
Gain
−200
−250
PO − Output Power − W
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
25
30
G012
VCC = 24 V
Gain = 20 dB
ZL = 8 W+ 66 mH
VCC = 12 V
VPLIMIT − PLIMIT Voltage − V
0
5
10
15
20
25
30
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
G007
Gain = 20 dB
VCC = 24 V
ZL = 8 W+ 66 mH
VPLIMIT − PLIMIT Voltage − V
0
5
10
15
20
25
30
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
G008
Gain = 20 dB
VCC = 12 V
ZL = 4 W+ 33 mH
TPA3112D1-Q1
SLOS793B – SEPTEMBER 2012 – REVISED SEPTEMBER 2015
www.ti.com
Typical Characteristics (continued)
All measurements taken at 1 kHz, unless otherwise noted. The TPA3112D2 EVM (which is available at ti.com) made these
measurements.
Note: Lighter color represents thermally limited region.
Figure 7. Maximum Output Power vs Plimit Voltage
Figure 8. Output Power vs Plimit Voltage
Note: Lighter color represents thermally limited region.
Figure 10. Efficiency vs Output Power
Figure 9. Gain/Phase vs Frequency
Note: Lighter color represents thermally limited region.
Note: Lighter color represents thermally limited region.
Figure 11. Efficiency vs Output Power
Figure 12. Supply Current vs Total Output Power
8
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: TPA3112D1-Q1


Número de pieza similar - TPA3112D1-Q1_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA3112D1-Q1 TI1-TPA3112D1-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   Filter-Free Mono Class-D Audio Power Amplifier
More results

Descripción similar - TPA3112D1-Q1_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA3111D1-Q1 TI-TPA3111D1-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPA3111D1-Q1 10-W Filter-Free Mono Class-D Audio Power Amplifier With Speakerguard?
TPA3110D2-Q1 TI-TPA3110D2-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPA3110D2-Q1 15-W Filter-Free Stereo Class-D Audio Power Amplifier With SpeakerGuard?
TPA3113D2 TI-TPA3113D2_15 Datasheet
1Mb / 34P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD
TPA3113D2 TI1-TPA3113D2_17 Datasheet
1Mb / 36P
[Old version datasheet]   6-W Filter-Free Stereo Class-D Audio Power Amplifier With SpeakerGuard
TPA3110D2_0911 TI-TPA3110D2_0911 Datasheet
1Mb / 33P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3110D2 TI-TPA3110D2 Datasheet
1Mb / 33P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3113D2 TI-TPA3113D2_10 Datasheet
999Kb / 33P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD?
TPA3113D2 TI-TPA3113D2 Datasheet
1Mb / 32P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD?
TPA3110D2 TI-TPA3110D2_10 Datasheet
976Kb / 34P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3117D2RHBT TI1-TPA3117D2RHBT Datasheet
1Mb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier with SpeakerGuard?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com