Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUK9209-40B Datasheet(PDF) 7 Page - NXP Semiconductors

No. de pieza BUK9209-40B
Descripción Electrónicos  N-channel TrenchMOS logic level FET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK9209-40B Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BUK9209-40B_15 Datasheet HTML 3Page - NXP Semiconductors BUK9209-40B_15 Datasheet HTML 4Page - NXP Semiconductors BUK9209-40B_15 Datasheet HTML 5Page - NXP Semiconductors BUK9209-40B_15 Datasheet HTML 6Page - NXP Semiconductors BUK9209-40B_15 Datasheet HTML 7Page - NXP Semiconductors BUK9209-40B_15 Datasheet HTML 8Page - NXP Semiconductors BUK9209-40B_15 Datasheet HTML 9Page - NXP Semiconductors BUK9209-40B_15 Datasheet HTML 10Page - NXP Semiconductors BUK9209-40B_15 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
BUK9209-40B
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 03 — 15 June 2010
7 of 14
NXP Semiconductors
BUK9209-40B
N-channel TrenchMOS logic level FET
Fig 5.
Output characteristics: drain current as a
function of drain-source voltage; typical values
Fig 6.
Drain-source on-state resistance as a function
of gate-source voltage; typical values
Fig 7.
Sub-threshold drain current as a function of
gate-source voltage
Fig 8.
Forward transconductance as a function of
drain current; typical values
03no56
0
100
200
300
02
46
8
10
VDS (V)
ID
(A)
Label is VGS (V)
5
4.8
4.6
4.4
4.2
4
3.8
3.6
3.4
3.2
3
2.8
2.6
2.4
10
8
7
6
03no55
4
8
12
16
3
7
11
15
VGS (V)
RDSon
(m
Ω)
03ng53
VGS (V)
03
2
1
10−4
10−5
10−2
10−3
10−1
ID
(A)
10−6
min
typ
max
03no53
0
20
40
60
0
204060
ID (A)
gfs
(S)


Número de pieza similar - BUK9209-40B_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUK9209-40B PHILIPS-BUK9209-40B Datasheet
99Kb / 12P
   TrenchMOS logic level FET
Rev. 02-12 December 2003
logo
Inchange Semiconductor ...
BUK9209-40B ISC-BUK9209-40B Datasheet
353Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
BUK9209-40B NEXPERIA-BUK9209-40B Datasheet
958Kb / 14P
   N-channel TrenchMOS logic level FET
Rev. 03 - 15 June 2010
More results

Descripción similar - BUK9209-40B_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
PHP152NQ03LTA PHILIPS-PHP152NQ03LTA Datasheet
83Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-05 March 2004
PHB32N06LT NXP-PHB32N06LT Datasheet
376Kb / 11P
   N-channel TrenchMOS logic level FET
Rev. 02-30 November 2009
PHD97NQ03LT NXP-PHD97NQ03LT Datasheet
178Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 01-24 March 2009
PHU78NQ03LT NXP-PHU78NQ03LT Datasheet
184Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 06-15 June 2009
BUK9E2R4-40C NXP-BUK9E2R4-40C Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-11 April 2008
BUK964R2-80E PHILIPS-BUK964R2-80E Datasheet
271Kb / 13P
   N-channel TrenchMOS logic level FET
13 March 2014
BUK961R5-30E NXP-BUK961R5-30E Datasheet
216Kb / 14P
   N-channel TrenchMOS logic level FET
5 October 2012
BUK962R2-40C NXP-BUK962R2-40C Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-17 April 2008
PHP110NQ06LT PHILIPS-PHP110NQ06LT Datasheet
94Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-04 May 2004
PSMN7R0-30YL NXP-PSMN7R0-30YL Datasheet
192Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-15 October 2008
PH3330L NXP-PH3330L Datasheet
194Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-22 October 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com