Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPA6017A2 Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza TPA6017A2
Descripción Electrónicos  2-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPA6017A2 Datasheet(HTML) 1 Page - Texas Instruments

  TPA6017A2_15 Datasheet HTML 1Page - Texas Instruments TPA6017A2_15 Datasheet HTML 2Page - Texas Instruments TPA6017A2_15 Datasheet HTML 3Page - Texas Instruments TPA6017A2_15 Datasheet HTML 4Page - Texas Instruments TPA6017A2_15 Datasheet HTML 5Page - Texas Instruments TPA6017A2_15 Datasheet HTML 6Page - Texas Instruments TPA6017A2_15 Datasheet HTML 7Page - Texas Instruments TPA6017A2_15 Datasheet HTML 8Page - Texas Instruments TPA6017A2_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
TPA6017A2
SLOS386A − NOVEMBER 2001 − REVISED APRIL 2007
2W STEREO AUDIO POWER AMPLIFIER
WITH FOUR SELECTABLE GAIN SETTINGS
1
www.ti.com
FEATURES
D Internal Gain Control, Which Eliminates
External Gain-Setting Resistors
D 2-W/Ch Output Power Into 3-Ω Load From 5-V
Supply
D Fully Differential Input
D Low Supply Current ... 6-mA Typical
D Depop Circuitry
APPLICATIONS
D Notebook Computers, PDAs, and Other
Portable Audio Devices
DESCRIPTION
The TPA6017A2 is a stereo audio power amplifier in a
20-pin TSSOP thermally enhanced package capable of
delivering 2 W of continuous RMS power per channel
into 3-
Ω loads. Internal gain control minimizes the
number of external components needed, simplifying the
design, and freeing up board space for other features.
Amplifier gain is internally configured and controlled by
way of two terminals (GAIN0 and GAIN1). Gain settings
of 6 dB, 10 dB, 15.6 dB, and 21.6 dB (inverting) are
provided.
3
ROUT+
18
RIN−
+
17
CRIN−
0.47
µF
7
RIN+
ROUT−
14
LIN−
5
CLIN−
0.47
µF
9
LIN+
Power
Management
6,15
16
BYPASS
10
SHUT−
DOWN
19
GND
LOUT+
4
+
LOUT−
8
CBYP
0.47
µF
1,11,
13,20
To
System
Control
CSR
0.1
µF
VDD
CSR
0.1
µF
VDD
Gain
Control
GAIN0
GAIN1
2
CRIN+
0.47
µF
Right
Line
Input
Signal
CLIN+
0.47
µF
Left
Line
Input
Signal
Left
Line
Input
Signal
PVDD
VDD
+
+
Application Circuit
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2001, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Número de pieza similar - TPA6017A2_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA6017A2 TI-TPA6017A2_13 Datasheet
3Mb / 81P
[Old version datasheet]   Introduction and Table of Contents
More results

Descripción similar - TPA6017A2_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Eutech Microelectronics...
EUA5212 EUTECH-EUA5212 Datasheet
567Kb / 18P
   2-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
logo
Texas Instruments
TPA6017A2 TI-TPA6017A2 Datasheet
350Kb / 26P
[Old version datasheet]   2 W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
TPA6017A2 TI-TPA6017A2_07 Datasheet
735Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
TPA0112 TI-TPA0112 Datasheet
488Kb / 34P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
logo
Eutech Microelectronics...
EUA5312 EUTECH-EUA5312 Datasheet
509Kb / 18P
   2-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
logo
Texas Instruments
TPA0122 TI-TPA0122 Datasheet
534Kb / 34P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
TPA0122 TI1-TPA0122_16 Datasheet
1,004Kb / 37P
[Old version datasheet]   2.6-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
logo
Eutech Microelectronics...
EUA6412A EUTECH-EUA6412A Datasheet
1Mb / 18P
   2.6-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
EUA6412 EUTECH-EUA6412 Datasheet
676Kb / 18P
   2.6-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
logo
Texas Instruments
TPA0112 TI1-TPA0112_16 Datasheet
647Kb / 36P
[Old version datasheet]   2.6-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com