Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL29001IROZ-T7 Datasheet(PDF) 6 Page - Intersil Corporation

No. de pieza ISL29001IROZ-T7
Descripción Electrónicos  Light-to-Digital Sensor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29001IROZ-T7 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL29001IROZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL29001IROZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL29001IROZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL29001IROZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL29001IROZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL29001IROZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL29001IROZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL29001IROZ-T7 Datasheet HTML 9Page - Intersil Corporation ISL29001IROZ-T7 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
FN6166.7
November 17, 2011
TABLE 1. COMMAND REGISTERS AND FUNCTIONS
COMMAND
FUNCTION
8CH
ADC is powered-down.
0CH
ADC is reset.
00H
ADC converts Diode 1’s current (IDIODE1) into unsigned-magnitude 16-bit data. The integration is internally timed at
100ms per integration.
04H
ADC converts Diode 2’s current (IDIODE2) into unsigned-magnitude 16-bit data. The integration is internally timed at
100ms per integration.
08H
ADC converts IDIODE1-IDIODE2 into 2’s-complement 16-bit data. The total integration is internally timed at 200ms per
integration.
30H
ADC converts Diode 1’s current (IDIODE1) into unsigned-magnitude 16-bit data. The integration is externally timed; each
30H command sent to the device ends one integration period and begins another.
34H
ADC converts Diode 2’s current (IDIODE1) into unsigned-magnitude 16-bit data. The integration is externally timed; each
34H command sent to the device ends one integration period and begins another.
38H
ADC converts IDIODE1-IDIODE2 into 2’s-complement 16-bit data. The integration is externally timed; each 38H command
sent to the device ends one integration period and begins another.
1xxx_xxxxB
I2C communication test. The value written to the command register can be read back via the I2C bus.
FIGURE 11A.
I2C WRITE TIMING DIAGRAM SAMPLE
FIGURE 11B.
I2C READ TIMING DIAGRAM SAMPLE
FIGURE 11. READ/WRITE TIMING DIAGRAM SAMPLES
START
W
A
A6 A5 A4 A3 A2 A1 A0 W
A R7 R6 R5 R4 R3R2 R1R0
A
A
15
3
STOP
SDA DRIVEN BY MASTER
POWER DOWN CMD 8C(HEX)
SDA DRIVEN BY MASTER
DEVICE ADDRESS 44(HEX)
I2C DATA
A
I2C SDA OUT
I2C CLK IN
I2C SDA IN
2
4
6
7
8
9
12
34
5
6
7
8
9
A
A6 A5 A4 A3 A2 A1 A0 R
A
A
A
A D7 D6 D5 D4 D3 D2 D1 D0 A D7 D6 D5 D4 D3 D2 D1 D0 A
MSB OF SENSOR READING
STOP
LSB OF SENSOR READING
SDA DRIVEN BY MASTER
SDA DRIVEN BY ISL29001
SDA DRIVEN BY ISL29001
I2C DATA
I2C SDA OUT
I2C CLK IN
I2C SDA IN
START
DEVICE ADDRESS 44(HEX)
R/W AA
15
3
2
4
6
7
8
9
1
2
3
4
5
67
89
12
3
4
5
6
7
8
9
ISL29001


Número de pieza similar - ISL29001IROZ-T7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL29001IROZ-T7 INTERSIL-ISL29001IROZ-T7 Datasheet
227Kb / 11P
   Light-to-Digital Sensor
More results

Descripción similar - ISL29001IROZ-T7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL29001 INTERSIL-ISL29001 Datasheet
227Kb / 11P
   Light-to-Digital Sensor
logo
Texas Instruments
OPT3002 TI1-OPT3002 Datasheet
331Kb / 8P
[Old version datasheet]   Light-to-Digital Sensor
logo
Intersil Corporation
ISL76683_1103 INTERSIL-ISL76683_1103 Datasheet
594Kb / 17P
   Light-to-Digital Output Sensor
logo
ams AG
TSL2540 AMSCO-TSL2540 Datasheet
540Kb / 37P
   ALS, Light-to-Digital Sensor
TSL2541 AMSCO-TSL2541 Datasheet
716Kb / 38P
   ALS, Light-to-Digital Sensor
2018-Jan-23
logo
Intersil Corporation
ISL29002 INTERSIL-ISL29002 Datasheet
196Kb / 10P
   Light-to-Digital I2C Sensor
logo
ams AG
TSL2540 AMSCO-TSL2540_V01 Datasheet
552Kb / 37P
   ALS, Light-to-Digital Sensor
2019-Mar-20
logo
Intersil Corporation
ISL29034 INTERSIL-ISL29034_14 Datasheet
387Kb / 15P
   Integrated Digital Light Sensor
April 9, 2014
logo
Everlight Electronics C...
ALS-PDIC17-79NB-TR8 EVERLIGHT-ALS-PDIC17-79NB-TR8_15 Datasheet
1Mb / 19P
   Digital Ambient Light Sensor
logo
ams AG
TSL4531 AMSCO-TSL4531 Datasheet
655Kb / 17P
   DIGITAL AMBIENT LIGHT SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com