Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL29008IROZ-T7 Datasheet(PDF) 6 Page - Intersil Corporation

No. de pieza ISL29008IROZ-T7
Descripción Electrónicos  Small, Low Power, Current-Output Ambient Light Photo Detect IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29008IROZ-T7 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL29008IROZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL29008IROZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL29008IROZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL29008IROZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL29008IROZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL29008IROZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL29008IROZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL29008IROZ-T7 Datasheet HTML 9Page - Intersil Corporation ISL29008IROZ-T7 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
FN6282.2
October 8, 2015
FIGURE 11. TRANSIENT TME vs LUX CHANGE FROM/TO 0
LUX
FIGURE 12. OUTPUT CURRENT vs TEMPERATURE AT 0 LUX
FIGURE 13. SUPPLY CURRENT vs TEMPERATURE AT 0 LUX
FIGURE 14. NORMALIZED OUTPUT CURRENT vs
TEMPERATURE
FIGURE 15. SUPPLY CURRENT vs TEMPERATURE
FIGURE 16. NORMALIZED OUTPUT CURRENT vs SUPPLY
VOLTAGE
Typical Performance Curves (Continued)
0.01
0.1
1
10
100
1000
1
10
100
1000
LUX CHANGE FROM/TO 0 LUX (LUX)
DELAY TIME BEFORE FALLING
FALL TIME
DELAY TIME BEFORE RISING
RISE TIME
-0.013
0
0.013
0.026
0.039
0.052
0.065
0.078
0.091
0.104
0.117
-0.2
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
-50 -40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90 100
TEMPERATURE (°C)
VDD = 3V
REXT = 10M
LIGHT INTENSITY = 0 LUX
0.10
0.11
0.12
0.13
0.14
0.15
0.16
0.17
0.18
0.19
0.20
-50 -40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90 100
TEMPERATURE (°C)
VDD = 3V
REXT = 10M
LIGHT INTENSITY = 0 LUX
0.97
0.98
0.99
1.00
1.01
1.02
1.03
1.04
1.05
-50 -40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90 100
TEMPERATURE (°C)
1000 LUX
300 LUX
VDD = 3V
FLUORESCENT LIGHT
LINEAR (1000 LUX)
LINEAR (300 LUX)
0
2
4
6
8
10
12
14
16
18
20
-50 -40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90 100
TEMPERATURE (°C)
1100 LUX
300 LUX
VDD = 3V
FLUORESCENT LIGHT
ISL29006
0.97
0.98
0.99
1.00
1.01
1.02
1.5
2.0
2.5
3.0
3.5
4.0
SUPPLY VOLTAGE (V)
FLUORESCENT LIGHT INTENSITY = 850 LUX
ISL29006, ISL29007, ISL29008


Número de pieza similar - ISL29008IROZ-T7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL29008IROZ-T7 INTERSIL-ISL29008IROZ-T7 Datasheet
709Kb / 11P
   Small, Low Power, Current-Output Ambient Light Photo Detect IC
logo
Renesas Technology Corp
ISL29008IROZ-T7 RENESAS-ISL29008IROZ-T7 Datasheet
973Kb / 12P
   Small, Low Power, Current-Output Ambient Light Photo Detect IC
More results

Descripción similar - ISL29008IROZ-T7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL29006 RENESAS-ISL29006 Datasheet
973Kb / 12P
   Small, Low Power, Current-Output Ambient Light Photo Detect IC
logo
Intersil Corporation
ISL29006 INTERSIL-ISL29006 Datasheet
709Kb / 11P
   Small, Low Power, Current-Output Ambient Light Photo Detect IC
ISL29101 INTERSIL-ISL29101 Datasheet
634Kb / 7P
   Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
ISL29101IROZ-T7 INTERSIL-ISL29101IROZ-T7 Datasheet
576Kb / 7P
   Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
November 5, 2012
logo
Renesas Technology Corp
ISL29101 RENESAS-ISL29101 Datasheet
803Kb / 7P
   Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
ISL29009 RENESAS-ISL29009 Datasheet
808Kb / 7P
   Non-Linear Output Current, Low Power Ambient Light Photo Detect IC
logo
Intersil Corporation
ISL29009IROZ-T7 INTERSIL-ISL29009IROZ-T7 Datasheet
578Kb / 7P
   Non-Linear Output Current, Low Power Ambient Light Photo Detect IC
July 1, 2008
ISL29009 INTERSIL-ISL29009 Datasheet
679Kb / 7P
   Non-Linear Output Current, Low Power Ambient Light Photo Detect IC
EL7900 INTERSIL-EL7900 Datasheet
177Kb / 8P
   Ambient Light Photo Detect IC
ISL29000 INTERSIL-ISL29000_07 Datasheet
158Kb / 7P
   Ambient Light Photo Detect IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com