Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL29033IROZ-EVALZ Datasheet(PDF) 10 Page - Intersil Corporation

No. de pieza ISL29033IROZ-EVALZ
Descripción Electrónicos  Ultra-Low Lux, Low Power, Integrated Digital Ambient Light Sensor with Interrupt Function
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29033IROZ-EVALZ Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL29033IROZ-EVALZ Datasheet HTML 6Page - Intersil Corporation ISL29033IROZ-EVALZ Datasheet HTML 7Page - Intersil Corporation ISL29033IROZ-EVALZ Datasheet HTML 8Page - Intersil Corporation ISL29033IROZ-EVALZ Datasheet HTML 9Page - Intersil Corporation ISL29033IROZ-EVALZ Datasheet HTML 10Page - Intersil Corporation ISL29033IROZ-EVALZ Datasheet HTML 11Page - Intersil Corporation ISL29033IROZ-EVALZ Datasheet HTML 12Page - Intersil Corporation ISL29033IROZ-EVALZ Datasheet HTML 13Page - Intersil Corporation ISL29033IROZ-EVALZ Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
ISL29033
10
FN7656.2
February 25, 2013
External Scaling Resistor REXT for fOSC and
Range
The ISL29033 uses an external resistor, REXT, to fix its internal
oscillator frequency, fOSC, and the light sensing range, Range.
The fOSC and Range are inversely proportional to REXT. For ease
of use, the proportionality constant is referenced to 499kΩ.
Calculation for Range is shown in Equation 5 and for fOSC in
Equation 6.
Noise Rejection
In general, integrating-type ADCs have excellent noise rejection
characteristics for periodic noise sources for which frequency is
an integer multiple of the conversion rate. For example, a 60Hz
AC unwanted signal’s sum from 0ms to k*16.66ms (k = 1,2...ki)
is zero. Similarly, setting the device’s integration time to be an
integer multiple of the periodic noise signal greatly improves the
light sensor output signal in the presence of noise.
ADC Output in IR Sensing
The ISL29033 ADC output codes, DATA, are directly proportional
to the IR intensity received in IR sensing, as shown in Equation 7.
In this equation, EIR is the received IR intensity. The constant, b,
changes with the spectrum of background IR noise, such as
sunlight and incandescent light. The constant, b, also changes
with ADC range and resolution selections.
Suggested PCB Footprint
It is important that users check Tech Brief 477, “Surface Mount
Assembly Guidelines for Optical Dual FlatPack No Lead (ODFN)
Package” before starting ODFN product board mounting:
http://www.intersil.com/data/tb/TB477.pdf
Layout Considerations
The ISL29033 is relatively insensitive to layout. Like other I2C
devices, it is intended to provide excellent performance even in
significantly noisy environments. Attention to a few
considerations will ensure best performance.
Route the supply and I2C traces as far as possible from all
sources of noise. Use two power-supply decoupling capacitors,
1µF and 0.1µF, placed close to the device.
Typical Circuit
A typical application for the ISL29033 is shown in Figure 5. The
ISL29033 I2C address is internally hardwired as 1000100. The
device can be tied onto a system’s I2C bus together with other
I2C compliant devices.
Soldering Considerations
Convection heating is recommended for reflow soldering;
direct-infrared heating is not recommended. The plastic ODFN
package does not require a custom reflow soldering profile; it is
qualified to +260°C. A standard reflow soldering profile with a
+260°C maximum is recommended.
ALS Sensor Window Layout
Special care should be taken to ensure that the sensor, as shown
in the sensor location outline (Figure 6), is uniformly illuminated.
Shadows from off-angle window openings can affect uniform
illumination, which in turn can affect measurement results.
TABLE 8. INTEGRATION TIME OF n-BIT ADC
REXT
(kΩ)
n = 16-BIT
(ms)
n = 12-BIT
(ms)
n = 8-BIT
(µs)
n = 4-BIT
(µs)
499
100
6.25
391
24
1000
200
12.5
782
48
(EQ. 5)
Range
499k
Ω
REXT
-------------------
Range k
()
×
=
(EQ. 6)
fOSC
499k
Ω
REXT
-------------------
655
×
kHz
=
DATAIR
β EIR
×
=
(EQ. 7)


Número de pieza similar - ISL29033IROZ-EVALZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL29033IROZ-EVALZ INTERSIL-ISL29033IROZ-EVALZ Datasheet
468Kb / 15P
   Ultra-Low Lux, Low Power, Integrated Digital Ambient Light Sensor with Interrupt Function
February 25, 2013
logo
Renesas Technology Corp
ISL29033IROZ-EVALZ RENESAS-ISL29033IROZ-EVALZ Datasheet
771Kb / 15P
   Ultra-Low Lux, Low Power, Integrated Digital Ambient Light Sensor with Interrupt Function
More results

Descripción similar - ISL29033IROZ-EVALZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL29033IROZ-T7 INTERSIL-ISL29033IROZ-T7 Datasheet
468Kb / 15P
   Ultra-Low Lux, Low Power, Integrated Digital Ambient Light Sensor with Interrupt Function
February 25, 2013
logo
Renesas Technology Corp
ISL29033 RENESAS-ISL29033 Datasheet
771Kb / 15P
   Ultra-Low Lux, Low Power, Integrated Digital Ambient Light Sensor with Interrupt Function
logo
Intersil Corporation
ISL29023 INTERSIL-ISL29023 Datasheet
511Kb / 11P
   Integrated Digital Ambient Light Sensor with Interrupt Function
logo
Renesas Technology Corp
ISL29011 RENESAS-ISL29011 Datasheet
1Mb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
logo
Intersil Corporation
ISL29011IROZ-T7 INTERSIL-ISL29011IROZ-T7 Datasheet
822Kb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
May 1, 2014
ISL29011 INTERSIL-ISL29011_11 Datasheet
822Kb / 16P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
ISL29018 INTERSIL-ISL29018 Datasheet
633Kb / 15P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
ISL29011 INTERSIL-ISL29011_10 Datasheet
680Kb / 16P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
ISL29011 INTERSIL-ISL29011 Datasheet
631Kb / 15P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
ISL29018IROZ-T7 INTERSIL-ISL29018IROZ-T7 Datasheet
803Kb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
October 8, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com