Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL29044AIROMZ-EVALZ Datasheet(PDF) 7 Page - Intersil Corporation

No. de pieza ISL29044AIROMZ-EVALZ
Descripción Electrónicos  Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29044AIROMZ-EVALZ Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL29044AIROMZ-EVALZ Datasheet HTML 3Page - Intersil Corporation ISL29044AIROMZ-EVALZ Datasheet HTML 4Page - Intersil Corporation ISL29044AIROMZ-EVALZ Datasheet HTML 5Page - Intersil Corporation ISL29044AIROMZ-EVALZ Datasheet HTML 6Page - Intersil Corporation ISL29044AIROMZ-EVALZ Datasheet HTML 7Page - Intersil Corporation ISL29044AIROMZ-EVALZ Datasheet HTML 8Page - Intersil Corporation ISL29044AIROMZ-EVALZ Datasheet HTML 9Page - Intersil Corporation ISL29044AIROMZ-EVALZ Datasheet HTML 10Page - Intersil Corporation ISL29044AIROMZ-EVALZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
ISL29044A
7
FN8419.1
April 19, 2013
FIGURE 10. IRDR PULSE AMPLITUDE vs VIRDR
FIGURE 11. ALS RANGE1 OVER-TEMPERATURE AT 75 LUX WHITE LED
FIGURE 12. RADIATION EMISSION PATTERN IRLED TRANSVERSE
FIGURE 13. IR-LED LATERAL EMISSION PATTERN (NORMALIZED
INTENSITY vs ΘTRANS)
FIGURE 14. DEFINITION OF LATERAL AND TRANSVERSE AXES
Typical Performance Curves V
DD = 3.0V (Continued)
100
120
140
160
180
200
220
240
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
220mA-MODE (PROX_DR = 1)
110mA-MODE (PROX_DR = 0)
VIRDR (V)
-0.03
-0.02
-0.01
0
0.01
0.02
-50 -40 -30 -20 -10 0
10 20 30 40 50 60 70 80 90 100
TEMPERATURE (°C)
ANGULAR (°)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
ANGULAR (°)
θ
Lateral
θ
Transverse


Número de pieza similar - ISL29044AIROMZ-EVALZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL29044AIROMZ-EVALZ RENESAS-ISL29044AIROMZ-EVALZ Datasheet
1Mb / 19P
   Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
April 28, 2016
More results

Descripción similar - ISL29044AIROMZ-EVALZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL29043 INTERSIL-ISL29043 Datasheet
862Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
ISL29044A INTERSIL-ISL29044A Datasheet
112Kb / 2P
   Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
ISL29044 INTERSIL-ISL29044 Datasheet
188Kb / 2P
   Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
ISL29044IROMZ-T7 INTERSIL-ISL29044IROMZ-T7 Datasheet
533Kb / 19P
   Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
logo
Renesas Technology Corp
ISL29044A RENESAS-ISL29044A Datasheet
1Mb / 19P
   Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
April 28, 2016
logo
Intersil Corporation
ISL29043IROMZ-T7 INTERSIL-ISL29043IROMZ-T7 Datasheet
627Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
February 9, 2012
logo
Renesas Technology Corp
ISL29043 RENESAS-ISL29043 Datasheet
1Mb / 16P
   Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
April 28, 2016
ISL29044 RENESAS-ISL29044 Datasheet
1Mb / 19P
   Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
April 28, 2016
logo
Fairchild Semiconductor
FLD00060 FAIRCHILD-FLD00060 Datasheet
2Mb / 22P
   I2C Digital Ambient Light and Proximity Sensor with Built-in IR LED
logo
AMIC Technology
ASR8800 AMICC-ASR8800 Datasheet
59Kb / 1P
   Ambient Light, Solar_UV_Index, IR and Proximity Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com