Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL54053IHZ-T Datasheet(PDF) 9 Page - Intersil Corporation

No. de pieza ISL54053IHZ-T
Descripción Electrónicos  Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54053IHZ-T Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL54053IHZ-T Datasheet HTML 4Page - Intersil Corporation ISL54053IHZ-T Datasheet HTML 5Page - Intersil Corporation ISL54053IHZ-T Datasheet HTML 6Page - Intersil Corporation ISL54053IHZ-T Datasheet HTML 7Page - Intersil Corporation ISL54053IHZ-T Datasheet HTML 8Page - Intersil Corporation ISL54053IHZ-T Datasheet HTML 9Page - Intersil Corporation ISL54053IHZ-T Datasheet HTML 10Page - Intersil Corporation ISL54053IHZ-T Datasheet HTML 11Page - Intersil Corporation ISL54053IHZ-T Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
FN6460.3
October 19, 2009
Typical Performance Curves T
A = +25°C, Unless Otherwise Specified.
FIGURE 9. ON-RESISTANCE vs SUPPLY VOLTAGE vs
SWITCH VOLTAGE
FIGURE 10. ON-RESISTANCE vs SWITCH VOLTAGE
FIGURE 11. ON-RESISTANCE vs SWITCH VOLTAGE
FIGURE 12. ON-RESISTANCE vs SWITCH VOLTAGE
FIGURE 13. TURN-ON TIME vs SUPPLY VOLTAGE
FIGURE 14. TURN-OFF TIME vs SUPPLY VOLTAGE
0
0.5
1.0
1.5
2.0
2.5
VCOM (V)
01
2
3
4
5
V+ = 4.5V
V+ = 1.8V
V+ = 2.7V
V+ = 5V
V+ = 3V
ICOM = 100mA
VCOM (V)
01
2
3
5
0.2
0.3
0.4
0.5
0.6
0.8
0.9
1.0
4
+25°C
+85°C
-40°C
V+ = 5V
ICOM = 100mA
0.7
VCOM (V)
0
0.5
1.0
1.5
2.0
2.5
3.0
0.5
0.7
0.8
0.9
1.1
1.2
1.3
1.5
+25°C
+85°C
-40°C
ICOM = 100mA
0.6
1.0
1.4
V+ = 3.0V
0
0.5
1.0
1.5
1.8
VCOM (V)
0.5
1.0
1.5
2.0
2.5
3.0
+25°C
+85°C
-40°C
ICOM = 10mA
V+ = 1.8V
V+ (V)
1.8
2.8
3.8
4.8
0
20
40
60
80
100
10
30
50
70
90
+25°C
+85°C
-40°C
-40°C
V+ (V)
1.8
2.8
3.8
4.8
0
20
40
60
80
+85°C
-40°C
+25°C
-40°C
ISL54053


Número de pieza similar - ISL54053IHZ-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL54053IHZ-T INTERSIL-ISL54053IHZ-T Datasheet
445Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
logo
Renesas Technology Corp
ISL54053IHZ-T RENESAS-ISL54053IHZ-T Datasheet
658Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
More results

Descripción similar - ISL54053IHZ-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL54053 INTERSIL-ISL54053 Datasheet
445Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
ISL54053_0709 INTERSIL-ISL54053_0709 Datasheet
377Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
logo
Renesas Technology Corp
ISL84714 RENESAS-ISL84714 Datasheet
523Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
logo
Intersil Corporation
ISL84714_0411 INTERSIL-ISL84714_0411 Datasheet
345Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
ISL84714 INTERSIL-ISL84714 Datasheet
228Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
ISL84714IH-T INTERSIL-ISL84714IH-T Datasheet
225Kb / 10P
   Ultra Low ON-Resistance, Low Voltage,Single Supply, SPDT Analog Switch
January 19, 2009
logo
Renesas Technology Corp
ISL54053 RENESAS-ISL54053 Datasheet
658Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
logo
Intersil Corporation
ISL43L220 INTERSIL-ISL43L220 Datasheet
437Kb / 13P
   Ultra Low ON-Resistance, Low Voltage,Single Supply, Dual SPDT Analog Switch
ISL84684 INTERSIL-ISL84684_07 Datasheet
380Kb / 13P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Dual SPDT Analog Switch
logo
Renesas Technology Corp
ISL43L220 RENESAS-ISL43L220 Datasheet
707Kb / 13P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Dual SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com