Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0622018754 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

No. de pieza 0622018754
Descripción Electrónicos  Press-In Tool for Daughter Card 5-Pair by 8-Column Assemblies
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX11 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0622018754 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0622018754 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/13/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0622018754
Status:
Active
Description:
Press-In Tool for Daughter Card 5-Pair by 8-Column Assemblies
Documents:
RoHS Certificate of Compliance (PDF)
General
Product Family
Application Tooling
Series
T9999
Comments
See Tooling Specification (PDF) Above, Press-In Tool
Function
Insertion
Geographic Area
Global
Level of Automation
Manual
More Detailed Tech Information
applicationtooling@molex.com
Product Name
Impact™
Survey
www.molex.com//review/apptool_survey.html
Tool Type
Handtool
UPC
884982063501
Material Info
Reference - Drawing Numbers
Application Tooling Documents
ATS-622018754, TM-622018799
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
Search Parts in this Series
T9999 Series
Use With
Impact™ Daughtercard Orthogonal
Assembly, 5-Pair by 8 Column Assemblies
This document was generated on 10/13/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Número de pieza similar - 0622018754

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0622018700 MOLEX11-0622018700 Datasheet
56Kb / 1P
   TM-42 Termination Kit
0622018707 MOLEX11-0622018707 Datasheet
31Kb / 1P
   Tinman Dual Vertical Header Press-In Tool for 5-Pair by 10 Column Assemblies
0622018707 MOLEX-0622018707 Datasheet
31Kb / 1P
   Z-PACK TinMan Dual Vertical Header Press-In Tool for 5-Pair by 10 Column Assemblies
02/27/2021
0622018708 MOLEX11-0622018708 Datasheet
45Kb / 2P
   Impact 100 Ohm 5 Pair Vertical Backplane Header, Left Guided, Open Endwall
0622018708 MOLEX11-0622018708 Datasheet
45Kb / 2P
   Impact 100 Ohm 5 Pair Vertical Backplane Header, Left Guided, Open Endwall
More results

Descripción similar - 0622018754

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0622018659 MOLEX-0622018659 Datasheet
30Kb / 3P
   Daughter Card Module Installation Press-In Tool for 5-Pair by 16-Column Assemblies
02/26/2021
62201-8675 MOLEX11-62201-8675 Datasheet
34Kb / 1P
   Daughter Card Module Installation Press-In Tool for 3-Pair by 8-Column Assemblies
0622018659 MOLEX11-0622018659 Datasheet
28Kb / 1P
   Daughter Card Module Installation Press-In Tool for 5-Pair by 16-Column Assemblies
0622018675 MOLEX-0622018675 Datasheet
41Kb / 5P
   Daughter Card Module Installation Press-In Tool for 3-Pair by 8-Column Assemblies
07/27/2021
62201-8646 MOLEX11-62201-8646 Datasheet
35Kb / 1P
   Daughter Card Module Installation Press-In Tool for 3-Pair by 10-Column Assemblies
0622018646 MOLEX-0622018646 Datasheet
44Kb / 6P
   Daughter Card Module Installation Press-In Tool for 3-Pair by 10-Column Assemblies
06/26/2021
0622018650 MOLEX-0622018650 Datasheet
41Kb / 5P
   Daughter Card Module Installation Press-In Tool for 3-Pair by 16-Column Assemblies
06/26/2021
0622018664 MOLEX11-0622018664 Datasheet
27Kb / 1P
   Press-in-Tool for Daughter Card Signal Module, 6-Pair by 16-Column Assemblies
0622018650 MOLEX11-0622018650 Datasheet
27Kb / 1P
   Daughter Card Module Installation Press-In Tool for 3-Pair by 16-Column Assemblies
0622018665 MOLEX-0622018665 Datasheet
58Kb / 11P
   Backplane Press-In Tool for 5-Pair by 16-Column Assemblies
02/26/2021
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com