Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM9036DTX-5.0 Datasheet(PDF) 3 Page - Texas Instruments

No. de pieza LM9036DTX-5.0
Descripción Electrónicos  Ultra-Low Quiescent Current Voltage Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM9036DTX-5.0 Datasheet(HTML) 3 Page - Texas Instruments

  LM9036DTX-5.0 Datasheet HTML 1Page - Texas Instruments LM9036DTX-5.0 Datasheet HTML 2Page - Texas Instruments LM9036DTX-5.0 Datasheet HTML 3Page - Texas Instruments LM9036DTX-5.0 Datasheet HTML 4Page - Texas Instruments LM9036DTX-5.0 Datasheet HTML 5Page - Texas Instruments LM9036DTX-5.0 Datasheet HTML 6Page - Texas Instruments LM9036DTX-5.0 Datasheet HTML 7Page - Texas Instruments LM9036DTX-5.0 Datasheet HTML 8Page - Texas Instruments LM9036DTX-5.0 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
LM9036
www.ti.com
SNVS140E – AUGUST 2003 – REVISED MARCH 2013
Electrical Characteristics - LM9036-5.0
VIN = 14V, IOUT = 10 mA, TJ = 25°C, unless otherwise specified. Boldface limits apply over entire operating temperature
range
Min
Typical
Max
Parameter
Conditions
Units
(1)
(2)
(1)
4.80
5.00
5.20
Output Voltage (VOUT)
V
5.5V
≤ VIN ≤ 26V,
4.75
5.00
5.25
0.1mA
≤ IOUT ≤ 50mA
(3)
IOUT = 0.1mA, 8V ≤ VIN ≤ 24V
20
25
µA
IOUT = 1mA, 8V ≤ VIN ≤ 24V
50
100
Quiescent Current (IGND)
IOUT = 10mA, 8V ≤ VIN ≤ 24V
0.3
0.5
mA
IOUT = 50mA, 8V ≤ VIN ≤ 24V
2.0
2.5
Line Regulation (
Δ VOUT)
6V
≤ VIN ≤ 40V, IOUT = 1mA
10
30
mV
Load Regulation (
Δ VOUT)
0.1mA
≤ IOUT ≤ 5mA
10
30
mV
5mA
≤ IOUT ≤ 50mA
10
30
mV
Dropout Voltage (
Δ VOUT)
IOUT = 0.1mA
0.05
0.10
V
IOUT = 50mA
0.20
0.40
V
Short Circuit Current (ISC)
VOUT = 0V
65
120
250
mA
Ripple Rejection (PSRR)
Vripple = 1Vrms, Fripple = 120Hz
−40
−60
dB
Output Bypass Capacitance
0.3
Ω ≤ ESR ≤ 8Ω
10
22
µF
(COUT)
0.1mA
≤ IOUT ≤ 50mA
(1)
Tested limits are specified to TI's AOQL (Average Outgoing Quality Level) and 100% tested.
(2)
Typicals are at 25°C (unless otherwise specified) and represent the most likely parametric norm.
(3)
To ensure constant junction temperature, pulse testing is used.
Electrical Characteristics - LM9036-3.3
VIN = 14V, IOUT = 10 mA, TJ = 25°C, unless otherwise specified. Boldface limits apply over entire operating temperature
range
Min
Typical
Max
Parameter
Conditions
Units
(1)
(2)
(1)
3.168
3.30
3.432
Output Voltage (VOUT)
V
5.5V
≤ VIN ≤ 26V,
3.135
3.30
3.465
0.1mA
≤ IOUT ≤ 50mA
(3)
IOUT = 0.1mA, 8V ≤ VIN ≤ 24V
20
25
µA
IOUT = 1mA, 8V ≤ VIN ≤ 24V
50
100
Quiescent Current (IGND)
IOUT = 10mA, 8V ≤ VIN ≤ 24V
0.3
0.5
mA
IOUT = 50mA, 8V ≤ VIN ≤ 24V
2.0
2.5
Line Regulation (
Δ VOUT)
6V
≤ VIN ≤ 40V, IOUT = 1mA
10
30
mV
Load Regulation (
Δ VOUT)
0.1mA
≤ IOUT ≤ 5mA
10
30
mV
5mA
≤ IOUT ≤ 50mA
10
30
mV
Dropout Voltage (
Δ VOUT)
IOUT = 0.1mA
0.05
0.10
V
IOUT = 50mA
0.20
0.40
V
Short Circuit Current (ISC)
VOUT = 0V
65
120
250
mA
Ripple Rejection (PSRR)
Vripple = 1Vrms, Fripple = 120Hz
−40
−60
dB
Output Bypass Capacitance
0.3
Ω ≤ ESR ≤ 8Ω
22
33
µF
(COUT)
0.1mA
≤ IOUT ≤ 50mA
(1)
Tested limits are specified to TI's AOQL (Average Outgoing Quality Level) and 100% tested.
(2)
Typicals are at 25°C (unless otherwise specified) and represent the most likely parametric norm.
(3)
To ensure constant junction temperature, pulse testing is used.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM9036


Número de pieza similar - LM9036DTX-5.0

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM9036DTX-5.0 NSC-LM9036DTX-5.0 Datasheet
224Kb / 10P
   Ultra-Low Quiescent Current Voltage Regulator
More results

Descripción similar - LM9036DTX-5.0

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM9036 NSC-LM9036 Datasheet
167Kb / 7P
   Ultra-Low Quiescent Current Voltage Regulator
LM9036 NSC-LM9036_08 Datasheet
224Kb / 10P
   Ultra-Low Quiescent Current Voltage Regulator
logo
Texas Instruments
LM9036Q TI-LM9036Q_15 Datasheet
835Kb / 14P
[Old version datasheet]   Ultra-Low Quiescent Current Voltage Regulator
LM9036Q TI1-LM9036Q Datasheet
261Kb / 10P
[Old version datasheet]   Ultra-Low Quiescent Current Voltage Regulator
logo
Infineon Technologies A...
TLS805B1SJV INFINEON-TLS805B1SJV_15 Datasheet
1Mb / 22P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-02-05
TLS810C1EJV33 INFINEON-TLS810C1EJV33_15 Datasheet
2Mb / 26P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-02-11
TLS805D1LDV50 INFINEON-TLS805D1LDV50 Datasheet
1Mb / 29P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2016-03-18
TLS805B1LDV INFINEON-TLS805B1LDV Datasheet
1Mb / 26P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.2, 2016-01-11
TLS805B1LDV50 INFINEON-TLS805B1LDV50 Datasheet
770Kb / 24P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.10, 2016-04-20
TLS810B1 INFINEON-TLS810B1 Datasheet
1Mb / 24P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-11-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com