Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM2936HVMA-5.0 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM2936HVMA-5.0
Descripción Electrónicos  Ultra-Low Quiescent Current LDO Voltage Regulator
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM2936HVMA-5.0 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM2936HVMA-5.0 Datasheet HTML 2Page - Texas Instruments LM2936HVMA-5.0 Datasheet HTML 3Page - Texas Instruments LM2936HVMA-5.0 Datasheet HTML 4Page - Texas Instruments LM2936HVMA-5.0 Datasheet HTML 5Page - Texas Instruments LM2936HVMA-5.0 Datasheet HTML 6Page - Texas Instruments LM2936HVMA-5.0 Datasheet HTML 7Page - Texas Instruments LM2936HVMA-5.0 Datasheet HTML 8Page - Texas Instruments LM2936HVMA-5.0 Datasheet HTML 9Page - Texas Instruments LM2936HVMA-5.0 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
LM2936
SNOSC48O – JUNE 2000 – REVISED DECEMBER 2014
www.ti.com
6.6 Electrical Characteristics for 3.3-V LM2936
VIN = 14 V, IOUT = 10 mA, TJ = 25°C, unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
3.3-V LM2936HV ONLY
Output voltage
5.5 V
≤ VIN ≤ 48 V, 100 µA ≤ IOUT ≤ 50 mA,
(3)
3.201
3.300
3.399
V
–40°C
≤ TJ ≤ 125°C
Line regulation
6 V
≤ VIN ≤ 60 V, IOUT = 1 mA
10
30
mV
ALL 3.3-V LM2936
3.234
3.300
3.366
Output voltage
V
4 V
≤ VIN ≤ 26 V, 100 µA ≤ IOUT ≤ 50 mA,
(3)
3.201
3.300
3.399
–40°C
≤ TJ ≤ 125°C
Quiescent current
IOUT = 100 μA, 8 V ≤ VIN ≤ 24 V
15
20
μA
IOUT = 10 mA, 8 V ≤ VIN ≤ 24 V
0.2
0.5
mA
IOUT = 50 mA, 8 V ≤ VIN ≤ 24 V
1.5
2.5
mA
Line regulation
9 V
≤ VIN ≤ 16 V
5
10
mV
6 V
≤ VIN ≤ 40 V, IOUT = 1 mA
10
30
Load regulation
100
μA ≤ IOUT ≤ 5 mA
10
30
mV
5 mA
≤ IOUT ≤ 50 mA
10
30
Dropout voltage
IOUT = 100 μA
0.05
0.10
V
IOUT = 50 mA
0.2
0.4
V
Short-circuit current
VOUT = 0 V
65
120
250
mA
Output impedance
IOUT = 30 mAdc and 10 mArms, ƒ = 1000 Hz
450
m
Ω
Output noise voltage
10 Hz–100 kHz
500
μV
Long-term stability
20
mV/1000 Hr
Ripple rejection
Vripple = 1 Vrms, ƒripple = 120 Hz
−40
−60
dB
Reverse polarity
RL = 500 Ω, T = 1 ms
−50
−80
V
transient input voltage
Output voltage with
VIN = −15 V, RL = 500 Ω
0
−0.3
V
reverse polarity input
maximum line transient
RL = 500 Ω, VOUT ≤ 3.63 V, T = 40 ms
60
V
Output bypass
COUT = 22 µF, 0.1 mA ≤ IOUT ≤ 50 mA
0.3
8
Ω
capacitance (COUT) ESR
SHUTDOWN INPUT
− 3.3-V LM2936BM ONLY
Output voltage, VOUT
Output off, VSD = 2.4 V, RLOAD = 500 Ω
0
0.01
V
Shutdown high
Output off, RLOAD = 500 Ω
2
1.1
V
threshold voltage, VIH
Shutdown low
Output on, RLOAD = 500 Ω
1.1
0.6
V
threshold voltage, VIL
Shutdown high
Output off, VSD = 2.4V, RLOAD = 500 Ω
12
μA
current, IIH
Quiescent current
Output off, VSD = 2.4V, RLOAD = 500 Ω,
30
μA
includes IIH current
(1)
Datasheet min/max specification limits are ensured by design, test, or statistical analysis.
(2)
Typicals are at 25°C (unless otherwise specified) and represent the most likely parametric norm.
(3)
To ensure constant junction temperature, pulse testing is used.
6
Submit Documentation Feedback
Copyright © 2000–2014, Texas Instruments Incorporated
Product Folder Links: LM2936


Número de pieza similar - LM2936HVMA-5.0

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM2936HVMA-5.0 NSC-LM2936HVMA-5.0 Datasheet
414Kb / 10P
   Ultra-Low Quiescent Current 5V Regulator
LM2936HVMA-5.0 NSC-LM2936HVMA-5.0 Datasheet
853Kb / 15P
   Ultra-Low Quiescent Current LDO Voltage Regulator
logo
Texas Instruments
LM2936HVMA-5.0 TI-LM2936HVMA-5.0 Datasheet
1Mb / 28P
[Old version datasheet]   LM2936 Ultra-Low Quiescent Current LDO Voltage Regulator
LM2936HVMA-5.0 TI-LM2936HVMA-5.0 Datasheet
1Mb / 28P
[Old version datasheet]   LM2936 Ultra-Low Quiescent Current LDO Voltage Regulator
More results

Descripción similar - LM2936HVMA-5.0

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM2936 NSC-LM2936 Datasheet
853Kb / 15P
   Ultra-Low Quiescent Current LDO Voltage Regulator
logo
Texas Instruments
SM74501 TI1-SM74501 Datasheet
428Kb / 14P
[Old version datasheet]   Ultra-Low Quiescent Current LDO Voltage Regulator
LM2936Q TI1-LM2936Q Datasheet
420Kb / 17P
[Old version datasheet]   Ultra-Low Quiescent Current LDO Voltage Regulator
logo
Microchip Technology
MCP1710 MICROCHIP-MCP1710 Datasheet
959Kb / 24P
   Ultra Low Quiescent Current LDO Regulator
01/27/15
MCP1710 MICROCHIP-MCP1710_15 Datasheet
959Kb / 24P
   Ultra Low Quiescent Current LDO Regulator
01/27/15
logo
Rohm
BD7XXL2EFJ-C ROHM-BD7XXL2EFJ-C Datasheet
1Mb / 33P
   Ultra Low Quiescent Current LDO Regulator
19.Nov.2021 Rev.008
logo
Texas Instruments
LM2936Q-Q1 TI-LM2936Q-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   LM2936Q Ultra-Low Quiescent Current LDO Voltage Regulator
LM2936MP-5.0 TI-LM2936MP-5.0 Datasheet
1Mb / 28P
[Old version datasheet]   LM2936 Ultra-Low Quiescent Current LDO Voltage Regulator
logo
Rohm
BD733L5FP-CE2 ROHM-BD733L5FP-CE2 Datasheet
614Kb / 21P
   Ultra Low Quiescent Current LDO Regulator
logo
Microchip Technology
MCP1710 MICROCHIP-MCP1710_12 Datasheet
1Mb / 26P
   Ultra-Low Quiescent Current LDO Regulator
2012 11/29/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com