Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM2936MP-5.0 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM2936MP-5.0
Descripción Electrónicos  Ultra-Low Quiescent Current LDO Voltage Regulator
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM2936MP-5.0 Datasheet(HTML) 1 Page - Texas Instruments

  LM2936MP-5.0 Datasheet HTML 1Page - Texas Instruments LM2936MP-5.0 Datasheet HTML 2Page - Texas Instruments LM2936MP-5.0 Datasheet HTML 3Page - Texas Instruments LM2936MP-5.0 Datasheet HTML 4Page - Texas Instruments LM2936MP-5.0 Datasheet HTML 5Page - Texas Instruments LM2936MP-5.0 Datasheet HTML 6Page - Texas Instruments LM2936MP-5.0 Datasheet HTML 7Page - Texas Instruments LM2936MP-5.0 Datasheet HTML 8Page - Texas Instruments LM2936MP-5.0 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
IN
OUT
GND
CIN
100 nF *
COUT
10 µF **
VIN
VOUT
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
LM2936
SNOSC48O – JUNE 2000 – REVISED DECEMBER 2014
LM2936 Ultra-Low Quiescent Current LDO Voltage Regulator
1 Features
3 Description
The LM2936 ultra-low quiescent current regulator
1
LM2936 Operating VIN range of 5.5 V to 40 V
features low dropout voltage and low current in the
LM2936HV Operating VIN range of 5.5 V to 60 V
standby mode. With less than 15-
μA quiescent
Ultra Low Quiescent Current (IQ ≤ 15 μA for
current at a 100-
μA load, the LM2936 is ideally suited
IOUT = 100 μA)
for automotive and other battery operated systems.
The LM2936 retains all of the features that are
Fixed 3-V, 3.3-V or 5-V with 50-mA Output
common to low dropout regulators including a low
±2% Initial Output Tolerance
dropout PNP pass device, short circuit protection,
±3% Output Tolerance Over Line, Load, and
reverse battery protection, and thermal shutdown.
Temperature
The LM2936 has a 40-V maximum operating voltage
limit, a
−40°C to 125°C operating temperature range,
Dropout Voltage Typically 200 mV at IOUT = 50 mA
and ±3% output voltage tolerance over the entire
–24-V Input Voltage Protection
output current, input voltage, and temperature range.
–50-V Input Transient Protection
The LM2936 is available in a TO-92 through-hole
package, as well as SOIC-8, VSSOP, SOT–223, and
Internal Short Circuit Current Limit
TO-252 surface mount packages.
Internal Thermal Shutdown Protection
Shutdown Pin Available with LM2936BM Package
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
2 Applications
SOIC (8)
4.90 mm x 3.91 mm
Automotive
TO-252 (3)
6.10 mm x 6.58 mm
Industrial Controls
LM2936
VSSOP (8)
3.00 mm x 3.00 mm
Point of Load
SOT-223 (4)
6.50 mm x 3.50 mm
TO-92 (3)
4.30 mm x 4.30 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Simplified Schematic
* Required if regulator is located more than 2
″ from power supply filter capacitor.
** Required for stability. See Electrical Characteristics for 3-V LM2936 for required values. Must be rated over
intended operating temperature range. Effective series resistance (ESR) is critical, see Typical Characteristics. Locate
capacitor as close as possible to the regulator output and ground pins. Capacitance may be increased without bound.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Número de pieza similar - LM2936MP-5.0

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM2936MP-5.0 NSC-LM2936MP-5.0 Datasheet
331Kb / 9P
   Ultra-Low Quiescent Current 5V Regulator
LM2936MP-5.0 NSC-LM2936MP-5.0 Datasheet
414Kb / 10P
   Ultra-Low Quiescent Current 5V Regulator
LM2936MP-5.0 NSC-LM2936MP-5.0 Datasheet
853Kb / 15P
   Ultra-Low Quiescent Current LDO Voltage Regulator
logo
Texas Instruments
LM2936MP-5.0 TI-LM2936MP-5.0 Datasheet
1Mb / 28P
[Old version datasheet]   LM2936 Ultra-Low Quiescent Current LDO Voltage Regulator
LM2936MP-5.0 TI-LM2936MP-5.0 Datasheet
1Mb / 28P
[Old version datasheet]   LM2936 Ultra-Low Quiescent Current LDO Voltage Regulator
More results

Descripción similar - LM2936MP-5.0

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM2936 NSC-LM2936 Datasheet
853Kb / 15P
   Ultra-Low Quiescent Current LDO Voltage Regulator
logo
Texas Instruments
SM74501 TI1-SM74501 Datasheet
428Kb / 14P
[Old version datasheet]   Ultra-Low Quiescent Current LDO Voltage Regulator
LM2936Q TI1-LM2936Q Datasheet
420Kb / 17P
[Old version datasheet]   Ultra-Low Quiescent Current LDO Voltage Regulator
logo
Microchip Technology
MCP1710 MICROCHIP-MCP1710 Datasheet
959Kb / 24P
   Ultra Low Quiescent Current LDO Regulator
01/27/15
MCP1710 MICROCHIP-MCP1710_15 Datasheet
959Kb / 24P
   Ultra Low Quiescent Current LDO Regulator
01/27/15
logo
Rohm
BD7XXL2EFJ-C ROHM-BD7XXL2EFJ-C Datasheet
1Mb / 33P
   Ultra Low Quiescent Current LDO Regulator
19.Nov.2021 Rev.008
logo
Texas Instruments
LM2936Q-Q1 TI-LM2936Q-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   LM2936Q Ultra-Low Quiescent Current LDO Voltage Regulator
LM2936MP-5.0 TI-LM2936MP-5.0 Datasheet
1Mb / 28P
[Old version datasheet]   LM2936 Ultra-Low Quiescent Current LDO Voltage Regulator
logo
Rohm
BD733L5FP-CE2 ROHM-BD733L5FP-CE2 Datasheet
614Kb / 21P
   Ultra Low Quiescent Current LDO Regulator
logo
Microchip Technology
MCP1710 MICROCHIP-MCP1710_12 Datasheet
1Mb / 26P
   Ultra-Low Quiescent Current LDO Regulator
2012 11/29/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com