Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL43L420IR-T Datasheet(PDF) 6 Page - Intersil Corporation

No. de pieza ISL43L420IR-T
Descripción Electrónicos  Ultra Low ON-Resistance, 1.1V to 4.5V Single Supply, Quad SPDT Analog Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43L420IR-T Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL43L420IR-T Datasheet HTML 2Page - Intersil Corporation ISL43L420IR-T Datasheet HTML 3Page - Intersil Corporation ISL43L420IR-T Datasheet HTML 4Page - Intersil Corporation ISL43L420IR-T Datasheet HTML 5Page - Intersil Corporation ISL43L420IR-T Datasheet HTML 6Page - Intersil Corporation ISL43L420IR-T Datasheet HTML 7Page - Intersil Corporation ISL43L420IR-T Datasheet HTML 8Page - Intersil Corporation ISL43L420IR-T Datasheet HTML 9Page - Intersil Corporation ISL43L420IR-T Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
FN6098.1
Electrical Specifications - 1.1V Supply
Test Conditions: V+ = +1.1V, GND = 0V, VINH = 1.0V, VINL = 0.3V (Note 3), Unless
Otherwise Specified
PARAMETER
TEST CONDITIONS
TEMP
(°C)
(NOTE 4)
MIN
TYP
(NOTE 4)
MAX
UNITS
ANALOG SWITCH CHARACTERISTICS
Analog Signal Range, VANALOG
Full
0
-
V+
V
ON Resistance, RON
V+ = 1.1V, ICOM = 100mA, VNO or VNC = 0V to V+,
(See Figure 5)
25
-
2.5
-
Full
-
3.1
-
DYNAMIC CHARACTERISTICS
Turn-ON Time, tON
V+ = 1.1V, VNO or VNC = 1.0V, RL = 50Ω, CL = 35pF,
(See Figure 1, Note 7)
25
-
30
-
ns
Full
-
35
-
ns
Turn-OFF Time, tOFF
V+ = 1.1V, VNO or VNC = 1.0V, RL = 50Ω, CL = 35pF,
(See Figure 1, Note 7)
25
-
15
-
ns
Full
-
20
-
ns
Break-Before-Make Time Delay, tD
V+ = 1.1V, VNO or VNC = 1.0V, RL = 50Ω, CL = 35pF,
(See Figure 3, Note 7)
Full
-
4
-
ns
DIGITAL INPUT CHARACTERISTICS
Input Voltage Low, VINL
Full
-
0.3
-
V
Input Voltage High, VINH
Full
-
0.6
-
V
Input Current, IINH, IINL
V+ = 1.1V, VIN = 0V or V+, (Note 7)
Full
-
0.5
-
µA
POWER SUPPLY CHARACTERISTICS
Positive Supply Current, I+
V+ = 1.1V, VIN = 0V or V+
25
-
-
0.02
µA
Full
-
-
0.6
µA
Test Circuits and Waveforms
Logic input waveform is inverted for switches that have the opposite
logic sense.
FIGURE 1A. MEASUREMENT POINTS
Repeat test for all switches. CL includes fixture and stray
capacitance.
FIGURE 1B. TEST CIRCUIT
FIGURE 1. SWITCHING TIMES
50%
tr < 5ns
tf < 5ns
tOFF
90%
V+
0V
VNO
0V
tON
LOGIC
INPUT
SWITCH
INPUT
SWITCH
OUTPUT
90%
VOUT
VOUT
V(NO or NC)
RL
RL R ON
()
+
------------------------------
=
SWITCH
INPUT
LOGIC
INPUT
VOUT
RL
CL
COM
NO or NC
IN
50
35pF
GND
V+
C
ISL43L420


Número de pieza similar - ISL43L420IR-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL43L420IR-T INTERSIL-ISL43L420IR-T Datasheet
363Kb / 13P
   Ultra Low ON-Resistance, 1.1V to 4.5V Single Supply, Quad SPDT (Dual DPDT) Analog Switch
logo
Renesas Technology Corp
ISL43L420IR-T RENESAS-ISL43L420IR-T Datasheet
617Kb / 13P
   Ultra Low ON-Resistance, 1.1V to 4.5V Single Supply, Quad SPDT (Dual DPDT) Analog Switch
More results

Descripción similar - ISL43L420IR-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL43L210 INTERSIL-ISL43L210 Datasheet
323Kb / 12P
   Ultra Low ON-Resistance, 1.1V to 4.5V Single Supply, SPDT Analog Switch
logo
Renesas Technology Corp
ISL43L210 RENESAS-ISL43L210 Datasheet
580Kb / 12P
   Ultra Low ON-Resistance, 1.1V to 4.5V Single Supply, SPDT Analog Switch
logo
Intersil Corporation
ISL43L420 INTERSIL-ISL43L420 Datasheet
363Kb / 13P
   Ultra Low ON-Resistance, 1.1V to 4.5V Single Supply, Quad SPDT (Dual DPDT) Analog Switch
logo
Renesas Technology Corp
ISL43L420 RENESAS-ISL43L420 Datasheet
617Kb / 13P
   Ultra Low ON-Resistance, 1.1V to 4.5V Single Supply, Quad SPDT (Dual DPDT) Analog Switch
ISL43L110 RENESAS-ISL43L110 Datasheet
652Kb / 12P
   Ultra Low ON-Resistance, 1.1V to 4.5V Single Supply, SPST Analog Switches
logo
Intersil Corporation
ISL43L110 INTERSIL-ISL43L110 Datasheet
385Kb / 11P
   Ultra Low ON-Resistance, 1.1V to 4.5V Single Supply, SPST Analog Switches
ISL43L110IHZ-T INTERSIL-ISL43L110IHZ-T Datasheet
302Kb / 12P
   Ultra Low ON-Resistance, 1.1V to 4.5V Single Supply, SPST Analog Switches
August 24, 2015
ISL84467IRTZ INTERSIL-ISL84467IRTZ Datasheet
345Kb / 13P
   Ultra Low ON-Resistance, 1.65V to 4.5V,Single Supply, Quad SPDT (Dual DPDT) Analog Switch
July 23, 2008
ISL54056 INTERSIL-ISL54056_07 Datasheet
281Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
ISL8499 INTERSIL-ISL8499_06 Datasheet
329Kb / 14P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com