Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL54210IRTZ-T Datasheet(PDF) 2 Page - Intersil Corporation

No. de pieza ISL54210IRTZ-T
Descripción Electrónicos  MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54210IRTZ-T Datasheet(HTML) 2 Page - Intersil Corporation

  ISL54210IRTZ-T Datasheet HTML 1Page - Intersil Corporation ISL54210IRTZ-T Datasheet HTML 2Page - Intersil Corporation ISL54210IRTZ-T Datasheet HTML 3Page - Intersil Corporation ISL54210IRTZ-T Datasheet HTML 4Page - Intersil Corporation ISL54210IRTZ-T Datasheet HTML 5Page - Intersil Corporation ISL54210IRTZ-T Datasheet HTML 6Page - Intersil Corporation ISL54210IRTZ-T Datasheet HTML 7Page - Intersil Corporation ISL54210IRTZ-T Datasheet HTML 8Page - Intersil Corporation ISL54210IRTZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2
FN6661.2
March 18, 2010
Pin Configurations (Note 1)
ISL54210
(10 LD 1.8mmx1.4mm µTQFN)
TOP VIEW
ISL54210
(10 LD 3.0mmx3.0mm TDFN)
TOP VIEW
NOTE:
1. Switches Shown for VBUS = Logic “0” and CTRL = Logic “1”.
9
10
6
7
8
4
3
5
2
1
VDD
VBUS
COM -
COM +
D-
L
D+
R
GND
CTRL
CLICK/POP
2
4
5
D-
COM -
L
VBUS
3
7
8
D+
COM +
R
9
6
VDD 1
GND
10 CTRL
LOGIC
CONTROL
200kΩ
200kΩ
4MΩ
4MΩ
CLICK/
POP
PD
Truth Table
ISL54210
VBUS
CTRL
L, R
D+, D-
00
OFF
OFF
0
1
ON
OFF
1X
OFF
ON
CTRL: Logic “0” when ≤ 0.5V or Floating, Logic “1” when ≥
1.4V
VBUS: Logic “0” when ≤ VDD + 0.2V or Floating, Logic “1”
when ≥ VDD + 0.8V
Pin Descriptions
ISL54210
µTQFN TDFN NAME
FUNCTION
12
VBUS Digital Control Input
2
3
COM- Voice and Data Common Pin
3
4
COM+ Voice and Data Common Pin
4
5
GND
Ground Connection
5
6
R
Audio Right Input
6
7
L
Audio Left Input
7
8
D+
USB Differential Input
8
9
D-
USB Differential Input
9
10
CTRL Digital Control Input (Audio Enable)
10
1
VDD Power Supply
-
PD
PD
Thermal Pad. Tie to Ground or Float
ISL54210


Número de pieza similar - ISL54210IRTZ-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL54210IRTZ-T INTERSIL-ISL54210IRTZ-T Datasheet
1Mb / 21P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
logo
Renesas Technology Corp
ISL54210IRTZ-T RENESAS-ISL54210IRTZ-T Datasheet
1Mb / 21P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
More results

Descripción similar - ISL54210IRTZ-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL54211IRUZ-T INTERSIL-ISL54211IRUZ-T Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
August 25, 2008
ISL54210 INTERSIL-ISL54210 Datasheet
1Mb / 21P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
logo
Renesas Technology Corp
ISL54210 RENESAS-ISL54210 Datasheet
1Mb / 21P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
logo
Intersil Corporation
ISL54211 INTERSIL-ISL54211 Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
logo
Renesas Technology Corp
ISL54211 RENESAS-ISL54211 Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
logo
Intersil Corporation
ISL54206 INTERSIL-ISL54206 Datasheet
342Kb / 13P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54205B RENESAS-ISL54205B Datasheet
1Mb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Intersil Corporation
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54205B INTERSIL-ISL54205B Datasheet
706Kb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com