Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL54214EVAL1Z Datasheet(PDF) 1 Page - Intersil Corporation

No. de pieza ISL54214EVAL1Z
Descripción Electrónicos  USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3 to 1 Multiplexer)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54214EVAL1Z Datasheet(HTML) 1 Page - Intersil Corporation

  ISL54214EVAL1Z Datasheet HTML 1Page - Intersil Corporation ISL54214EVAL1Z Datasheet HTML 2Page - Intersil Corporation ISL54214EVAL1Z Datasheet HTML 3Page - Intersil Corporation ISL54214EVAL1Z Datasheet HTML 4Page - Intersil Corporation ISL54214EVAL1Z Datasheet HTML 5Page - Intersil Corporation ISL54214EVAL1Z Datasheet HTML 6Page - Intersil Corporation ISL54214EVAL1Z Datasheet HTML 7Page - Intersil Corporation ISL54214EVAL1Z Datasheet HTML 8Page - Intersil Corporation ISL54214EVAL1Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1
USB 2.0 High-Speed x 2 Channels/Stereo Audio
Dual SP3T (Dual 3 to 1 Multiplexer)
ISL54214
The Intersil ISL54214 is a single supply dual SP3T
analog switch that operates from a single supply in the
range of 2.7V to 4.6V. It was designed to multiplex
between audio stereo signals and two different USB 2.0
high speed differential data signals. The audio channels
allow signal swings below ground, allowing the
multiplexing of the voice and data signals through a
common headphone connector in Personal Media
Players and other portable battery powered devices.
The audio switch cells can pass ±1V ground referenced
audio signals with very low distortion (<0.03% THD+N
when driving 5mW into 32Ω loads). The USB switch
cells have very low ON capacitance (8pF) and high
bandwidth to pass USB high speed signals (480Mbps)
with minimal edge and phase distortion.
The ISL54214 is available in a tiny 12 Ld
2.2mmx1.4mm ultra-thin QFN and 12 Ld 3mmx3mm
TQFN packages. It operates over a temperature range
of -40 to +85°C.
Related Literature
• Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
(SMDs)”
Features
• High Speed (480Mbps) and Full Speed (12Mbps)
Signaling Capability per USB 2.0
• Low Distortion Negative Signal Capability Audio
Switches
• Power OFF Protection
• COM Pins Overvoltage Tolerant to 5.5V
• Low Distortion Headphone Audio Signals
-THD+N at 5mW into 32Ω Load . . . . . . . . <0.03%
• Cross-talk (100kHz) . . . . . . . . . . . . . . . . . . -98dB
• OFF-Isolation (100kHz) . . . . . . . . . . . . . . . 95.5dB
• Single Supply Operation (VDD) . . . . . . 2.7V to 4.6V
• -3dB Bandwidth USB Switches. . . . . . . . . . . 700MHz
• Available in Tiny 12 Ld µTQFN and TQFN Packages
• Compliant with USB 2.0 Short Circuit Requirements
Without Additional External Components
• Pb-Free (RoHS Compliant)
Applications
• MP3 and other Personal Media Players
• Cellular/Mobile Phone
Application Block Diagram
ISL54214
USB
TRANSCEIVER
HIGH-SPEED
AUDIO
COM -
COM +
C1
GND
1D+
1D-
R
L
VDD
C0
LOGIC CONTROL
µCONTROLLER
CODEC
VBUS
3.3V
2D-
USB
4MΩ
50kΩ
HIGH-SPEED
TRANSCEIVER
2D+
50kΩ
1kΩ
1kΩ
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2008-2010. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
June 28, 2010
FN6816.3


Número de pieza similar - ISL54214EVAL1Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL54214EVAL1Z INTERSIL-ISL54214EVAL1Z Datasheet
1Mb / 22P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T Dual 3-to-1 Multiplexer
logo
Renesas Technology Corp
ISL54214EVAL1Z RENESAS-ISL54214EVAL1Z Datasheet
1Mb / 22P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3 to 1 Multiplexer)
More results

Descripción similar - ISL54214EVAL1Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL54217 RENESAS-ISL54217 Datasheet
1Mb / 24P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3-to-1 Multiplexer)
logo
Intersil Corporation
ISL54217IRUZ-T INTERSIL-ISL54217IRUZ-T Datasheet
1Mb / 24P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3-to-1 Multiplexer)
June 17, 2010
ISL54214 INTERSIL-ISL54214 Datasheet
1Mb / 22P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T Dual 3-to-1 Multiplexer
ISL54217 INTERSIL-ISL54217 Datasheet
1Mb / 24P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T Dual 3-to-1 Multiplexer
logo
Renesas Technology Corp
ISL54214 RENESAS-ISL54214 Datasheet
1Mb / 22P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3 to 1 Multiplexer)
logo
Intersil Corporation
ISL54217 INTERSIL-ISL54217_09 Datasheet
1Mb / 21P
   USB 2.0 High-Speed x 2Channels/Stereo Audio Dual SP3T (Dual 3-to-1 Multiplexer)
ISL54216 INTERSIL-ISL54216 Datasheet
971Kb / 17P
   USB 2.0 High-Speed/UART Dual SP3T (Dual 3 to 1 Multiplexer)
logo
Renesas Technology Corp
ISL54216 RENESAS-ISL54216 Datasheet
1Mb / 17P
   USB 2.0 High-Speed/UART Dual SP3T (Dual 3 to 1 Multiplexer)
logo
Fairchild Semiconductor
FSUSB63 FAIRCHILD-FSUSB63 Datasheet
1Mb / 3P
   3:1 High-Speed USB 2.0 Switch / Multiplexer
logo
ON Semiconductor
FSUSB63 ONSEMI-FSUSB63 Datasheet
874Kb / 11P
   3:1 High-Speed USB 2.0 Switch / Multiplexer
December-2017, Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com