Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

R_10032 Datasheet(PDF) 6 Page - NXP Semiconductors

No. de pieza R_10032
Descripción Electrónicos  CA-330-11 LDMOS bias module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

R_10032 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button R_10032 Datasheet HTML 2Page - NXP Semiconductors R_10032 Datasheet HTML 3Page - NXP Semiconductors R_10032 Datasheet HTML 4Page - NXP Semiconductors R_10032 Datasheet HTML 5Page - NXP Semiconductors R_10032 Datasheet HTML 6Page - NXP Semiconductors R_10032 Datasheet HTML 7Page - NXP Semiconductors R_10032 Datasheet HTML 8Page - NXP Semiconductors R_10032 Datasheet HTML 9Page - NXP Semiconductors R_10032 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
R_10032
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Report
Rev. 1.0 — 24 July 2012
6 of 10
NXP Semiconductors
R_10032
CA-330-11; LDMOS bias module
VDC = 1.8 V; PAC = 10 dBm (50 ).
Fig 3.
Output impedance of bias module
aaa-004140
f (MHz)
10-1
110
102
5
Zo
(Ω)
0
1
2
3
4
Fig 4.
Bias module schematic
aaa-004141
V+
L1
C5
2.2 μF
C3
1 μF
C7
100 nF
C2
100 nF
U2
LM7321MF
C4
1 nF
R1
10 kΩ
R2
52.3 kΩ
R6
1.1 kΩ
1
2
3 BLM21BD102
LT3010EMS8E
IN
OUT
+8 V
U1
GND: 4, 9
EN
ADJ
8
5
1
2
R3
10 kΩ
R7
432 Ω
3
1
2 R8
2 kΩ
R4
432 Ω
R5
200 Ω
R9
75 Ω
D1
HSMG-C150
green = power
C6
1 μF
C1
1 μF
R13
1.1 kΩ
R10
10 kΩ
R12
5.11 kΩ
4
3
4
2
1
7
8
9
5
5
6
temperature
VGATE
VG
compensation
npn transistor
R11
909 Ω
Table 2.
Bias module bill of materials
See Figure 5 and Figure 6 for component layout.
Component Description
Value
Remarks
C1, C3, C6
capacitor; 50 V 10 % X7R, 0805
1
F
C2, C7
capacitor; 50 V 10 % X7R, 0805
100 nF
C4
capacitor; 100 V 10 % NP0, 0805
1 nF
C5
capacitor; 100 V 10 % X7R, 1210
2.2
F
D1
LED; green, 1206
L1
ferrite bead; 200 mA, 0805
Murata BLM21BD102SN1D
R1, R3, R10 resistor; 1 % 100 ppm CF, 0805
10.0 k
R2
resistor; 1 % 100 ppm CF, 0805
52.3 k
R4, R7
resistor; 1 % 100 ppm CF, 0805
432


Número de pieza similar - R_10032

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Powerex Power Semicondu...
R5100310 POWEREX-R5100310 Datasheet
483Kb / 4P
   General Purpose Rectifier (100-150 Amperes Average 1200 Volts)
R5100315 POWEREX-R5100315 Datasheet
483Kb / 4P
   General Purpose Rectifier (100-150 Amperes Average 1200 Volts)
logo
REYCONNS CHINA LIMITED
RF1003 REYCONNS-RF1003 Datasheet
232Kb / 5P
   SAW Filter
logo
Amphenol Corporation
RL1003-1157-95-K AMPHENOL-RL1003-1157-95-K Datasheet
57Kb / 2P
   Low cost solid state sensor
RL1003-13.8K-122-K AMPHENOL-RL1003-13.8K-122-K Datasheet
57Kb / 2P
   Low cost solid state sensor
More results

Descripción similar - R_10032

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Maxim Integrated Produc...
DS1870 MAXIM-DS1870 Datasheet
816Kb / 28P
   LDMOS RF Power-Amplifier Bias Controller
Rev 1; 5/04
DS1870 MAXIM-DS1870_06 Datasheet
372Kb / 28P
   LDMOS RF Power-Amplifier Bias Controller
Rev 2; 2/06
logo
Weidmuller
2828250000 WEIDMULLER-2828250000 Datasheet
169Kb / 2P
   CA-T2WB-10M-11/3P-R-BBG
2828230000 WEIDMULLER-2828230000 Datasheet
159Kb / 2P
   CA-T2WB-7.5M-11/3P-R-BBG
2754380000 WEIDMULLER-2754380000 Datasheet
216Kb / 3P
   CA-T2T2-5M-11/3P-R-BBG
2791320000 WEIDMULLER-2791320000 Datasheet
163Kb / 2P
   CA-T2T2-7.5M-11/3-R-BBG
2791350000 WEIDMULLER-2791350000 Datasheet
157Kb / 2P
   CA-T2WB-5.5M-11/3P-R-BBG
2791330000 WEIDMULLER-2791330000 Datasheet
214Kb / 3P
   CA-T2T2-10M-11/3-R-BBG
logo
Maxim Integrated Produc...
MAX11008 MAXIM-MAX11008 Datasheet
708Kb / 67P
   Dual RF LDMOS Bias Controller with Nonvolatile Memory
Rev 0; 11/08
MAX1385 MAXIM-MAX1385 Datasheet
506Kb / 52P
   Dual RF LDMOS Bias Controllers with I2C/SPI Interface
Rev 0; 2/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com