Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0622019512 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

No. de pieza 0622019512
Descripción Electrónicos  Tool Holder for Backplane Assembly, 406.40mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX11 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0622019512 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0622019512 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/13/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0622019512
Status:
Active
Description:
Tool Holder for Backplane Assembly, 406.40mm
Documents:
RoHS Certificate of Compliance (PDF)
General
Product Family
Application Tooling
Series
T9999
Comments
See Tooling Specification (PDF) Above
Function
Insertion
Geographic Area
Global
Level of Automation
Manual
More Detailed Tech Information
applicationtooling@molex.com
Product Name
PremiumGrade™
Survey
www.molex.com//review/apptool_survey.html
Tool Type
Handtool
UPC
756054005163
Material Info
Reference - Drawing Numbers
Application Tooling Documents
TM-622010999, TM-622018699, TM-622018799,
TM-622022099
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
Search Parts in this Series
T9999 Series
This document was generated on 10/13/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Número de pieza similar - 0622019512

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0622019511 MOLEX11-0622019511 Datasheet
30Kb / 1P
   Tool Holder for Backplane Assembly, 304.80mm
More results

Descripción similar - 0622019512

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0622019509 MOLEX11-0622019509 Datasheet
30Kb / 1P
   Tool Holder for Backplane Assembly, 254.00mm
0622019501 MOLEX11-0622019501 Datasheet
30Kb / 1P
   Tool Holder for Backplane Assembly, 24.00mm
0622019511 MOLEX11-0622019511 Datasheet
30Kb / 1P
   Tool Holder for Backplane Assembly, 304.80mm
0622019502 MOLEX11-0622019502 Datasheet
30Kb / 1P
   Tool Holder for Backplane Assembly, 72.00mm
0622019504 MOLEX11-0622019504 Datasheet
30Kb / 1P
   Tool Holder for Backplane Assembly, 216.00mm
0622019503 MOLEX11-0622019503 Datasheet
30Kb / 1P
   Tool Holder for Backplane Assembly, 156.00mm
62201-8879 MOLEX11-62201-8879 Datasheet
36Kb / 1P
   Impact Backplane Press-In Tool for Impact 85 Ohm Vertical Backplane Assembly
62201-8988 MOLEX11-62201-8988 Datasheet
37Kb / 1P
   Impel Backplane Assembly Press-In Tool
logo
Tyco Electronics
408-10021 MACOM-408-10021 Datasheet
530Kb / 5P
   The CERTI--CRIMP II Tool Holder Assembly
logo
Molex Electronics Ltd.
62202-3030 MOLEX11-62202-3030 Datasheet
35Kb / 1P
   Press in Tool for Backplane
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com