Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC4429 Datasheet(PDF) 4 Page - Microchip Technology

No. de pieza TC4429
Descripción Electrónicos  6A HIGH-SPEED MOSFET DRIVERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4429 Datasheet(HTML) 4 Page - Microchip Technology

  TC4429 Datasheet HTML 1Page - Microchip Technology TC4429 Datasheet HTML 2Page - Microchip Technology TC4429 Datasheet HTML 3Page - Microchip Technology TC4429 Datasheet HTML 4Page - Microchip Technology TC4429 Datasheet HTML 5Page - Microchip Technology TC4429 Datasheet HTML 6Page - Microchip Technology TC4429 Datasheet HTML 7Page - Microchip Technology TC4429 Datasheet HTML 8Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TC4420/TC4429
DS21419D-page 4
 2002-2012 Microchip Technology Inc.
DC CHARACTERISTICS (OVER OPERATING TEMPERATURE RANGE)
TEMPERATURE CHARACTERISTICS
Electrical Specifications: Unless otherwise noted, over operating temperature range with 4.5V
 V
DD  18V.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Input
Logic ‘1’, High Input
Voltage
VIH
2.4
V
Logic ‘0’, Low Input Voltage
VIL
——
0.8
V
Input Voltage Range
VIN
–5
VDD + 0.3
V
Input Current
IIN
–10
+10
µA
0V
V
INVDD
Output
High Output Voltage
VOH
VDD – 0.025
V
DC TEST
Low Output Voltage
VOL
0.025
V
DC TEST
Output Resistance, High
ROH
—3
5
IOUT = 10 mA, VDD = 18V
Output Resistance, Low
ROL
—2.3
5
IOUT = 10 mA, VDD = 18V
Switching Time (Note 1)
Rise Time
tR
—32
60
ns
Figure 4-1, CL = 2,500 pF
Fall Time
tF
—34
60
ns
Figure 4-1, CL = 2,500 pF
Delay Time
tD1
—50
100
ns
Figure 4-1
Delay Time
tD2
—65
100
ns
Figure 4-1
Power Supply
Power Supply Current
IS
0.45
60
3
400
mA
µA
VIN = 3V
VIN = 0V
Operating Input Voltage
VDD
4.5
18
V
Note 1:
Switching times ensured by design.
Electrical Specifications: Unless otherwise noted, all parameters apply with 4.5V
 V
DD  18V.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Specified Temperature Range (C)
TA
0—
+70
°C
Specified Temperature Range (I)
TA
–25
+85
°C
Specified Temperature Range (E)
TA
–40
+85
°C
Specified Temperature Range (V)
TA
–40
+125
°C
Maximum Junction Temperature
TJ
+150
°C
Storage Temperature Range
TA
–65
+150
°C
Package Thermal Resistances
Thermal Resistance, 5L-TO-220
JA
—71
°C/W
Thermal Resistance, 8L-CERDIP
JA
—150
°C/W
Thermal Resistance, 8L-6x5 DFN
JA
33.2
°C/W
Typical four-layer board
with vias to ground plane.
Thermal Resistance, 8L-PDIP
JA
—125
°C/W
Thermal Resistance, 8L-SOIC
JA
—155
°C/W


Número de pieza similar - TC4429

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TelCom Semiconductor, I...
TC4429 TELCOM-TC4429 Datasheet
64Kb / 5P
   6A HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC4429 MICROCHIP-TC4429 Datasheet
342Kb / 20P
   6A High-Speed MOSFET Drivers
2004
TC4429 MICROCHIP-TC4429 Datasheet
378Kb / 22P
   6A High-Speed MOSFET Drivers
2002-2012 11/27/12
logo
TelCom Semiconductor, I...
TC4429CAT TELCOM-TC4429CAT Datasheet
64Kb / 5P
   6A HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC4429CAT MICROCHIP-TC4429CAT Datasheet
342Kb / 20P
   6A High-Speed MOSFET Drivers
2004
More results

Descripción similar - TC4429

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NCP4420 ONSEMI-NCP4420 Datasheet
78Kb / 8P
   6A High-Speed MOSFET Drivers
June, 2000 ??Rev. 0
logo
Micrel Semiconductor
MIC44F18 MICREL-MIC44F18 Datasheet
605Kb / 13P
   6A High Speed MOSFET Drivers
logo
Alpha Industries
AS4420 ALPHA-AS4420 Datasheet
268Kb / 5P
   6A, High Speed MOSFET Drivers
logo
TelCom Semiconductor, I...
TC4420 TELCOM-TC4420 Datasheet
64Kb / 5P
   6A HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC4420 MICROCHIP-TC4420 Datasheet
378Kb / 22P
   6A High-Speed MOSFET Drivers
2002-2012 11/27/12
TC4420 MICROCHIP-TC4420_04 Datasheet
342Kb / 20P
   6A High-Speed MOSFET Drivers
2004
TC4420M MICROCHIP-TC4420M Datasheet
206Kb / 18P
   6A High-Speed MOSFET Drivers
2005
TC4420 MICROCHIP-TC4420_V01 Datasheet
69Kb / 8P
   6A HIGH-SPEED MOSFET DRIVERS
10/18/96
MCP1406 MICROCHIP-MCP1406_16 Datasheet
764Kb / 30P
   6A High-Speed Power MOSFET Drivers
07/14/15
MCP1406 MICROCHIP-MCP1406 Datasheet
904Kb / 22P
   6A High-Speed Power MOSFET Drivers
2006
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com