Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM3320A Datasheet(PDF) 3 Page - Nippon Precision Circuits Inc

No. de pieza SM3320A
Descripción Electrónicos  High-sensitivity preamplifier for ultraviolet to infrared detection using a single IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NPC [Nippon Precision Circuits Inc]
Página de inicio  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM3320A Datasheet(HTML) 3 Page - Nippon Precision Circuits Inc

  SM3320A Datasheet HTML 1Page - Nippon Precision Circuits Inc SM3320A Datasheet HTML 2Page - Nippon Precision Circuits Inc SM3320A Datasheet HTML 3Page - Nippon Precision Circuits Inc SM3320A Datasheet HTML 4Page - Nippon Precision Circuits Inc SM3320A Datasheet HTML 5Page - Nippon Precision Circuits Inc SM3320A Datasheet HTML 6Page - Nippon Precision Circuits Inc SM3320A Datasheet HTML 7Page - Nippon Precision Circuits Inc SM3320A Datasheet HTML 8Page - Nippon Precision Circuits Inc SM3320A Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
SM3320A
SEIKO NPC CORPORATION - 3
SPECIFICATIONS
Absolute Maximum Ratings
VSS=0V
Parameter
Symbol
Condition
Rating
Unit
Supply voltage*1
VDD
VDD pin
-0.3 to +7.0
V
Input voltage*1*2
VIN
DATA, CLK, SE, OE,A0,A1,A2 pins
-0.3 to VDD+0.3
V
Output voltage*1*2
VOUT
OUT, REF pins
-0.3 to VDD+0.3
V
Storage temperature*3
TSTG
-55 to +90
°C
*1. This parameter rating is the values that must never exceed even for a moment. This product may suffer breakdown if this parameter rating is exceeded.
Operation and characteristics are guaranteed only when the product is operated at recommended operating conditions.
*2. VDD is a VDD value of recommended operating conditions.
*3. When stored in nitrogen or vacuum atmosphere applied to IC itself only (excluding packaging materials).
Recommended Operating Conditions
Recommended operating conditions guarantee the electrical characteristic.
VSS=0V
Rating
Parameter
Symbol
Condition
MIN
TYP
MAX
Unit
Supply voltage
VDD
2.7
5.0
5.5
V
OUT output load*1
100
pF
REF output load*1
100
pF
Operating temperature
Ta
-40
85
°C
*1. The output load of the OUT and REF outputs presumes capacitive load only. For current load, an error in the output voltage occurs, so the outputs must
be used under high-impedance conditions.
Note. Since it may influence the reliability if it is used out of range of recommended operating conditions, this product should be used within this range.


Número de pieza similar - SM3320A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nippon Precision Circui...
SM3320AGA NPC-SM3320AGA Datasheet
255Kb / 15P
   Dark current compensation circuit built-in for stable signal output
More results

Descripción similar - SM3320A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nippon Precision Circui...
SM3321A NPC-SM3321A Datasheet
229Kb / 9P
   High-sensitivity preamplifier for visible to infrared detection using a single IC
logo
Micronas
TBA2800 MICRONAS-TBA2800 Datasheet
138Kb / 4P
   Infrared Preamplifier IC
logo
STMicroelectronics
STHS34PF80 STMICROELECTRONICS-STHS34PF80 Datasheet
1Mb / 13P
   Low-power, high-sensitivity infrared sensor for presence and motion detection
December 2021 Rev 1
logo
Hamamatsu Corporation
S9703 HAMAMATSU-S9703 Datasheet
102Kb / 2P
   Photo IC for laser beam synchronous detection High sensitivity, high-speed response
logo
NEC
UPC2807 NEC-UPC2807 Datasheet
46Kb / 8P
   PREAMPLIFIER FOR INFRARED REMOTE CONTROLLER
UPC2800A NEC-UPC2800A Datasheet
84Kb / 12P
   PREAMPLIFIER FOR INFRARED REMOTE CONTROL
logo
Samsung semiconductor
KA2225 SAMSUNG-KA2225 Datasheet
125Kb / 3P
   DUAL PREAMPLIFIER FOR 3V USING
logo
STMicroelectronics
TDA2320 STMICROELECTRONICS-TDA2320 Datasheet
52Kb / 5P
   PREAMPLIFIER FOR INFRARED REMOTE CONTROL SYSTEMS
logo
NTE Electronics
NTE1764 NTE-NTE1764 Datasheet
20Kb / 2P
   Integrated Circuit Infrared Preamplifier
logo
Hamamatsu Corporation
C12137 HAMAMATSU-C12137_15 Datasheet
1Mb / 9P
   High accuracy, high sensitivity, compact radiation detection module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com