Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM39R08A5 Datasheet(PDF) 10 Page - SyncMOS Technologies,Inc

No. de pieza SM39R08A5
Descripción Electrónicos  Additional Baud Rate Generator
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SYNCMOS [SyncMOS Technologies,Inc]
Página de inicio  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM39R08A5 Datasheet(HTML) 10 Page - SyncMOS Technologies,Inc

Back Button SM39R08A5 Datasheet HTML 6Page - SyncMOS Technologies,Inc SM39R08A5 Datasheet HTML 7Page - SyncMOS Technologies,Inc SM39R08A5 Datasheet HTML 8Page - SyncMOS Technologies,Inc SM39R08A5 Datasheet HTML 9Page - SyncMOS Technologies,Inc SM39R08A5 Datasheet HTML 10Page - SyncMOS Technologies,Inc SM39R08A5 Datasheet HTML 11Page - SyncMOS Technologies,Inc SM39R08A5 Datasheet HTML 12Page - SyncMOS Technologies,Inc SM39R08A5 Datasheet HTML 13Page - SyncMOS Technologies,Inc SM39R08A5 Datasheet HTML 14Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 58 page
background image
SM39R08A5
8-Bit Micro-controller
with 8KB Flash
& 256B RAM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
ISSFD-M067
Ver E
SM39R08A5
06/30/2015
- 10 -
Function Description
1. General Features
SM39R08A5 is an 8-bit micro-controller. All of its functions and the detailed meanings of SFR will be given in the following
sections.
1.1. Embedded Flash
The program can be loaded into the embedded 8KB Flash memory via its writer. The high-quality Flash suitable for
re-programming and data recording as EEPROM.
1.2. IO Pads
The SM39R08A5 has an I/O port: Port 3. Port 3 is 8-bit port. These are: quasi-bidirectional (standard 8051 port outputs),
push-pull, open drain, and input-only. As described in section 5.
The RESET Pin can be configured as I/O port P3.6, when the user uses on-chip hardware RESET mechanism.
1.3. Instruction timing Selection
The conventional 52-series MCUs are 12T, i.e., 12 oscillator clocks per machine cycle. SM39R08A5 is a 1T to 8T MCU,
i.e., its machine cycle is one-clock to eight-clock. In the other words, it can execute one instruction within one clock to only
eight clocks.
Mnemonic: CKCON
Address: 8Eh
7
6
5
4
3
2
1
0
Reset
-
ITS
-
-
CLKOUT
10H
ITS: Instruction timing select.
ITS [6:4]
Instruction timing
000
1T mode
001
2T mode (default)
010
3T mode
011
4T mode
100
5T mode
101
6T mode
110
7T mode
111
8T mode
The default is in 2T mode, and it can be changed to another Instruction timing mode if CKCON [6:4] (at address 8Eh) is
change any time. Not every instruction can be executed with one machine cycle. The exact machine cycle number for all
the instructions are given in the next section.


Número de pieza similar - SM39R08A5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SyncMOS Technologies,In...
SM39R08A3 SYNCMOS-SM39R08A3 Datasheet
1Mb / 88P
   One serial peripheral interfaces in full duplex mode
More results

Descripción similar - SM39R08A5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SyncMOS Technologies,In...
SM39A16M1 SYNCMOS-SM39A16M1 Datasheet
1Mb / 104P
   Additional Baud Rate Generator for Serial port
SM39R16A6 SYNCMOS-SM39R16A6 Datasheet
1Mb / 91P
   Additional Baud Rate Generator for Serial port
logo
Intersil Corporation
IM4702 INTERSIL-IM4702 Datasheet
592Kb / 7P
   BAUD RATE GENERATOR
logo
List of Unclassifed Man...
COM8116 ETC1-COM8116 Datasheet
136Kb / 2P
   Dual Baud Rate Generator
logo
Microchip Technology
AY58116 MICROCHIP-AY58116 Datasheet
443Kb / 8P
   Dual Baud Rate Generator
1990
logo
List of Unclassifed Man...
AY5-8116 ETC1-AY5-8116 Datasheet
465Kb / 6P
   DUAL BAUD RATE GENERATOR
logo
UMC Corporation
UM6551 UMC-UM6551 Datasheet
515Kb / 9P
   ON CHIP BAUD RATE GENERATOR
logo
Exar Corporation
DAN-201 EXAR-DAN-201 Datasheet
149Kb / 4P
   INDEPENDENT TX AND RX BAUD RATE GENERATOR
logo
Advantech Co., Ltd.
232BRC ADVANTECH-232BRC Datasheet
295Kb / 1P
   Baud Rate Converter
logo
ATMEL Corporation
T89C5115 ATMEL-T89C5115_14 Datasheet
71Kb / 5P
   Timer 2 (Baud Rate Generator Mode) ??Long Start Time
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com