Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FW-7575C Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

No. de pieza FW-7575C
Descripción Electrónicos  1U rackmount Network security platform with Intel Sandy Bridge Gladden processors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

FW-7575C Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FW-7575C Datasheet HTML 1Page - List of Unclassifed Manufacturers FW-7575C Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
connect@lannerinc.com
www.lannerinc.com
Ordering Information
Specifications are subject to change without notice
Form Factor
1U Rackmount
Platform
Processor Options
Intel® Xeon Processor E3-1125C (FW-7575A/B)
Intel® Core i3 Processor 2115C (FW-7575 C/D)
Chipset
Intel® DH8910
BIOS
EFI BIOS 64Mbit
System
Memory
Technology
Dual-channel DDR3 1066/1333 MHz, ECC or Non-ECC
Max. Capacity
32GB
Socket
4 x 240P DIMM
OS Support
Linux kernel 2.6 or above
Storage
HDD Bays
1 x 2.5” or 1 x 3.5” SATA HDD
CompactFlash
1 x Type II CompactFlash
Networking
Ethernet Ports
6 x GbE RJ45
Bypass
2 Pairs G3
Controllers
i347-ATZ, 82580DB
Ethernet Modules
Yes
Management Port
Yes
Security Acceleration
Cave Creek QuickAssist Technology
I/O Interface
Reset Button
1 x Software reset button
Console
1 x RJ45
USB
2 x USB 2.0
IPMI via OPMA slot
N/A
Expansion
PCIe
PCIe*8 Ethernet Module or Standard PCIe*8 add-on
card
PCI
N/A
Cooling
Processor
1 x CPU heatsink with fan duck
System
3 x System fans
Environmental
Parameters
Temperature, ambient
operating / storage
0 ~ 40º C / -20~70º C
Humidity (RH), ambient
operating / ambient
non-operating
5~95%, non-condensing
Miscellaneous
LCD Module
Yes
Watchdog
Yes
Internal RTC with Li
Battery
Yes
Physical
Dimensions
Dimensions(WxHxD)
431x44x305.8mm
Weight
5Kg
Power
Type/Watts
1U ATX 180W Power Supply
Input
100~240V@50~60Hz
Approvals and
Compliance
CE, FCC Class A, RoHS
FW-7575A
MB-7575A + FC-7575 + 180W PSU, Supports
2pair bypass, CPU FANs, System FANs, DRAM up
to 32G
FW-7575B
MB-7575B + FC-7575 + 180W PSU, w/o bypass
function, CPU FANs, System FANs, DRAM up to
32G
FW-7575C
MB-7575C + FC-7575 + 180W PSU, Support 2
pair bypass function, CPU FANs, System FANs,
DRAM up to 32G
FW-7575D
MB-7575D + FC-7575 + 180W PSU, w/o bypass
function, CPU FANs, System FANs, DRAM up to
32G
Optional Power Cords
080W240318301
RoHS UK 3P/3P L=183CM(YP-61+YC-12)
080W240318304
RoHS AU 3P/3P L=183CM(YP-35+YC-12)
080W240318305
RoHS EU 3P/3P L=183CM(YP-22+YC-12)
080W240318306
RoHS US 3P/3P L=183CM(YP-22+YC-12)
080W240318307
RoHS CN 3P/3P L=183CM(YP-22+YC-12)
080W240318309
RoHS JP 3P/3P L=183CM(YP-22+YC-12)
Optional Accessories
RC-87603A
Riser for PCI-E slot
RC-75751A
Riser for PCI-E slot
PN9NSFAWTZ100
3.5” HDD Kit
080W2B0801501
Keyboard/ Mouse cable
Last Updated: 20-Aug-2012


Número de pieza similar - FW-7575C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
FW-7571 ETC2-FW-7571 Datasheet
348Kb / 4P
   Rackmount x86 Network Security Platform with Intel짰 Atom??C2358 processor
logo
Lanner All Rights Reser...
FW-7571 LANNER-FW-7571 Datasheet
348Kb / 4P
   Rackmount x86 Network Security Platform with Intel짰 Atom??C2358 processor (Codenamed ?쏳angeley??
logo
List of Unclassifed Man...
FW-7571A ETC2-FW-7571A Datasheet
348Kb / 4P
   Rackmount x86 Network Security Platform with Intel짰 Atom??C2358 processor
logo
Lanner All Rights Reser...
FW-7571A LANNER-FW-7571A Datasheet
348Kb / 4P
   Rackmount x86 Network Security Platform with Intel짰 Atom??C2358 processor (Codenamed ?쏳angeley??
logo
List of Unclassifed Man...
FW-7571B ETC2-FW-7571B Datasheet
348Kb / 4P
   Rackmount x86 Network Security Platform with Intel짰 Atom??C2358 processor
More results

Descripción similar - FW-7575C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Axiomtek Co., Ltd.
NA361R AXIOMTEK-NA361R_17 Datasheet
276Kb / 1P
   1U Rackmount Network Appliance Platform with Intel Atom Processor
NA-360 AXIOMTEK-NA-360_17 Datasheet
170Kb / 1P
   1U Rackmount Network Appliance Platform with Intel Celeron Processor 725C
logo
AAEON Technology
FWS-7830 AAEON-FWS-7830 Datasheet
359Kb / 2P
   1U Rackmount Intel® 8th Generation Platform Network Appliance
2022/06/08
FWS-7831 AAEON-FWS-7831 Datasheet
298Kb / 2P
   1U Rackmount Intel® 8th Generation Platform Network Appliance
2022/03/10
logo
List of Unclassifed Man...
FW-8877 ETC2-FW-8877 Datasheet
549Kb / 4P
   Intel Xeon짰 E5-2600 v1/v2 Processor-based Rackmount 1U x86 Network Security Platform
FX-3210 ETC2-FX-3210 Datasheet
262Kb / 2P
   2U Rackmount Appliance With Support For Intel Sandy Bridge / Ivy Bridge Processors And Intel C206 Chipset
logo
Axiomtek Co., Ltd.
NA570 AXIOMTEK-NA570_17 Datasheet
184Kb / 1P
   1U Rackmount Network Appliance Platform with LGA1150 Socket
NA580 AXIOMTEK-NA580_17 Datasheet
252Kb / 1P
   1U Rackmount Network Appliance Platform with LGA1151 Socket
NA590 AXIOMTEK-NA590 Datasheet
306Kb / 1P
   1U Rackmount Network Appliance Platform with LGA1151 Socket
logo
List of Unclassifed Man...
FW-8865 ETC2-FW-8865 Datasheet
422Kb / 2P
   1U Intel Sandy Bridge / Ivy Bridge Network Platform with C206 Series Chipset, 2 optional Lanner NIC Modules, Redundant PSU
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com