Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM59R16G6 Datasheet(PDF) 11 Page - SyncMOS Technologies,Inc

No. de pieza SM59R16G6
Descripción Electrónicos  External RAM addresses up to 64K bytes
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SYNCMOS [SyncMOS Technologies,Inc]
Página de inicio  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM59R16G6 Datasheet(HTML) 11 Page - SyncMOS Technologies,Inc

Back Button SM59R16G6 Datasheet HTML 7Page - SyncMOS Technologies,Inc SM59R16G6 Datasheet HTML 8Page - SyncMOS Technologies,Inc SM59R16G6 Datasheet HTML 9Page - SyncMOS Technologies,Inc SM59R16G6 Datasheet HTML 10Page - SyncMOS Technologies,Inc SM59R16G6 Datasheet HTML 11Page - SyncMOS Technologies,Inc SM59R16G6 Datasheet HTML 12Page - SyncMOS Technologies,Inc SM59R16G6 Datasheet HTML 13Page - SyncMOS Technologies,Inc SM59R16G6 Datasheet HTML 14Page - SyncMOS Technologies,Inc SM59R16G6 Datasheet HTML 15Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 69 page
background image
SM59R16G6/SM59R09G6/SM59R05G6
8-Bit Micro-controller
64KB/36KB/20KB with ISP Flash
& 1KB RAM embedded
Special Function Register (SFR)
A map of the Special Function Registers is shown as below:
Hex\Bin
X000
X001
X010
X011
X100
X101
X110
X111
Bin/Hex
F8
IICS
IICCTL
IICA1
IICA2
IICRWD
IICS2
FF
F0
B
SPIC1
SPIC2
SPITXD
SPIRXD
SPIS
TAKEY
F7
E8
P4
EF
E0
ACC
ISPFAH
ISPFAL
ISPFD
ISPFC
ISPST
LVC
SWRES
E7
D8
P5
PFCON
P3M0
P3M1
P4M0
P4M1
P5M0
P5M1
DF
D0
PSW
CCEN2
P0M0
P0M1
P1M0
P1M1
P2M0
P2M1
D7
C8
T2CON
CCCON
CRCL
CRCH
TL2
TH2
PWMMDH PWMMDL
CF
C0
IRCON
CCEN
CCL1
CCH1
CCL2
CCH2
CCL3
CCH3
C7
B8
IEN1
IP1
S0RELH
PWMD0H
PWMD0L PWMD1H
PWMD1L
BF
B0
P3
PWMD2H
PWMD2L
PWMD3H
PWMD3L
PWMC
WDTC
WDTK
B7
A8
IEN0
IP0
S0RELL
AF
A0
P2
RSTS
A7
98
S0CON
S0BUF
9F
90
P1
AUX
AUX2
97
88
TCON
TMOD
TL0
TL1
TH0
TH1
IFCON
8F
80
P0
SP
DPL
DPH
DPL1
DPH1
RCON
PCON
87
Hex\Bin
X000
X001
X010
X011
X100
X101
X110
X111
Bin/Hex
Note: Special Function Registers reset values and description for SM59R16G6
Register
Location
Reset value
Description
P0
80H
FFH
Port 0
SP
81H
07H
Stack Pointer
DPL
82H
00H
Data Pointer 0 low byte
DPH
83H
00H
Data Pointer 0 high byte
DPL1
84H
00H
Data Pointer 1 low byte
DPH1
85H
00H
Data Pointer 1 high byte
RCON
86H
00H
Internal RAM control register
PCON
87H
40H
Power Control
TCON
88H
00H
Timer/Counter Control
TMOD
89H
00H
Timer Mode Control
TL0
8AH
00H
Timer 0, low byte
TL1
8BH
00H
Timer 1, low byte
TH0
8CH
00H
Timer 0, high byte
TH1
8DH
00H
Timer 1, high byte
IFCON
8FH
00H
Interface control register
P1
90H
FFH
Port 1
AUX
91H
00H
Auxiliary register
Specifications subject to change without notice contact your sales representatives for the most recent information.
ISSFD-M059
11
Ver.I
SM59R16G6
04/2015


Número de pieza similar - SM59R16G6

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SyncMOS Technologies,In...
SM59R16A2 SYNCMOS-SM59R16A2 Datasheet
651Kb / 67P
   8-Bit Micro-controller
SM59R16A5 SYNCMOS-SM59R16A5 Datasheet
1Mb / 89P
   Two serial peripheral interfaces in full duplex mode
More results

Descripción similar - SM59R16G6

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Panasonic Semiconductor
MN101E34 PANASONIC-MN101E34 Datasheet
321Kb / 3P
   Correcting address designation: Up to 7 addresses possible
logo
ATMEL Corporation
AT27C520 ATMEL-AT27C520 Datasheet
126Kb / 10P
   512K 64K x 8 Multiplexed Addresses/ Outputs OTP EPROM
logo
Freescale Semiconductor...
FTS64K FREESCALE-FTS64K Datasheet
549Kb / 44P
   64k bytes of Flash memory
logo
Sharp Corporation
LH5164A-10LF SHARP-LH5164A-10LF Datasheet
346Kb / 20P
   64K Static RAM
logo
STMicroelectronics
ST90158-ST90135 STMICROELECTRONICS-ST90158-ST90135 Datasheet
1Mb / 190P
   8/16-BIT MCU FAMILY WITH UP TO 64K ROM/OTP/EPROM AND UP TO 2K RAM
logo
Integrated Device Techn...
IDT7164S IDT-IDT7164S_16 Datasheet
749Kb / 10P
   CMOS Static RAM 64K
logo
Dallas Semiconductor
DS1543 DALLAS-DS1543 Datasheet
199Kb / 17P
   64k NV Timekeeping RAM
logo
Intel Corporation
8203 INTEL-8203 Datasheet
847Kb / 16P
   64K DYNAMIC RAM CONTROLLER
logo
ATMEL Corporation
AT89C5132 ATMEL-AT89C5132 Datasheet
2Mb / 33P
   USB Microcontroller with 64K Bytes Flash Memory
AT89C5132 ATMEL-AT89C5132_06 Datasheet
1Mb / 181P
   USB Microcontroller with 64K Bytes Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com