Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM2747 Datasheet(PDF) 7 Page - Texas Instruments

No. de pieza LM2747
Descripción Electrónicos  Synchronous Buck Controller with Pre-Bias Startup, and Optional Clock Synchronization
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM2747 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM2747_15 Datasheet HTML 3Page - Texas Instruments LM2747_15 Datasheet HTML 4Page - Texas Instruments LM2747_15 Datasheet HTML 5Page - Texas Instruments LM2747_15 Datasheet HTML 6Page - Texas Instruments LM2747_15 Datasheet HTML 7Page - Texas Instruments LM2747_15 Datasheet HTML 8Page - Texas Instruments LM2747_15 Datasheet HTML 9Page - Texas Instruments LM2747_15 Datasheet HTML 10Page - Texas Instruments LM2747_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
LM2747
www.ti.com
SNVS370B – MARCH 2006 – REVISED MARCH 2013
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Start-Up (No-Load)
Shutdown (Full-Load)
VCC = 3.3V, VIN = 5V, VOUT = 1.2V
VCC = 3.3V, VIN = 5V, VOUT = 1.2V
CSS = 12 nF, fSW = 1 MHz
IOUT = 3A, CSS = 12 nF, fSW = 1 MHz
Figure 9.
Figure 10.
Load Transient Response
Line Transient Response (VIN = 3V to 9V)
VCC = 3.3V, VIN = 14V, VOUT = 1.2V
VCC = 3.3V, VOUT = 1.2V
fSW = 1 MHz
IOUT = 2A, fSW = 1 MHz
Figure 11.
Figure 12.
Maximum Duty Cycle vs Frequency
Frequency vs. Frequency Adjust Resistor
VCC = 3.3V
Figure 13.
Figure 14.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM2747


Número de pieza similar - LM2747_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM2747MTC NSC-LM2747MTC Datasheet
1,009Kb / 23P
   Synchronous Buck Controller with Pre-bias Startup, and Optional Clock Synchronization
LM2747MTCX NSC-LM2747MTCX Datasheet
1,009Kb / 23P
   Synchronous Buck Controller with Pre-bias Startup, and Optional Clock Synchronization
More results

Descripción similar - LM2747_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM2745 NSC-LM2745 Datasheet
1Mb / 23P
   Synchronous Buck Controller with Pre-bias Startup, and Optional Clock Synchronization
LM2747 NSC-LM2747 Datasheet
1,009Kb / 23P
   Synchronous Buck Controller with Pre-bias Startup, and Optional Clock Synchronization
logo
Texas Instruments
LM2745MTCX TI-LM2745MTCX Datasheet
1Mb / 37P
[Old version datasheet]   LM2745 / LM2748 Synchronous Buck Controller with Pre-Bias Startup, and Optional Clock
LM2748MTC TI1-LM2748MTC Datasheet
1Mb / 37P
[Old version datasheet]   LM2745 / LM2748 Synchronous Buck Controller with Pre-Bias Startup
logo
International Rectifier
IR3621 IRF-IR3621 Datasheet
375Kb / 29P
   2-PHASE / DUAL SYNCHRONOUS PWM CONTROLLER WITH OSCILLATOR SYNCHRONIZATION AND PRE-BIAS STARTUP
logo
Delta Electronics, Inc.
DNL DELTA-DNL Datasheet
936Kb / 15P
   Pre-bias startup
DNT12SIP05 DELTA-DNT12SIP05 Datasheet
716Kb / 13P
   Pre-bias startup
logo
Texas Instruments
TPS40195RGYTG4 TI-TPS40195RGYTG4 Datasheet
1Mb / 44P
[Old version datasheet]   4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND
TPS40195 TI-TPS40195 Datasheet
665Kb / 39P
[Old version datasheet]   4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND POWER GOOD
logo
National Semiconductor ...
LM20136 NSC-LM20136 Datasheet
543Kb / 22P
   6A, Synchronous Buck Regulator with Input Synchronization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com