Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM3475 Datasheet(PDF) 6 Page - Texas Instruments

No. de pieza LM3475
Descripción Electrónicos  LM3475 Hysteretic PFET Buck Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM3475 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM3475_15 Datasheet HTML 2Page - Texas Instruments LM3475_15 Datasheet HTML 3Page - Texas Instruments LM3475_15 Datasheet HTML 4Page - Texas Instruments LM3475_15 Datasheet HTML 5Page - Texas Instruments LM3475_15 Datasheet HTML 6Page - Texas Instruments LM3475_15 Datasheet HTML 7Page - Texas Instruments LM3475_15 Datasheet HTML 8Page - Texas Instruments LM3475_15 Datasheet HTML 9Page - Texas Instruments LM3475_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
4
5
6
7
8
9
10
INPUT VOLTAGE (VIN)
0
20
40
60
80
100
84
86
88
90
92
94
96
98
OUTPUT CURRENT (A)
0.5
1
1.5
2
LM3475
SNVS239C – OCTOBER 2004 – REVISED OCTOBER 2015
www.ti.com
6.6 Typical Characteristics
Unless specified otherwise, all curves taken at VIN = 5 V, VOUT = 2.5 V, L = 10 µH, COUT = 100 µF, ESR = 100 mΩ, and TA =
25°C.
Figure 1. Quiescent Current vs Input Voltage
Figure 2. Feedback Voltage vs Temperature
Figure 3. Hysteresis Voltage vs Input Voltage
Figure 4. Hysteresis Voltage vs Temperature
IOUT = 2 A
Figure 5. Efficiency vs Load Current
Figure 6. Efficiency vs Input Voltage
6
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: LM3475


Número de pieza similar - LM3475_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM3475 TI1-LM3475_14 Datasheet
1Mb / 21P
[Old version datasheet]   Hysteretic PFET Buck Controller
More results

Descripción similar - LM3475_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM3485 NSC-LM3485 Datasheet
369Kb / 15P
   Hysteretic PFET Buck Controller
logo
Texas Instruments
LM3485 TI-LM3485_15 Datasheet
1Mb / 24P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485 TI1-LM3485_14 Datasheet
1,023Kb / 22P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3475 TI1-LM3475_14 Datasheet
1Mb / 21P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485 TI1-LM3485_16 Datasheet
1Mb / 28P
[Old version datasheet]   Hysteretic PFET Buck Controller
logo
National Semiconductor ...
LM3475 NSC-LM3475 Datasheet
305Kb / 14P
   Hysteretic PFET Buck Controller
logo
Texas Instruments
LM3485MMX TI-LM3485MMX Datasheet
996Kb / 23P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3475 TI1-LM3475 Datasheet
1Mb / 25P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485MM TI-LM3485MM Datasheet
1Mb / 23P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485EVAL TI-LM3485EVAL Datasheet
1,023Kb / 22P
[Old version datasheet]   LM3485 Hysteretic PFET Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com