Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM3524D Datasheet(PDF) 3 Page - Texas Instruments

No. de pieza LM3524D
Descripción Electrónicos  LM2524D/LM3524D Regulating Pulse Width Modulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM3524D Datasheet(HTML) 3 Page - Texas Instruments

  LM3524D_15 Datasheet HTML 1Page - Texas Instruments LM3524D_15 Datasheet HTML 2Page - Texas Instruments LM3524D_15 Datasheet HTML 3Page - Texas Instruments LM3524D_15 Datasheet HTML 4Page - Texas Instruments LM3524D_15 Datasheet HTML 5Page - Texas Instruments LM3524D_15 Datasheet HTML 6Page - Texas Instruments LM3524D_15 Datasheet HTML 7Page - Texas Instruments LM3524D_15 Datasheet HTML 8Page - Texas Instruments LM3524D_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
LM2524D, LM3524D
www.ti.com
SNVS766E – JUNE 2009 – REVISED MAY 2013
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Supply Voltage
40V
Collector Supply Voltage
LM2524D
55V
LM3524D
40V
Output Current DC (each)
200 mA
Oscillator Charging Current (Pin 7)
5 mA
Internal Power Dissipation
1W
Operating Junction Temperature Range (3)
LM2524D
−40°C to +125°C
LM3524D
0°C to +125°C
Maximum Junction Temperature
150°
Storage Temperature Range
−65°C to +150°C
Lead Temperature (Soldering 4 sec.)
NFG, D Pkg.
260°C
(1)
Absolute maximum ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not
apply when operating the device beyond its rated operating conditions.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
For operation at elevated temperatures, devices in the NFG package must be derated based on a thermal resistance of 86°C/W,
junction to ambient. Devices in the D package must be derated at 125°C/W, junction to ambient.
Electrical Characteristics
(1)
Symbol
Parameter
Conditions
LM2524D
LM3524D
Units
Typ
Tested
Design
Typ
Tested
Design
Limit(2)
Limit(3)
Limit(2)
Limit(3)
REFERENCE SECTION
VREF
Output Voltage
5
4.85
4.80
5
4.75
VMin
5.15
5.20
5.25
VMax
VRLine
Line Regulation
VIN = 8V to 40V
10
15
30
10
25
50
mVMax
VRLoad
Load Regulation
IL = 0 mA to 20 mA
10
15
25
10
25
50
mVMax
ΔVIN/ΔVREF
Ripple Rejection
f = 120 Hz
66
66
dB
IOS
Short Circuit Current
VREF = 0
25
25
mA Min
50
50
180
200
mA Max
NO
Output Noise
10 Hz
≤ f ≤ 10 kHz
40
100
40
100
μVrms
Max
Long Term Stability
TA = 125°C
20
20
mV/kHr
OSCILLATOR SECTION
fOSC
Max. Freq.
RT = 1k, CT = 0.001 μF
(4)
550
500
350
kHzMin
fOSC
Initial Accuracy
RT = 5.6k, CT = 0.01 μF
(4)
17.5
17.5
kHzMin
20
20
22.5
22.5
kHzMax
RT = 2.7k, CT = 0.01 μF
(4)
34
30
kHzMin
38
38
42
46
kHzMax
(1)
Unless otherwise stated, these specifications apply for TA = TJ = 25°C. Boldface numbers apply over the rated temperature range:
LM2524D is
−40° to 85°C and LM3524D is 0°C to 70°C. VIN = 20V and fOSC = 20 kHz.
(2)
Tested limits are ensured and 100% tested in production.
(3)
Design limits are ensured (but not 100% production tested) over the indicated temperature and supply voltage range. These limits are
not used to calculate outgoing quality level.
(4)
The value of a Ct capacitor can vary with frequency. Careful selection of this capacitor must be made for high frequency operation.
Polystyrene was used in this test. NPO ceramic or polypropylene can also be used.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM2524D LM3524D


Número de pieza similar - LM3524D_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM3524DM NSC-LM3524DM Datasheet
1Mb / 22P
   Regulating Pulse Width Modulator
logo
Texas Instruments
LM3524DM TI-LM3524DM Datasheet
1Mb / 29P
[Old version datasheet]   Regulating Pulse Width Modulator
LM3524DM/NOPB TI-LM3524DM/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   Regulating Pulse Width Modulator
LM3524DMX/NOPB TI-LM3524DMX/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   Regulating Pulse Width Modulator
logo
National Semiconductor ...
LM3524DN NSC-LM3524DN Datasheet
1Mb / 22P
   Regulating Pulse Width Modulator
More results

Descripción similar - LM3524D_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seme LAB
IP1526 SEME-LAB-IP1526 Datasheet
59Kb / 6P
   REGULATING PULSE WIDTH MODULATOR
logo
Microsemi Corporation
SG1525A MICROSEMI-SG1525A Datasheet
135Kb / 7P
   REGULATING PULSE WIDTH MODULATOR
SG1526 MICROSEMI-SG1526_1 Datasheet
283Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
logo
Linear Technology
LT1526 LINER-LT1526_15 Datasheet
926Kb / 8P
   REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
LM2524D TI-LM2524D_15 Datasheet
1Mb / 29P
[Old version datasheet]   Regulating Pulse Width Modulator
UC1526 TI-UC1526_07 Datasheet
757Kb / 13P
[Old version datasheet]   Regulating Pulse Width Modulator
logo
Intersil Corporation
CA1524 INTERSIL-CA1524 Datasheet
206Kb / 16P
   Regulating Pulse Width Modulator
October 2000
logo
Linear Technology
LT1524 LINER-LT1524 Datasheet
726Kb / 8P
   Regulating Pulse Width Modulator
logo
Microsemi Corporation
SG1526B MICROSEMI-SG1526B Datasheet
209Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
UC1526AJ TI-UC1526AJ Datasheet
545Kb / 10P
[Old version datasheet]   Regulating Pulse Width Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com