Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM3754 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM3754
Descripción Electrónicos  Scalable 2-Phase Synchronous Buck Controller with Integrated FET Drivers and Linear Regulator Controller
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM3754 Datasheet(HTML) 5 Page - Texas Instruments

  LM3754 Datasheet HTML 1Page - Texas Instruments LM3754 Datasheet HTML 2Page - Texas Instruments LM3754 Datasheet HTML 3Page - Texas Instruments LM3754 Datasheet HTML 4Page - Texas Instruments LM3754 Datasheet HTML 5Page - Texas Instruments LM3754 Datasheet HTML 6Page - Texas Instruments LM3754 Datasheet HTML 7Page - Texas Instruments LM3754 Datasheet HTML 8Page - Texas Instruments LM3754 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
LM3754
www.ti.com
SNVS789B – JANUARY 2012 – REVISED APRIL 2013
Operating Ratings
(1) (continued)
Thermal Data
Junction-to-Ambient Thermal Resistance (
θJA), WQFN-32 Package
(2)
26.4°C/W
(2)
Tested on a four layer JEDEC board. Four vias provided under the exposed pad. See JEDEC standards JESD51-5 and JESD51-7.
Electrical Characteristics
Limits in standard type are for TJ = 25°C only; limits in boldface type apply over the junction temperature (TJ) range of −5°C to
+125°C. Minimum and Maximum limits are specified through test, design, or statistical correlation. Typical values represent
the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless otherwise stated VVIN =
12V, VVDD = 5V, VVCC = internal LDO, VEN = 2V, RFRQ = 78.7 kΩ, VPH = 0V, VCS1 = VCS2 = VCSM = VSS = VSNSP = 1.8V, VILIM
VCSM = 100 mV, VSNSM = VSYNC = 0V, VSYNCOUT floating.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
System Accuracy
VOUT
Output Voltage Accuracy
VOUT = 3.6V
–0.65
–0.11
0.45
%
Includes trimmed EA and diff
VOUT = 2.5V
–0.75
–0.134
0.6
%
amplifier offset and gain errors;
VOUT = 1.8V
–0.9
–0.165
0.7
%
0.5 mA load at VDIF
VOUT = 0.6V
–2.25
–0.4
1.25
%
Phase Current Equalization
ΔIPH
Current Equalization (from
VCSM = 1.8V, VCS1 = VCS2 = VCSM + 30 mV,
–12
12
%
average per phase current)
VIAVE = 740 mV, VCOMP = 1.9V
System Supplies and UVLO
VIN
IVIN
VIN Operating Current
2-phase switching gate drivers unloaded
15
mA
IVIN-Q
VIN Quiescent Current
VFB = 650 mV, no PWM switching,
9
18
mA
NBASE is floating (no NPN)
IVIN-SD
VIN Shutdown Current
VEN = 0V
200
450
µA
VCC
VVCC
VCC Linear Regulator Output
0 to 3 mA sourced to an external load;
4.25
4.35
4.45
V
Voltage
VVIN = 5.5V to 18V
IVCC
VCC Input Current from External
VVIN = 5.5V, VVCC = 5.5V
10
20
mA
Supply
IVCC-SD
VCC Input Shutdown Current
VEN = 0V, VVIN = 12V, VVCC = 5V
260
µA
from External Supply
IVCC-LIM
VCC Output Current Limit
VVCC = 2.5V
9
30
53
mA
VVCC = 0V
50
VVCC-EN
VCC UVLO Thresholds
VVCC Rising
4.04
4.14
4.24
V
VVCC Falling
3.9
4
4.1
VVCC-HYS
VCC Threshold Hysteresis
140
mV
tD-VCC
VCC UVLO/UVP Debounce Time
8
µs
VDD, NBASE, BOOT1, BOOT2, SW1, SW2
VVDD
VDD Controller Regulation
VVIN = 6V to 18V
4.6
4.85
5.1
V
Voltage
VNBASE
VIN-to-NBASE Dropout
VVIN − 5.5V, 700 mV source connected from
330
mV
VDD to NBASE, INBASE = 5 mA
VVIN − 5.5V, 700 mV source connected from
130
VDD to NBASE, INBASE = 1 mA
VNBASE-REG
NBASE Load Regulation
VVIN = 18V, 700 mV source connected from
4
mV
VDD to NBASE, INBASE steps 1 mA to 5 mA
IVDD
VDD Operating Current from
VVDD = VVIN = VVCC = 5.5V, fSW = 300 kHz,
1
mA
External Power Supply
Gate Drivers unloaded
IVDD-SD
VDD Shutdown Current
VEN = 0V, VVIN = 12V, VVDD = 5V
2
30
µA
INBASE-CL
NBASE Current Limit
VNBASE = VVDD + 0.7V, ΔVVDD = −100 mV
5.8
10
mA
VNBASE = VVDD = 0V
20
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM3754


Número de pieza similar - LM3754

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM3754 NSC-LM3754 Datasheet
1Mb / 20P
   Evaluation Board evaluation board is designed to provide
LM3754SQ NSC-LM3754SQ Datasheet
1Mb / 38P
   Scalable 2-Phase Synchronous Buck Controllers with Integrated FET Drivers and Linear Regulator Controller
logo
Texas Instruments
LM3754SQ/NOPB TI1-LM3754SQ/NOPB Datasheet
1Mb / 49P
[Old version datasheet]   LM3753 Scalable 2-Phase Synchronous Buck Controller with Integrated FET Drivers and Linear Regulator Controller
logo
National Semiconductor ...
LM3754SQX NSC-LM3754SQX Datasheet
1Mb / 38P
   Scalable 2-Phase Synchronous Buck Controllers with Integrated FET Drivers and Linear Regulator Controller
logo
Texas Instruments
LM3754SQX/NOPB TI1-LM3754SQX/NOPB Datasheet
1Mb / 49P
[Old version datasheet]   LM3753 Scalable 2-Phase Synchronous Buck Controller with Integrated FET Drivers and Linear Regulator Controller
More results

Descripción similar - LM3754

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM3753 TI1-LM3753 Datasheet
1Mb / 49P
[Old version datasheet]   LM3753 Scalable 2-Phase Synchronous Buck Controller with Integrated FET Drivers and Linear Regulator Controller
logo
National Semiconductor ...
LM3753 NSC-LM3753 Datasheet
1Mb / 38P
   Scalable 2-Phase Synchronous Buck Controllers with Integrated FET Drivers and Linear Regulator Controller
logo
Texas Instruments
TPS40131 TI-TPS40131 Datasheet
1Mb / 46P
[Old version datasheet]   TWO-PHASE, SYNCHRONOUS BUCK CONTROLLER WITH INTEGRATED MOSFET DRIVERS
TPS40132 TI-TPS40132_15 Datasheet
1Mb / 42P
[Old version datasheet]   TWO-PHASE, SYNCHRONOUS BUCK CONTROLLER WITH INTEGRATED MOSFET DRIVERS
TPS40132 TI-TPS40132 Datasheet
1Mb / 40P
[Old version datasheet]   TWO-PHASE, SYNCHRONOUS BUCK CONTROLLER WITH INTEGRATED MOSFET DRIVERS
TPS40131 TI-TPS40131_15 Datasheet
1Mb / 41P
[Old version datasheet]   TWO-PHASE, SYNCHRONOUS BUCK CONTROLLER WITH INTEGRATED MOSFET DRIVERS
TPS40130DBTR TI1-TPS40130DBTR Datasheet
1Mb / 39P
[Old version datasheet]   TWO-PHASE, SYNCHRONOUS BUCK CONTROLLER WITH INTEGRATED MOSFET DRIVERS
TPS40130 TI-TPS40130 Datasheet
748Kb / 10P
[Old version datasheet]   TWO-PHASE, SYNCHRONOUS BUCK CONTROLLER WITH INTEGRATED MOSFET DRIVERS
logo
ON Semiconductor
NCP5383 ONSEMI-NCP5383_1 Datasheet
399Kb / 15P
   2 Phase Buck Controller with Integrated Gate Drivers and AVP
December, 2007 - Rev. 3
NCP81278 ONSEMI-NCP81278 Datasheet
199Kb / 13P
   Compact 2-Phase Synchronous Buck Controller with Integrated Gate Drivers and PWM VID Interface
May, 2016 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com