Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM5085 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM5085
Descripción Electrónicos  75V Constant On-Time PFET Buck Switching Controller
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM5085 Datasheet(HTML) 4 Page - Texas Instruments

  LM5085 Datasheet HTML 1Page - Texas Instruments LM5085 Datasheet HTML 2Page - Texas Instruments LM5085 Datasheet HTML 3Page - Texas Instruments LM5085 Datasheet HTML 4Page - Texas Instruments LM5085 Datasheet HTML 5Page - Texas Instruments LM5085 Datasheet HTML 6Page - Texas Instruments LM5085 Datasheet HTML 7Page - Texas Instruments LM5085 Datasheet HTML 8Page - Texas Instruments LM5085 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
LM5085, LM5085-Q1
SNVS565I – NOVEMBER 2008 – REVISED AUGUST 2015
www.ti.com
6.2 ESD Ratings: LM5085
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
±2000
V(ESD)
Electrostatic discharge
V
Charged device model (CDM), per JEDEC specification JESD22-C101,
±750
all pins(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 ESD Ratings: LM5085-Q1
MIN
VALUE
UNIT
Human body model (HBM), per AEC Q100-002(1)
±2000
Corner pins (1, 4, 5,
±750
V(ESD)
Electrostatic discharge
V
Charged device model (CDM), per
and 8)
AEC Q100-011
Other pins
±750
(1)
AEC Q100-002 indicates HBM stressing is done in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
6.4 Recommended Operating Conditions
MIN
MAX
UNIT
VIN Voltage
4.5
75
V
Junction Temperature
–40
125
°C
6.5 Thermal Information
LM5085
LM5085,
LM5085-Q1
THERMAL METRIC(1)
UNIT
DGK
NGQ
DGN
8 PINS
8 PINS
8 PINS
θJA
Junction-to-ambient thermal resistance
153
44.8
54.1
θJC(top)
Junction-to-case (top) thermal resistance
52.5
39.4
49.1
θJB
Junction-to-board thermal resistance
71.9
11.6
26.7
°C/W
ψJT
Junction-to-top characterization parameter
4.6
0.3
1.3
ψJB
Junction-to-board characterization parameter
70.8
11.6
26.5
θJC(bot)
Junction-to-case (bottom) thermal resistance
29
5.0
3.6
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6.6 Electrical Characteristics
Typical values correspond to TJ = 25°C. Minimum and maximum limits apply over –40°C to 125°C junction temperature range
unless otherwise stated. Unless otherwise stated the following conditions apply: VIN = 48 V, RT = 100kΩ.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN PIN
IIN
Operating Current
Non-Switching, FB = 1.4 V (1)
1.3
1.8
mA
IQ
Shutdown Current
RT = 0 V (1)
200
345
µA
VCC REGULATOR(2)
VCC(reg)
VIN - VCC
Vin = 9 V, FB = 1.4 V, ICC = 0 mA
6.9
7.7
8.5
V
Vin = 9 V, FB = 1.4 V, ICC = 20 mA
7.7
V
Vin = 75 V, FB = 1.4 V, ICC = 0 mA
7.7
V
UVLOVcc
VCC Under-Voltage Lock-out
VCC Increasing
3.8
V
Threshold
UVLOVcc Hysteresis
VCC Decreasing
260
mV
VCC(CL)
VCC Current Limit
FB = 1.4 V
20
40
mA
(1)
Operating current and shutdown current do not include the current in the RT resistor.
(2)
VCC provides self bias for the internal gate drive.
4
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: LM5085 LM5085-Q1


Número de pieza similar - LM5085

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM5085 NSC-LM5085 Datasheet
463Kb / 22P
   75V Constant On-Time PFET Buck Switching Controller
logo
Texas Instruments
LM5085 TI1-LM5085 Datasheet
441Kb / 23P
[Old version datasheet]   75V Constant On-Time PFET Buck Switching Controller
LM5085MM TI1-LM5085MM Datasheet
441Kb / 23P
[Old version datasheet]   75V Constant On-Time PFET Buck Switching Controller
LM5085MME TI1-LM5085MME Datasheet
441Kb / 23P
[Old version datasheet]   75V Constant On-Time PFET Buck Switching Controller
LM5085MMX TI1-LM5085MMX Datasheet
441Kb / 23P
[Old version datasheet]   75V Constant On-Time PFET Buck Switching Controller
More results

Descripción similar - LM5085

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM5085 NSC-LM5085 Datasheet
463Kb / 22P
   75V Constant On-Time PFET Buck Switching Controller
logo
Texas Instruments
LM5085 TI1-LM5085 Datasheet
441Kb / 23P
[Old version datasheet]   75V Constant On-Time PFET Buck Switching Controller
logo
National Semiconductor ...
LM25085 NSC-LM25085 Datasheet
500Kb / 24P
   42V Constant On-Time PFET Buck Switching Controller
logo
Texas Instruments
LM25085A TI1-LM25085A_15 Datasheet
1Mb / 31P
[Old version datasheet]   42V Constant On-Time PFET Buck Switching Controller
LM25085 TI-LM25085_15 Datasheet
1Mb / 34P
[Old version datasheet]   LM25085 / -Q1 42V Constant On-Time PFET Buck Switching Controller
LM25085MME TI1-LM25085MME Datasheet
1Mb / 30P
[Old version datasheet]   LM25085, LM25085-Q1 42V Constant On-Time PFET Buck Switching Controller
LM25085A TI1-LM25085A_14 Datasheet
1Mb / 31P
[Old version datasheet]   42V Constant On-Time PFET Buck Switching Controller with 0.9V Reference
logo
National Semiconductor ...
LM25085A NSC-LM25085A Datasheet
517Kb / 24P
   42V Constant On-Time PFET Buck Switching Controller with 0.9V Reference
logo
Microchip Technology
MIC2127A MICROCHIP-MIC2127A Datasheet
827Kb / 38P
   75V, Synchronous Buck Controller Featuring Adaptive On-Time Control
11/07/16
logo
Texas Instruments
LM5008A TI1-LM5008A_14 Datasheet
1Mb / 22P
[Old version datasheet]   350 mA Constant On-Time Buck Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com