Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM25118-Q1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM25118-Q1
Descripción Electrónicos  LM25118, LM25118-Q1 Wide Voltage Range Buck-Boost Controller
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM25118-Q1 Datasheet(HTML) 4 Page - Texas Instruments

  LM25118-Q1 Datasheet HTML 1Page - Texas Instruments LM25118-Q1 Datasheet HTML 2Page - Texas Instruments LM25118-Q1 Datasheet HTML 3Page - Texas Instruments LM25118-Q1 Datasheet HTML 4Page - Texas Instruments LM25118-Q1 Datasheet HTML 5Page - Texas Instruments LM25118-Q1 Datasheet HTML 6Page - Texas Instruments LM25118-Q1 Datasheet HTML 7Page - Texas Instruments LM25118-Q1 Datasheet HTML 8Page - Texas Instruments LM25118-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
RT
RAMP
AGND
SS
HS
VCC
LO
PGND
EN
FB
COMP
VOUT
VIN
UVLO
HO
HB
VCCX
CSG
CS
SYNC
1
2
3
4
8
7
6
5
9
10
11
12
13
14
15
16
17
18
19
20
Exposed Pad
on Bottom
(DAP)
LM25118, LM25118-Q1
SNVS726D – JULY 2011 – REVISED AUGUST 2014
www.ti.com
5 Pin Configuration and Functions
20 Pin HTSSOP with Exposed Pad
PWP Package
(Top View)
Pin Functions
PIN
DESCRIPTION
NUMBER
NAME
1
VIN
Input supply voltage.
If the UVLO pin is below 1.23 V, the regulator will be in standby mode (VCC regulator running, switching regulator
disabled). When the UVLO pin exceeds 1.23 V, the regulator enters the normal operating mode. An external
2
UVLO
voltage divider can be used to set an under-voltage shutdown threshold. A fixed 5 µA current is sourced out of the
UVLO pin. If a current limit condition exists for 256 consecutive switching cycles, an internal switch pulls the UVLO
pin to ground and then releases.
The internal oscillator frequency is set with a single resistor between this pin and the AGND pin. The recommended
3
RT
frequency range is 50 kHz to 500 kHz.
If the EN pin is below 0.5 V, the regulator will be in a low power state drawing less than 10 µA from VIN. EN must
4
EN
be raised above 3 V for normal operation.
Ramp control signal. An external capacitor connected between this pin and the AGND pin sets the ramp slope used
5
RAMP
for emulated current mode control.
6
AGND
Analog ground.
Soft-Start. An external capacitor and an internal 10 µA current source set the rise time of the error amp reference.
7
SS
The SS pin is held low when VCC is less than the VCC under-voltage threshold (< 3.7 V), when the UVLO pin is
low (< 1.23 V), when EN is low (< 0.5 V) or when thermal shutdown is active.
8
FB
Feedback signal from the regulated output. Connect to the inverting input of the internal error amplifier.
Output of the internal error amplifier. The loop compensation network should be connected between COMP and the
9
COMP
FB pin.
10
VOUT
Output voltage monitor for emulated current mode control. Connect this pin directly to the regulated output.
11
SYNC
Sync input for switching regulator synchronization to an external clock.
12
CS
Current sense input. Connect to the diode side of the current sense resistor.
13
CSG
Current sense ground input. Connect to the ground side of the current sense resistor.
14
PGND
Power Ground.
15
LO
Boost MOSFET gate drive output. Connect to the gate of the external boost MOSFET.
Output of the bias regulator. Locally decouple to PGND using a low ESR/ESL capacitor located as close to the
16
VCC
controller as possible.
Optional input for an externally supplied bias supply. If the voltage at the VCCX pin is greater than 3.9 V, the
17
VCCX
internal VCC regulator is disabled and the VCC pin is internally connected to VCCX pin supply. If VCCX is not
used, connect to AGND.
4
Submit Documentation Feedback
Copyright © 2011–2014, Texas Instruments Incorporated
Product Folder Links: LM25118 LM25118-Q1


Número de pieza similar - LM25118-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM25118 TI1-LM25118 Datasheet
453Kb / 28P
[Old version datasheet]   LM25118/LM25118Q Wide Voltage Range Buck-Boost Controller
LM25118MH TI1-LM25118MH Datasheet
453Kb / 28P
[Old version datasheet]   LM25118/LM25118Q Wide Voltage Range Buck-Boost Controller
LM25118MHX TI1-LM25118MHX Datasheet
453Kb / 28P
[Old version datasheet]   LM25118/LM25118Q Wide Voltage Range Buck-Boost Controller
LM25118Q1MH TI1-LM25118Q1MH Datasheet
453Kb / 28P
[Old version datasheet]   LM25118/LM25118Q Wide Voltage Range Buck-Boost Controller
LM25118Q1MHX TI1-LM25118Q1MHX Datasheet
453Kb / 28P
[Old version datasheet]   LM25118/LM25118Q Wide Voltage Range Buck-Boost Controller
More results

Descripción similar - LM25118-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM25118 TI1-LM25118 Datasheet
453Kb / 28P
[Old version datasheet]   LM25118/LM25118Q Wide Voltage Range Buck-Boost Controller
LM5118 TI-LM5118_15 Datasheet
1Mb / 44P
[Old version datasheet]   Wide Voltage Range Buck-Boost Controller
logo
National Semiconductor ...
LM5118_0805 NSC-LM5118_0805 Datasheet
499Kb / 26P
   Wide Voltage Range Buck-Boost Controller
logo
Texas Instruments
LM5118Q1MH TI-LM5118Q1MH Datasheet
1Mb / 37P
[Old version datasheet]   Wide Voltage Range Buck-Boost Controller
LM5118 TI1-LM5118_14 Datasheet
1Mb / 37P
[Old version datasheet]   Wide Voltage Range Buck-Boost Controller
logo
National Semiconductor ...
LM5118 NSC-LM5118 Datasheet
499Kb / 26P
   Wide Voltage Range Buck-Boost Controller
logo
Texas Instruments
LM5118Q1MHX-NOPB TI1-LM5118Q1MHX-NOPB Datasheet
1Mb / 37P
[Old version datasheet]   Wide Voltage Range Buck-Boost Controller
LM5141-Q1 TI-LM5141-Q1_V01 Datasheet
2Mb / 49P
[Old version datasheet]   LM5141-Q1 Wide Input Range Synchronous Buck Controller
LM5088QMH-1 TI-LM5088QMH-1 Datasheet
1Mb / 36P
[Old version datasheet]   LM5088, LM5088-Q1 Wide Input Range Non-Synchronous Buck Controller
LM25088 TI-LM25088_15 Datasheet
1Mb / 39P
[Old version datasheet]   LM25088, LM25088-Q1 Wide Input Range Non-Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com