Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM72445 Datasheet(PDF) 10 Page - Texas Instruments

No. de pieza SM72445
Descripción Electrónicos  SM72445 Programmable Maximum Power Point Tracking Controller With Adjustable PWM Frequency
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SM72445 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SM72445_15 Datasheet HTML 6Page - Texas Instruments SM72445_15 Datasheet HTML 7Page - Texas Instruments SM72445_15 Datasheet HTML 8Page - Texas Instruments SM72445_15 Datasheet HTML 9Page - Texas Instruments SM72445_15 Datasheet HTML 10Page - Texas Instruments SM72445_15 Datasheet HTML 11Page - Texas Instruments SM72445_15 Datasheet HTML 12Page - Texas Instruments SM72445_15 Datasheet HTML 13Page - Texas Instruments SM72445_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
SM72445
PM_OUT
PM
Pulse High
SM72482
IN_A
IN_B
2.00k
Square Wave
VCC
VEE
10V
0.47 PF
OUT_A
OUT_B
10k
499 0.47 PF
150 pF
499
10k
PV (+)
VOUT (+)
Panel Mode FETs
20 - 40ms
(Frequency
dependent)
Fast
Slow
No Slew
600 ms
1200 ms
40V
30V
'V = 10V
SM72445
SNVS795 – MARCH 2012
www.ti.com
MPPT Exit Threshold and MPPT Start Threshold: These are the hysteretic thresholds for Iout_th read on pin
AIOUT. The values are expressed as a fraction of the voltage at pin VDDA. AIOUT is the output current sensing
pin and should be connected to the output of a current sense amplifier. For example, with a current sense
amplification of 0.5V/A provided by an external current sense resistor and amplifier and assuming VDDA=5V and
A6=0.94V, the output current threshold to bring the device out of stand-by mode will be 0.39A.
Starting Boost Ratio: This is the end-point of the soft-start voltage ramp expressed as a ratio of VOUT/VIN. 1:1
ratio means it stops when Vout = Vin, whereas a 1:1.2 ratio means it stops when Vout = 1.2 x Vin.
DEAD-TIME
The dead time of the switches to avoid cross conduction of the buck FETs and boost FETs depends on the
switching frequency set: it is equal to (3/256) x 1/fSWITCH. When the IC is programmed for 215 kHz operation, the
dead time between HIA and LOA and between HIB and LOB will be 55ns.
PANEL MODE PIN (PM)
The SM72445 can be forced into Panel Mode by pulling the PM pin low. One sample application is to connect
this pin to the output of an external temperature sensor; therefore whenever an over-temperature condition is
detected the chip will enter Panel Mode.
Once Panel Mode is enabled, either when the unit is running in MPPT mode with a 1:1 conversion ratio or when
PM is pulled low, the PM_OUT pin will output a 440 kHz square wave signal. Using a gate driver and
transformer, this square wave signal can then be used to drive a Panel Mode FET as shown in Figure 11.
Figure 10. Slew Rate Limitation Circuit
Figure 11. Sample Application for Panel Mode Operation
RESET PIN
When the reset pin is pulled low, the chip will cease its normal operation and turn-off all of its PWM outputs
including the output of PM_OUT pin. Below is an oscilloscope capture of a forced reset condition.
10
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: SM72445


Número de pieza similar - SM72445_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SM72445MT TI1-SM72445MT Datasheet
350Kb / 19P
[Old version datasheet]   Programmable Maximum Power Point Tracking Controller With Adjustable PWM Frequency
SM72445MTE TI1-SM72445MTE Datasheet
350Kb / 19P
[Old version datasheet]   Programmable Maximum Power Point Tracking Controller With Adjustable PWM Frequency
SM72445MTX TI1-SM72445MTX Datasheet
350Kb / 19P
[Old version datasheet]   Programmable Maximum Power Point Tracking Controller With Adjustable PWM Frequency
More results

Descripción similar - SM72445_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SM72445 TI1-SM72445 Datasheet
350Kb / 19P
[Old version datasheet]   Programmable Maximum Power Point Tracking Controller With Adjustable PWM Frequency
logo
National Semiconductor ...
SM72442 NSC-SM72442 Datasheet
420Kb / 14P
   Programmable Maximum Power Point Tracking Controller for Photovoltaic Solar Panels
logo
Texas Instruments
SM72442 TI-SM72442_15 Datasheet
753Kb / 21P
[Old version datasheet]   Programmable Maximum Power Point Tracking Controller for Photovoltaic Solar Panels
SM72441 TI-SM72441_15 Datasheet
702Kb / 15P
[Old version datasheet]   SM72441 Programmable Maximum Power Point Tracking Controller for Photovoltaic Solar Panels
logo
NXP Semiconductors
MPT612 NXP-MPT612 Datasheet
617Kb / 37P
   Maximum power point tracking IC
Rev.2-14 September 2010
logo
Texas Instruments
BQ24650 TI-BQ24650 Datasheet
2Mb / 33P
[Old version datasheet]   Synchronous Switch-Mode Battery Charge Controller for Solar Power With Maximum Power Point Tracking
BQ24650EVM-639 TI1-BQ24650EVM-639 Datasheet
2Mb / 33P
[Old version datasheet]   Synchronous Switch-Mode Battery Charge Controller for Solar Power With Maximum Power Point Tracking
logo
Linear Technology
LT8490 LINER-LT8490_15 Datasheet
600Kb / 42P
   High Voltage, High Current Buck-Boost Battery Charge Controller with Maximum Power Point Tracking
logo
Texas Instruments
UCC1807-1 TI1-UCC1807-1 Datasheet
3Mb / 16P
[Old version datasheet]   Programmable Maximum Duyt Cycle PWM Controller
UCC1807 TI-UCC1807 Datasheet
314Kb / 11P
[Old version datasheet]   Programmable Maximum Duty Cycle PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com