Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM3320AGA Datasheet(PDF) 7 Page - Nippon Precision Circuits Inc

No. de pieza SM3320AGA
Descripción Electrónicos  Dark current compensation circuit built-in for stable signal output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NPC [Nippon Precision Circuits Inc]
Página de inicio  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM3320AGA Datasheet(HTML) 7 Page - Nippon Precision Circuits Inc

Back Button SM3320AGA Datasheet HTML 3Page - Nippon Precision Circuits Inc SM3320AGA Datasheet HTML 4Page - Nippon Precision Circuits Inc SM3320AGA Datasheet HTML 5Page - Nippon Precision Circuits Inc SM3320AGA Datasheet HTML 6Page - Nippon Precision Circuits Inc SM3320AGA Datasheet HTML 7Page - Nippon Precision Circuits Inc SM3320AGA Datasheet HTML 8Page - Nippon Precision Circuits Inc SM3320AGA Datasheet HTML 9Page - Nippon Precision Circuits Inc SM3320AGA Datasheet HTML 10Page - Nippon Precision Circuits Inc SM3320AGA Datasheet HTML 11Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
SM3320AGA
SEIKO NPC CORPORATION - 7
AC Characteristics
Data Write Mode
Recommended operating conditions using reference circuit, unless otherwise noted.
Parameter
Symbol
Conditions
MIN
TYP
MAX
Unit
Write clock LOW-level pulse width
twlw
CLK pin
40
-
-
ns
Write clock HIGH-level pulse width
twhw
CLK pin
40
-
-
ns
Data setup time 1
tsu1
Between SE-CLK
40
-
-
ns
Data setup time 2
tsu2
Between DATA-CLK
40
-
-
ns
Data hold time 1
th1
Between SE-CLK
140
-
-
ns
Data hold time 2
th2
Between DATA-CLK
40
-
-
ns
Write clock frequency
fclkw
-
-
10
MHz
Settling time
tst
OUT pin, 100pF load, 1V output
amplitude variation, time to
reach 95% level
-
-
2
μs
Output disable time*1
tz
OUT pin
-
0.1
-
μs
Input capacitance*2
CI
SE,OE,CLK,DATApins
-
5
-
pF
Output capacitance*2
CO
OUT pin
-
5
-
pF
Interface wait time
tsi
100
-
-
ns
*1. Design value: Provided as a measure for the output control time.
*2. Design value: Indicates the terminal capacitance per pin. Provided as a guide for when designing the circuit board.
LOW/HIGH-level switch timing measured with respect to 0.5VDD reference level, unless otherwise noted.
Data Read Mode
Recommended operating conditions using reference circuit, unless otherwise noted.
Parameter
Symbol
Conditions
MIN
TYP
MAX
Unit
Read clock LOW-level pulse width
twlr
CLK pin
500
-
-
ns
Read clock HIGH-level pulse width
twhr
CLK pin
500
-
-
ns
Read clock frequency
fclkr
-
-
1
MHz
SE hold time
tse
Between SE-CLK
500
-
-
ns
Read-out data delay time
tRD
DATApin, load capacitance=100pF
-
-
400
ns
LOW/HIGH-level switch timing measured with respect to 0.5VDD reference level, unless otherwise noted.
OE
SE
DATA
CLK
twlw
twhw
tsu1
tsu2
th1
th2
1/fclkw
tz
tst
OUT
95%
100%
R/W
A2
12
3
15
16
A1
GS1
GS0
tsi
SE
DATA
CLK
twlr
twhr
1/fclkr
A2
R/W
A1
12
3
8
915
16
tRD
7
GS0
GS1
CS1
CS0
-
-
tse
OE
"L" or open
tZZ


Número de pieza similar - SM3320AGA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nippon Precision Circui...
SM3320A NPC-SM3320A Datasheet
483Kb / 15P
   High-sensitivity preamplifier for ultraviolet to infrared detection using a single IC
More results

Descripción similar - SM3320AGA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nippon Precision Circui...
SM3322ARA NPC-SM3322ARA Datasheet
304Kb / 14P
   Dark current compensation circuit built-in for stable signal output
logo
ON Semiconductor
NOA1211 ONSEMI-NOA1211 Datasheet
148Kb / 9P
   Ambient Light Sensor with Dark Current Compensation
March, 2011 ??Rev. 0
NOA1212 ONSEMI-NOA1212 Datasheet
158Kb / 9P
   Ambient Light Sensor with Dark Current Compensation
August, 2012 ??Rev. 1
logo
Sanken electric
SAP16N SANKEN-SAP16N Datasheet
36Kb / 1P
   Built-in temperature compensation diodes
SAP09P SANKEN-SAP09P Datasheet
45Kb / 1P
   BUILT-IN TEMPERATURE COMPENSATION DIODES
SAP16P SANKEN-SAP16P Datasheet
36Kb / 1P
   Built-in temperature compensation diodes
logo
Delta Electronics, Inc.
DRL-24V240W1AX DELTA-DRL-24V240W1AX Datasheet
860Kb / 15P
   Built-in constant current circuit for reactive loads
logo
Sanken electric
SAP09N SANKEN-SAP09N Datasheet
46Kb / 1P
   BUILT-IN TEMPERATURE COMPENSATION DIODES / BUILT-IN EMITTER RESISTOR DARLINGTON
logo
SIFIRST TECHNOLOGIES NA...
SF6010R SIFIRST-SF6010R Datasheet
152Kb / 2P
   Built-in AC Line CC Compensation
logo
Rohm
BUXXSD5WG-E ROHM-BUXXSD5WG-E Datasheet
513Kb / 16P
   Built-in Over Current Protection Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com