Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM6661A Datasheet(PDF) 8 Page - Nippon Precision Circuits Inc

No. de pieza SM6661A
Descripción Electrónicos  Post-amplifier for Gyroscope
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NPC [Nippon Precision Circuits Inc]
Página de inicio  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM6661A Datasheet(HTML) 8 Page - Nippon Precision Circuits Inc

Back Button SM6661A Datasheet HTML 4Page - Nippon Precision Circuits Inc SM6661A Datasheet HTML 5Page - Nippon Precision Circuits Inc SM6661A Datasheet HTML 6Page - Nippon Precision Circuits Inc SM6661A Datasheet HTML 7Page - Nippon Precision Circuits Inc SM6661A Datasheet HTML 8Page - Nippon Precision Circuits Inc SM6661A Datasheet HTML 9Page - Nippon Precision Circuits Inc SM6661A Datasheet HTML 10Page - Nippon Precision Circuits Inc SM6661A Datasheet HTML 11Page - Nippon Precision Circuits Inc SM6661A Datasheet HTML 12Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
SM6661A
SEIKO NPC CORPORATION —8
Frequency characteristics setting
The frequency characteristics of SM6661A is adjustable by changing the value of external capacitors C1 and
C2. The lower cutoff frequency “fCL” and upper cutoff frequency “fCH” are determined by the formula below;
(These values should be set to meet the condition “fCL < fCH”, in order to construct the band-pass filter.)
External components setting
The values of R1 and C1 should be set considering the time constant (τ) that is determined by the formula
below;
The R2 resistor value is determined by R1 resistor value and output gain setting. Note that the offset voltage
increases as the R2 value increases. The R2 recommended value is 27kΩ to 330kΩ.
Sleep Mode Function
The SM6661A has the sleep mode function. When SLEEP pin set to “High”, the SM6661A operation becomes
sleep mode. In sleep mode operation, the current consumption becomes up to 1.0
µA and VSIG_OUT1 and
VSIG_OUT2 pins are setting high-impedance.
Control pin
SM6661A operation
SLEEP
LOW
Normal operation
HIGH
Sleep mode
fCL =
[Hz]
1
(2
π × R1 × C1)
fCH =
[Hz]
1
(2
π × R2 × C2)
τ = R1 × C1 [s]


Número de pieza similar - SM6661A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
DB Unlimited.
SM660408-1 DBUNLIMITED-SM660408-1 Datasheet
712Kb / 1P
   Released from Engineering
logo
SeCoS Halbleitertechnol...
SM660D SECOS-SM660D Datasheet
295Kb / 2P
   6.0AMP Surface Mount Schottky Barrier Rectifiers
logo
Nippon Precision Circui...
SM6610 NPC-SM6610 Datasheet
106Kb / 7P
   CMOS Monolithic Analog Output Temperature Sensor IC
SM6610AD NPC-SM6610AD Datasheet
84Kb / 6P
   CMOS Monolithic Temperature Sensor IC
SM6610AH NPC-SM6610AH Datasheet
84Kb / 6P
   CMOS Monolithic Temperature Sensor IC
More results

Descripción similar - SM6661A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXB1573R SONY-CXB1573R Datasheet
332Kb / 21P
   Post-Amplifier for Optical Fiber Communication Receiver
CXB1577Q SONY-CXB1577Q Datasheet
339Kb / 22P
   Post-Amplifier for Optical Fiber Communication Receiver
CXB1810FN SONY-CXB1810FN Datasheet
190Kb / 17P
   Post Amplifier for Optical Fiber Communication Receiver
CXB1572Q SONY-CXB1572Q Datasheet
300Kb / 16P
   Post amplifier for Optical Fiber Communication Receiver
CXB1577R SONY-CXB1577R Datasheet
328Kb / 21P
   Post-Amplifier for Optical Fiber Communication Receiver
logo
ON Semiconductor
MC10SX1125 ONSEMI-MC10SX1125 Datasheet
81Kb / 5P
   FIBER OPTIC POST AMPLIFIER
1996 REV 1
logo
Arizona Microtek, Inc
AZ88923 AZM-AZ88923_12 Datasheet
392Kb / 6P
   High Speed Limiting Post Amplifier
logo
TDK Electronics
ITG-3050 TDK-ITG-3050 Datasheet
1Mb / 42P
   MEMS gyroscope
logo
Arizona Microtek, Inc
AZ88943 AZM-AZ88943 Datasheet
56Kb / 5P
   High-Speed Limiting Post Amplifier
AZ88923 AZM-AZ88923 Datasheet
57Kb / 5P
   High-Speed Limiting Post Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com