Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TEA18361LT Datasheet(PDF) 10 Page - NXP Semiconductors

No. de pieza TEA18361LT
Descripción Electrónicos  GreenChip SMPS control IC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA18361LT Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TEA18361LT Datasheet HTML 6Page - NXP Semiconductors TEA18361LT Datasheet HTML 7Page - NXP Semiconductors TEA18361LT Datasheet HTML 8Page - NXP Semiconductors TEA18361LT Datasheet HTML 9Page - NXP Semiconductors TEA18361LT Datasheet HTML 10Page - NXP Semiconductors TEA18361LT Datasheet HTML 11Page - NXP Semiconductors TEA18361LT Datasheet HTML 12Page - NXP Semiconductors TEA18361LT Datasheet HTML 13Page - NXP Semiconductors TEA18361LT Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
TEA18361LT
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 2 — 12 December 2013
10 of 29
NXP Semiconductors
TEA18361LT
GreenChip SMPS control IC
[1]
When the voltage on the PROTECT pin is between Vth(pd)PROTECT and Vdet(PROTECT), the clock of the delay
counter is changed from the driver pulse to 1 ms internal pulse.
When the system stops switching, the VCC pin is not supplied via the auxiliary winding
anymore. Depending on the protection triggered, the VCC is regulated to Vstartup via the
HV pin (see Table 3).
Releasing the latched protections or shortening the safe restart timer can be achieved by
removing or shorting the mains voltage. This is called a fast latch reset. It is mainly used
to shorten the test time in production (See Section 7.6.8).
7.6.1 OverPower Protection (OPP)
The overpower function is used to realize a maximum output power which is nearly
constant over the full input mains.
The overpower compensation circuit measures the input voltage via the AUX pin and
outputs two reference voltages (see Figure 1). If the measured voltage at the ISENSE pin
exceeds the highest reference voltage (Vopc(ISENSE)) the DRIVER output is pulled low. If
the measured ISENSE voltage exceeds the lower reference voltage (Vopp(ISENSE)), the
OverPower counter starts. Both reference voltages depend on the measured input
voltage. In this way the system allows 150 % overpower over the rated power on a
cycle-by-cycle base. 100 % overpower triggers the overpower counter of 200 ms. Figure 9
shows the overpower protection curves.
Table 3.
Protections
Protection
Delay
Action
VCC regulated
AUX open
no
wait until AUX is
connected
no
brownout
30 ms
wait until
Vmains >Vbrownin
yes
maximum on-time
no
safe restart 800 ms
yes
OTP internal
no
latch
yes
OTP via the PROTECT
pin
2 ms to 4 ms
latch
yes
OVP via the AUX pin
4 driver pulses[1]
latch
yes
overpower
compensation
no
via AUX;
cycle-by-cycle
-
overpower time-out
40 ms or 200 ms
latch
yes
overpower + UVLO
no
latch
yes
overcurrent protection
blanking time
cycle-by-cycle
no
UVLO
no
Wait until VCC >Vstartup yes


Número de pieza similar - TEA18361LT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TEA18361LT NXP-TEA18361LT Datasheet
369Kb / 27P
   GreenChip SMPS control IC
Rev. 1 - 21 November 2022
TEA18361LT/2 NXP-TEA18361LT/2 Datasheet
369Kb / 27P
   GreenChip SMPS control IC
Rev. 1 - 21 November 2022
TEA18361LT2 NXP-TEA18361LT2 Datasheet
369Kb / 27P
   GreenChip SMPS control IC
Rev. 1 - 21 November 2022
TEA18361LT NXP-TEA18361LT_V01 Datasheet
369Kb / 27P
   GreenChip SMPS control IC
Rev. 1 - 21 November 2022
More results

Descripción similar - TEA18361LT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TEA1506 PHILIPS-TEA1506 Datasheet
122Kb / 22P
   GreenChip SMPS control IC
2003 Sep 09
TEA1731TS PHILIPS-TEA1731TS Datasheet
245Kb / 19P
   GreenChip SMPS control IC
Rev. 2.1-16 August 2012
TEA1733CP NXP-TEA1733CP Datasheet
372Kb / 20P
   GreenChip SMPS control IC
Rev. 2-15 July 2013
TEA1733CT PHILIPS-TEA1733CT Datasheet
374Kb / 20P
   GreenChip SMPS control IC
Rev. 2-16 July 2013
TEA1732TS PHILIPS-TEA1732TS Datasheet
215Kb / 20P
   GreenChip SMPS control IC
Rev. 1-18 March 2014
TEA1833TS PHILIPS-TEA1833TS Datasheet
258Kb / 25P
   GreenChip SMPS control IC
Rev. 1-31 August 2015
TEA1733LT NXP-TEA1733LT Datasheet
149Kb / 21P
   GreenChip SMPS control IC
Rev. 8 ??16 July 2013
TEA1738T NXP-TEA1738T_V01 Datasheet
218Kb / 21P
   GreenChip SMPS control IC
Rev. 2-14 January 2011
TEA1833TS NXP-TEA1833TS_V01 Datasheet
335Kb / 24P
   GreenChip SMPS control IC
Rev. 1.1 - 8 February 2023
TEA18363T NXP-TEA18363T_V01 Datasheet
356Kb / 28P
   GreenChip SMPS control IC
Rev. 1 - 6 March 2023
TEA1504 PHILIPS-TEA1504 Datasheet
111Kb / 20P
   GreenChip SMPS control IC
1999 Dec 07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com