Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TEA1732LTS Datasheet(PDF) 7 Page - NXP Semiconductors

No. de pieza TEA1732LTS
Descripción Electrónicos  GreenChip SMPS control IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1732LTS Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TEA1732LTS Datasheet HTML 3Page - NXP Semiconductors TEA1732LTS Datasheet HTML 4Page - NXP Semiconductors TEA1732LTS Datasheet HTML 5Page - NXP Semiconductors TEA1732LTS Datasheet HTML 6Page - NXP Semiconductors TEA1732LTS Datasheet HTML 7Page - NXP Semiconductors TEA1732LTS Datasheet HTML 8Page - NXP Semiconductors TEA1732LTS Datasheet HTML 9Page - NXP Semiconductors TEA1732LTS Datasheet HTML 10Page - NXP Semiconductors TEA1732LTS Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
TEA1732LTS
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 1 — 18 March 2014
7 of 20
NXP Semiconductors
TEA1732LTS
GreenChip SMPS control IC
7.7 Overpower timer
A temporary overload situation is allowed. If Vctrl(Ipeak) (see Figure 1) set by pin CTRL
exceeds 400 mV, an internal timer is started. If the overload situation continues to exist for
more than 180 ms (typical), an OverPower Protection (OPP) is triggered (see Figure 7).
The TEA1732LTS enters the overpower restart mode when the overload time-out is
reached. In overpower restart mode, the VCC capacitor is discharged to UVLO level and
then charged to the start-up level three times before the converter switches again.
7.8 Current mode control (pin ISENSE)
Current mode control is used because it ensures a good line regulation.
Pin ISENSE senses the primary current across external resistor R6 and compares it with
an internal control voltage. The internal control voltage is proportional to the CTRL pin
voltage (see Figure 8).
Fig 7.
Overpower delay


Número de pieza similar - TEA1732LTS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TEA1732CTS PHILIPS-TEA1732CTS Datasheet
215Kb / 20P
   GreenChip SMPS control IC
Rev. 1-18 March 2014
TEA1732TS PHILIPS-TEA1732TS Datasheet
215Kb / 20P
   GreenChip SMPS control IC
Rev. 1-18 March 2014
More results

Descripción similar - TEA1732LTS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TEA1506 PHILIPS-TEA1506 Datasheet
122Kb / 22P
   GreenChip SMPS control IC
2003 Sep 09
TEA1731TS PHILIPS-TEA1731TS Datasheet
245Kb / 19P
   GreenChip SMPS control IC
Rev. 2.1-16 August 2012
TEA1733CP NXP-TEA1733CP Datasheet
372Kb / 20P
   GreenChip SMPS control IC
Rev. 2-15 July 2013
TEA1733CT PHILIPS-TEA1733CT Datasheet
374Kb / 20P
   GreenChip SMPS control IC
Rev. 2-16 July 2013
TEA1732TS PHILIPS-TEA1732TS Datasheet
215Kb / 20P
   GreenChip SMPS control IC
Rev. 1-18 March 2014
TEA1833TS PHILIPS-TEA1833TS Datasheet
258Kb / 25P
   GreenChip SMPS control IC
Rev. 1-31 August 2015
TEA1733LT NXP-TEA1733LT Datasheet
149Kb / 21P
   GreenChip SMPS control IC
Rev. 8 ??16 July 2013
TEA1738T NXP-TEA1738T_V01 Datasheet
218Kb / 21P
   GreenChip SMPS control IC
Rev. 2-14 January 2011
TEA1833TS NXP-TEA1833TS_V01 Datasheet
335Kb / 24P
   GreenChip SMPS control IC
Rev. 1.1 - 8 February 2023
TEA18363T NXP-TEA18363T_V01 Datasheet
356Kb / 28P
   GreenChip SMPS control IC
Rev. 1 - 6 March 2023
TEA1504 PHILIPS-TEA1504 Datasheet
111Kb / 20P
   GreenChip SMPS control IC
1999 Dec 07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com